Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2Q5 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # C2Q5
Description  Surface Mount Very Fast-Acting Chip Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

C2Q5 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  C2Q5 Datasheet HTML 1Page - Bel Fuse Inc. C2Q5 Datasheet HTML 2Page - Bel Fuse Inc. C2Q5 Datasheet HTML 3Page - Bel Fuse Inc. C2Q5 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
0603 Size
Type C2Q
Surface Mount Very Fast-Acting Chip Fuse
0603 Size
RoHS 6 Compliant
Pb
Features
C2Q May2012D
C2Q Series Fuse
Features
- Fast Acting
- Small size,0603 SMD
- Current rating from 250mA to 5A
- Wide operating temperature range from -55oC to 125oC
- Tape and Reel for automatic SMD placement
- Compatible with reflow and wave soldering
- RoHS6 compliant
- Halogen Free
Electrical Characteristics (UL STD.248-14)
Applications
- Halogen Free
- Leadfree
- Notebook
- LCD monitor
- PC computer
- Office electronic equipment
- Industrial equipment
LEAD FREE =
Pb
HALOGEN FREE =
HF
SAFETY
AMPERE RANGE / VOLT
SAFETY
AGENCY
Safety Agency Approvals
- Industrial equipment
- Medical equipment
- POE, POE+
- LCD / LED monitor
- Power supply
- LCD / LED TV
- DC-DC Converter
SAFETY
AGENCY
5A / 32V AC & DC @ 50A
E20624
250mA - 4A / 32V AC @ 35A
and 63V DC @ 50A
AMPERE RANGE / VOLT
@ I.R.ABILITY
AGENCY
CERTIFICATE
250mA - 4A / 32V AC @ 35A
and 63V DC @ 50A
5A / 32V AC & DC @ 50A
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 ‧Tel: 201-432-0463 ‧Fax: 201-432-9542 ‧E-Mail: belfuse@belf.com
Website: www.belfuse.com
Specifications Subject to change without notice.


Similar Part No. - C2Q5

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
C2Q5 BEL-C2Q5 Datasheet
91Kb / 2P
   Surface Mount Very Fast-Acting Chip Fuse
C2Q5 BEL-C2Q5 Datasheet
1Mb / 4P
   SURFACE MOUNT VERY FAST-ACTING CHIP FUSE
C2Q500 BEL-C2Q500 Datasheet
91Kb / 2P
   Surface Mount Very Fast-Acting Chip Fuse
C2Q500 BEL-C2Q500 Datasheet
1Mb / 4P
   SURFACE MOUNT VERY FAST-ACTING CHIP FUSE
More results

Similar Description - C2Q5

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
C1Q BEL-C1Q_17 Datasheet
1Mb / 4P
   SURFACE MOUNT VERY FAST-ACTING CHIP FUSE
C2Q BEL-C2Q_17 Datasheet
1Mb / 4P
   SURFACE MOUNT VERY FAST-ACTING CHIP FUSE
C1Q BEL-C1Q_12 Datasheet
878Kb / 4P
   Surface Mount Very Fast-Acting Chip Fuse
C1Q BEL-C1Q Datasheet
92Kb / 2P
   Surface Mount Very Fast-Acting Chip Fuse
C2Q BEL-C2Q Datasheet
91Kb / 2P
   Surface Mount Very Fast-Acting Chip Fuse
logo
Littelfuse
045903.5ER LITTELFUSE-045903.5ER Datasheet
330Kb / 3P
   PICO Very Fast-Acting Surface Mount Fuse
045903.5UR LITTELFUSE-045903.5UR Datasheet
330Kb / 3P
   PICO Very Fast-Acting Surface Mount Fuse
logo
Bel Fuse Inc.
CIQ BEL-CIQ Datasheet
219Kb / 2P
   Surface Mount Fast-Acting Chip Fuse
logo
Eaton All Rights Reserv...
0603FA EATON-0603FA Datasheet
684Kb / 2P
   Fast-acting Chip??surface mount fuse
3216FF EATON-3216FF Datasheet
351Kb / 2P
   Fast-acting Chip??surface mount fuse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com