Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMTS250 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # UMTS250
Description  Square Ceramic Surface Mount Time Lag Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

UMTS250 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  UMTS250 Datasheet HTML 1Page - Bel Fuse Inc. UMTS250 Datasheet HTML 2Page - Bel Fuse Inc. UMTS250 Datasheet HTML 3Page - Bel Fuse Inc. UMTS250 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RoHS 6 Compliant
Pb
Features
UMTS May2012D
UMTS Series Fuse
Type UMTS ,250V UMF
Square Ceramic Surface Mount Time Lag Fuse
RoHS 6 Compliant
Features
- Time Lag
- 250VAC Voltage Rating
- Wide range of current rating from 100mA to 6.3A
- Wide operating temperature range
- Tape and Reel for auto-insert SMD process.
- RoHS6 compliant
- Halogen Free
- Leadfree Pb
N/A
2 Min.
200%
Testing Current
Blow Time
Minimum
Maximum
125%
1 Hr.
N/A
Electrical Characteristics
Applications
- Leadfree
- Lighting system
- LCD monitor
- Office electronic equipment
- Industrial equipment
- Medical equipment
- Power supply
LEAD FREE =
Pb
HALOGEN FREE =
HF
SAFETY
N/A
2 Min.
1000%
0.01 Sec
0.1 Sec
200%
AMPERE RANGE / VOLT
SAFETY
Safety Agent Approvals
- Power supply
SAFETY
AGENCY
E315341
100mA - 6.3A / 250V @150A AC and
350V @100A AC
AMPERE RANGE / VOLT
@ I.R.ABILITY
AGENCY
CERTIFICATE
100mA - 6.3A / 250V @150A AC and
350V @100A AC
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 ‧Tel: 201-432-0463 ‧Fax: 201-432-9542 ‧E-Mail: belfuse@belf.com
Website: www.belfuse.com


Similar Part No. - UMTS250

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
UMTS250 BEL-UMTS250 Datasheet
719Kb / 2P
   Square Ceramic Surface Mount Time Lag Fuse
More results

Similar Description - UMTS250

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
UMTS100 BEL-UMTS100 Datasheet
719Kb / 2P
   Square Ceramic Surface Mount Time Lag Fuse
UMTS BEL-UMTS Datasheet
1Mb / 4P
   TYPE UMTS,250V UMF SQUARE CEREMIC SURFACE MOUNT TIME LAG FUSE
2JS BEL-2JS Datasheet
478Kb / 2P
   Time-lag Fuse Series
2JS BEL-2JS_16 Datasheet
1Mb / 4P
   Time-lag Fuse Series
5ET BEL-5ET_16 Datasheet
1Mb / 4P
   Time-lag Fuse Series
5HT BEL-5HT_16 Datasheet
1Mb / 4P
   Time-lag Fuse Series
5ST BEL-5ST_16 Datasheet
1Mb / 4P
   Time-lag Fuse Series
5VT BEL-5VT_16 Datasheet
1Mb / 4P
   Time-lag Fuse Series
logo
Bourns Electronic Solut...
SF-0603SP BOURNS-SF-0603SP Datasheet
503Kb / 4P
   Time Lag Surface Mount Fuses
SF-1206SP BOURNS-SF-1206SP Datasheet
486Kb / 4P
   Time Lag Surface Mount Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com