Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1884N Datasheet(PDF) 9 Page - Sony Corporation

Part # CXA1884N
Description  Low-voltage FM IF Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1884N Datasheet(HTML) 9 Page - Sony Corporation

Back Button CXA1884N Datasheet HTML 5Page - Sony Corporation CXA1884N Datasheet HTML 6Page - Sony Corporation CXA1884N Datasheet HTML 7Page - Sony Corporation CXA1884N Datasheet HTML 8Page - Sony Corporation CXA1884N Datasheet HTML 9Page - Sony Corporation CXA1884N Datasheet HTML 10Page - Sony Corporation CXA1884N Datasheet HTML 11Page - Sony Corporation CXA1884N Datasheet HTML 12Page - Sony Corporation CXA1884N Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
– 9 –
CXA1884N
Design Reference Values
(Ta = 25°C, Vcc = 1.4V)
Item
Mixer input resistance
Mixer input capacity
Mixer output resistance
IF input resistance
IF gain stability
Detector output resistance
OP amplifier max. input voltage
OP amplifier min. input voltage
Comparator max. input voltage
Comparator min. input voltage
OP amplifier off-set voltage
RIN (MIX)
CIN (MIX)
ROUT (MIX)
RIN (IF)
GN (IF)
ROUT (QD)
VINMAX
VINMIN
VINMAXCOMP
VINMINCOMP
VOFS
Ta = –20 to +60°C
1.3
1.44
1.44
1.28
0.05
0.05
1.6
4.0
1.8
1.8
±6
1.6
1.9
2.16
2.16
2.0
0.39
0.39
3
Symbol
Condition
Min.
Typ.
Max.
k
pF
k
k
dB
k
V
V
V
V
mV
Unit
Application Circuit
MIXER
OSC
DET
ERR
REG
LIM
15p
22p
20.945MHz
0.047µ 0.047µ
4.7k
4.7µ
(BP)
or 1µ
C1
C2
R3 R2
C3
R4
R6
C4
R5
56k
68k
0.1µ
6.8k
27k
BATT.S
DATA
AUDIO
LVA
VCC
TO RF AMP
TO 1ST MIX
TO 2nd MIX
A2
A1
2
3
4
5
6
7
8
9
10
1
11
16
17
18
19
20
12
13
14
15
CFVM455
CDB455C3
R1
Application circuits shown are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for
any problems arising out of the use of these circuits or for any infringement of third party patent and other right due to same.


Similar Part No. - CXA1884N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1810 SONY-CXA1810 Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1810AQ SONY-CXA1810AQ Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1810AR SONY-CXA1810AR Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1812 SONY-CXA1812 Datasheet
309Kb / 22P
   S-terminal Compatible Video I/O
CXA1812Q SONY-CXA1812Q Datasheet
309Kb / 22P
   S-terminal Compatible Video I/O
More results

Similar Description - CXA1884N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1184M SONY-CXA1184M Datasheet
600Kb / 16P
   LOW VOLTAGE FM IF AMPLIFIER
CXA1183M SONY-CXA1183M Datasheet
534Kb / 14P
   LOW VOLTAGE FM IF AMPLIFIER
CXA1002 SONY-CXA1002 Datasheet
415Kb / 9P
   LOW POWER FM IF AMPLIFIER
CXA1003 SONY-CXA1003 Datasheet
646Kb / 14P
   LOW POWER FM IF AMPLIFIER
CXA1402M SONY-CXA1402M Datasheet
194Kb / 8P
   LOW POWER FM IF AMPLIFIER
logo
List of Unclassifed Man...
ECG1082 ETC1-ECG1082 Datasheet
90Kb / 2P
   FM IF AMPLIFIER
logo
TOKO, Inc
TK14551V TOKO-TK14551V Datasheet
334Kb / 32P
   FM IF DETECTOR/AMPLIFIER
logo
NXP Semiconductors
SA676 NXP-SA676 Datasheet
509Kb / 22P
   Low-voltage mixer FM IF system
Rev. 3-19 July 2012
SA58640 PHILIPS-SA58640 Datasheet
396Kb / 16P
   Low-voltage mixer FM IF system
Rev. 01-1 November 2004
logo
Unisonic Technologies
MC3361BP UTC-MC3361BP_10 Datasheet
174Kb / 5P
   LOW VOLTAGE/POWER NARROW BAND FM IF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com