Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VOM160R-X001T Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VOM160R-X001T
Description  Optocoupler, Phototriac Output, Non-Zero Crossing, 0.5 kV/μs dV/dt, 600 V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VOM160R-X001T Datasheet(HTML) 1 Page - Vishay Siliconix

  VOM160R-X001T Datasheet HTML 1Page - Vishay Siliconix VOM160R-X001T Datasheet HTML 2Page - Vishay Siliconix VOM160R-X001T Datasheet HTML 3Page - Vishay Siliconix VOM160R-X001T Datasheet HTML 4Page - Vishay Siliconix VOM160R-X001T Datasheet HTML 5Page - Vishay Siliconix VOM160R-X001T Datasheet HTML 6Page - Vishay Siliconix VOM160R-X001T Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VOM160
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 22-May-12
1
Document Number: 81349
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototriac Output, Non-Zero Crossing,
0.5 kV/μs dV/dt, 600 V
DESCRIPTION
The VOM160 series phototriac consist a AlGaAs infrared
emitting diode (IRED) optically coupled to a photosensitive
non-zero crossing TRIAC packaged in a SOP-4 package. It
has a IRED trigger current of 5 mA, 7 mA, and 10 mA.
The VOM160 series phototriac isolate low-voltage logic
from 120 VAC, 240 VAC, and 380 VAC lines to control
resistive, inductive, or capacitive loads including motors,
solenoids, high current thyristors or TRIAC and relays.
FEATURES
• High static dV/dt > 0.5 kV/μs
• Input sensitivity IFT = 5 mA, 7 mA, and 10 mA
• On-state RMS current IT(RMS) = 70 mA
• 600 V peak off-state blocking voltage
• Isolation test voltage 3750 VRMS
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Consumer appliances
• Triac drives
•Solid-state relays
• Motor controls
• Office equipment
AGENCY APPROVALS
• UL1577, file no. E52744, double protection (pending)
• cUL-file no. E52744, equivalent to CSA bulletin 5A
(pending)
• VDE 0884-5, DIN EN 60747-5-5
• CQC (pending)
Notes
• For additional information on the available options refer to option information.
• The product is available only on tape and reel.
MT1
MT2
A
C
1
2
4
3
i179066
ORDERING INFORMATION
VO
M
1
6
0
X
T
PART NUMBER
AGENCY CERTIFIED/PACKAGE
TRIGGER CURRENT IFT
UL, cUL, CQC
5 mA
7 mA
10 mA
SOP-4
VOM160NT
VOM160PT
VOM160RT
VDE, UL, cUL, CQC
5 mA
7 mA
10 mA
SOP-4
VOM160N-X001T
VOM160P-X001T
VOM160R-X001T
SOP-4
7.21 mm


Similar Part No. - VOM160R-X001T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOM160RT VISHAY-VOM160RT Datasheet
143Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 0.5 kV/μs dV/dt, 600 V
01-Jan-2022
More results

Similar Description - VOM160R-X001T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOM160 VISHAY-VOM160_V01 Datasheet
143Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 0.5 kV/μs dV/dt, 600 V
01-Jan-2022
VO3052 VISHAY-VO3052_17 Datasheet
191Kb / 11P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 V
Rev. 2.2, 12-May-17
VOM3052 VISHAY-VOM3052_15 Datasheet
125Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 V
Rev. 1.5, 27-Jan-15
VOM3052 VISHAY-VOM3052 Datasheet
116Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 V
Rev. 1.3, 22-May-12
VO3052 VISHAY-VO3052_V01 Datasheet
207Kb / 11P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 V
01-Jan-2022
VO3062 VISHAY-VO3062_V01 Datasheet
210Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/μs dV/dt, 600 V
01-Jan-2022
VOM3052 VISHAY-VOM3052_V01 Datasheet
126Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 Vs
01-Jan-2022
VO3052 VISHAY-VO3052 Datasheet
130Kb / 8P
   Optocoupler, Non Zero Crossing Phototriac, 1.5 kV/uS dV/dt, 600 V
Rev. 1.5, 07-Nov-06
VO3052 VISHAY-VO3052_08 Datasheet
130Kb / 7P
   Optocoupler, Non Zero Crossing Phototriac, 1.5 kV/µs dV/dt, 600 V
Rev. 1.6, 23-Oct-08
VO3052 VISHAY-VO3052_12 Datasheet
125Kb / 6P
   Optocoupler, Phototriac Output, 1.5 kV/μs dV/dt, 600 V
Rev. 1.9, 11-Aug-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com