Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VO3053-X009T Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VO3053-X009T
Description  Optocoupler, Phototriac Output, 1.5 kV/μs dV/dt, 600 V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO3053-X009T Datasheet(HTML) 3 Page - Vishay Siliconix

  VO3053-X009T Datasheet HTML 1Page - Vishay Siliconix VO3053-X009T Datasheet HTML 2Page - Vishay Siliconix VO3053-X009T Datasheet HTML 3Page - Vishay Siliconix VO3053-X009T Datasheet HTML 4Page - Vishay Siliconix VO3053-X009T Datasheet HTML 5Page - Vishay Siliconix VO3053-X009T Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VO3052, VO3053
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 11-Aug-11
3
Document Number: 83749
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Typical values are characteristics of the device and are the result of engineering evaluations. Typical values are for information only and are
not part of the testing requirements.
Note
• As per IEC60747-5-5, 7.4.3.8.1, this optocoupler is suitable for “safe electrical insulation” only within the safety ratings. Compliance with the
safety ratings shall be ensured by means of prodective circuits.
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Reverse current
VR = 6 V
IR
10
μA
Forward voltage
IF = 30 mA
VF
1.2
1.5
V
OUTPUT
Leakage with LED off, either
direction
VDRM = 600 V
IDRM
10
500
nA
Critical rate of rise off-state voltage
VD = 400 V
dV/dtcr
1500
2000
V/μs
COUPLER
LED trigger current,
current required to latch output
VO3053
IFT
5mA
VO3052
IFT
10
mA
Peak on-state voltage,
either direction
ITM = 100 mA peak,
IF = rated IFT
VTM
1.7
3
V
Holding current, either direction
IH
200
μA
Coupling capitance
10 KHz
CIO
0.4
pF
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Climatic classification
IEC68 part 1
40/100/2
1
Pollution degree
DIN VDE 0109
2
Tracking resistance (comparative tracking index)
Insulation group Illa
CTI
175
Highest allowable overvoltage
Transient overvoltage
VIOTM
8000
Vpeak
Maximum working insulation voltage
Recurring peak
voltage
VIORM
890
Vpeak
Insulation resistance at 25 °C
VIO = 500 V
RIS
 1012
Insulation resistance at TS
VIO = 500 V
RIS
 1012
Insulation resistance at 100 °C
VIO = 500 V
RIS
 1012
Partial discharge test voltage
Method a,
Vpd = VIORM x 1.875
Vpd
1669
Vpeak
Safety limiting values -
maximum values allowed in
the event of a failure
Output power
PSO
500
mW
Input current
ISI
250
mA
Case temperature
TSI
175
°C
Minimum external air gap (clearance)
Measured from input
terminals to output
terminals, shortest distance
through air

mm
Minimum external tracking (creepage)
Measured from input
terminals to output
terminals, shortest distance
path along body

mm
Minimum external air gap (clearance)
Measured from input
terminals to output
terminals, shortest distance
through air

mm
Minimum external tracking (creepage)
Measured from input
terminals to output
terminals, shortest distance
path along body

mm


Similar Part No. - VO3053-X009T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO3053-X009T VISHAY-VO3053-X009T Datasheet
191Kb / 11P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 V
Rev. 2.2, 12-May-17
VO3053-X009T VISHAY-VO3053-X009T Datasheet
207Kb / 11P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 V
01-Jan-2022
More results

Similar Description - VO3053-X009T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO3062 VISHAY-VO3062_V01 Datasheet
210Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/μs dV/dt, 600 V
01-Jan-2022
VO3052 VISHAY-VO3052_17 Datasheet
191Kb / 11P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 V
Rev. 2.2, 12-May-17
VOM3052 VISHAY-VOM3052_15 Datasheet
125Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 V
Rev. 1.5, 27-Jan-15
VOM3052 VISHAY-VOM3052 Datasheet
116Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 V
Rev. 1.3, 22-May-12
VO3052 VISHAY-VO3052_V01 Datasheet
207Kb / 11P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 V
01-Jan-2022
VOM3052 VISHAY-VOM3052_V01 Datasheet
126Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 1.5 kV/μs dV/dt, 600 Vs
01-Jan-2022
VOM160 VISHAY-VOM160 Datasheet
117Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 0.5 kV/μs dV/dt, 600 V
Rev. 1.6, 22-May-12
VOM160 VISHAY-VOM160_V01 Datasheet
143Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 0.5 kV/μs dV/dt, 600 V
01-Jan-2022
VO3052 VISHAY-VO3052 Datasheet
130Kb / 8P
   Optocoupler, Non Zero Crossing Phototriac, 1.5 kV/uS dV/dt, 600 V
Rev. 1.5, 07-Nov-06
VO3052 VISHAY-VO3052_08 Datasheet
130Kb / 7P
   Optocoupler, Non Zero Crossing Phototriac, 1.5 kV/µs dV/dt, 600 V
Rev. 1.6, 23-Oct-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com