Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIZ902DT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIZ902DT
Description  Dual N-Channel 30 V (D-S) MOSFETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIZ902DT Datasheet(HTML) 2 Page - Vishay Siliconix

  SIZ902DT Datasheet HTML 1Page - Vishay Siliconix SIZ902DT Datasheet HTML 2Page - Vishay Siliconix SIZ902DT Datasheet HTML 3Page - Vishay Siliconix SIZ902DT Datasheet HTML 4Page - Vishay Siliconix SIZ902DT Datasheet HTML 5Page - Vishay Siliconix SIZ902DT Datasheet HTML 6Page - Vishay Siliconix SIZ902DT Datasheet HTML 7Page - Vishay Siliconix SIZ902DT Datasheet HTML 8Page - Vishay Siliconix SIZ902DT Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.vishay.com
2
Document Number: 63465
S11-2380 Rev. B, 28-Nov-11
Vishay Siliconix
SiZ902DT
New Product
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
 300 µs, duty cycle  2 %.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
Ch-1
30
V
VGS = 0 V, ID = 250 µA
Ch-2
30
VDS Temperature Coefficient
V
DS/TJ
ID = 250 µA
Ch-1
33
mV/°C
ID = 250 µA
Ch-2
33
VGS(th) Temperature Coefficient
V
GS(th)/TJ
ID = 250 µA
Ch-1
- 5
ID = 250 µA
Ch-2
- 4.6
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
Ch-1
1
2.2
V
VDS = VGS, ID = 250 µA
Ch-2
1
2.2
Gate Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
Ch-1
± 100
nA
Ch-2
± 100
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
Ch-1
1
µA
VDS = 30 V, VGS = 0 V
Ch-2
1
VDS = 30 V, VGS = 0 V, TJ = 55 °C
Ch-1
5
VDS = 30 V, VGS = 0 V, TJ = 55 °C
Ch-2
5
On-State Drain Currentb
ID(on)
VDS 5 V, VGS = 10 V
Ch-1
20
A
VDS 5 V, VGS = 10 V
Ch-2
20
Drain-Source On-State Resistanceb
RDS(on)
VGS = 10 V, ID = 13.8 A
Ch-1
0.010
0.012
VGS = 10 V, ID = 20 A
Ch-2
0.0053 0.0064
VGS = 4.5 V, ID = 12.6 A
Ch-1
0.0120 0.0145
VGS = 4.5 V, ID = 20 A
Ch-2
0.0068 0.0083
Forward Transconductanceb
gfs
VDS = 10 V, ID = 13.8 A
Ch-1
47
S
VDS = 10 V, ID = 20 A
Ch-2
63
Dynamica
Input Capacitance
Ciss
Channel-1
VDS = 15 V, VGS = 0 V, f = 1 MHz
Channel-2
VDS = 15 V, VGS = 0 V, f = 1 MHz
Ch-1
790
pF
Ch-2
2600
Output Capacitance
Coss
Ch-1
190
Ch-2
485
Reverse Transfer Capacitance
Crss
Ch-1
76
Ch-2
215
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 13.8 A
Ch-1
14
21
nC
VDS = 15 V, VGS = 10 V, ID = 20 A
Ch-2
43
65
Channel-1
VDS = 15 V, VGS = 4.5 V, ID = 13.8 A
Channel-2
VDS = 15 V, VGS = 4.5 V, ID = 20 A
Ch-1
6.8
11
Ch-2
21
32
Gate-Source Charge
Qgs
Ch-1
2.6
Ch-2
8.1
Gate-Drain Charge
Qgd
Ch-1
1.9
Ch-2
6.5
Gate Resistance
Rg
f = 1 MHz
Ch-1
0.4
2
4
Ch-2
0.3
1.5
3


Similar Part No. - SIZ902DT

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SIZ902DT TFUNK-SIZ902DT Datasheet
223Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
logo
Vishay Siliconix
SIZ902DT VISHAY-SIZ902DT Datasheet
231Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
09-Jul-2021
SIZ902DT-T1-GE3 VISHAY-SIZ902DT-T1-GE3 Datasheet
231Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
09-Jul-2021
SIZ902DT VISHAY-SIZ902DT_V01 Datasheet
231Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
09-Jul-2021
More results

Similar Description - SIZ902DT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIZ300DT VISHAY-SIZ300DT_12 Datasheet
330Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. D, 11-Jun-12
SIZ920DT VISHAY-SIZ920DT Datasheet
212Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. A, 30-Apr-12
SIZ998DT VISHAY-SIZ998DT Datasheet
244Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ918DT VISHAY-SIZ918DT_V01 Datasheet
226Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ300DT VISHAY-SIZ300DT Datasheet
269Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. B, 15-Aug-11
logo
Vishay Telefunken
SIZ902DT TFUNK-SIZ902DT Datasheet
223Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
logo
Vishay Siliconix
SIZ200DT VISHAY-SIZ200DT Datasheet
308Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ900DT VISHAY-SIZ900DT_V01 Datasheet
209Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
08-Feb-17
SIZ904DT VISHAY-SIZ904DT_V01 Datasheet
238Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
09-Jul-2021
SIZ910DT VISHAY-SIZ910DT_V01 Datasheet
167Kb / 12P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com