Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54LS222A Datasheet(PDF) 3 Page - Texas Instruments

Part # SN54LS222A
Description  16 횞 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54LS222A Datasheet(HTML) 3 Page - Texas Instruments

  SN54LS222A Datasheet HTML 1Page - Texas Instruments SN54LS222A Datasheet HTML 2Page - Texas Instruments SN54LS222A Datasheet HTML 3Page - Texas Instruments SN54LS222A Datasheet HTML 4Page - Texas Instruments SN54LS222A Datasheet HTML 5Page - Texas Instruments SN54LS222A Datasheet HTML 6Page - Texas Instruments SN54LS222A Datasheet HTML 7Page - Texas Instruments SN54LS222A Datasheet HTML 8Page - Texas Instruments SN54LS222A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SN54LS222A
16
× 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
WITH 3-STATE OUTPUTS
SDLS959A – DECEMBER 2001 – REVISED APRIL 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic diagram (positive logic)
1
11
4
2
19
18
5
7
8
9
3
17
16
14
13
12
OE
CLR
LDCK
IRE
UNCK
ORE
D0
D1
D2
D3
IR
OR
Q0
Q1
Q2
Q3
16
16
16
16
Ring
Counter
CTR
DIV 16
Write
Address
Ring
Counter
CTR
DIV 16
Read
Address
COMP
RAM
16
× 4
+
CT = 1
+
CT = 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
P
Q
1A
2A
C5
1
16
EN
≥1
1A,5D 2A
1
16
S
1D
C1
S
2D
C2
R
3D
C3
R
4D
C4
Q=P+1
P=Q+1
P=Q
EMPTY


Similar Part No. - SN54LS222A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS22 MOTOROLA-SN54LS22 Datasheet
121Kb / 4P
   DUAL 4-INPUT NAND GATE
logo
Texas Instruments
SN54LS22 TI-SN54LS22 Datasheet
246Kb / 7P
[Old version datasheet]   DUAL 4 INPUT POSITIVE NAND GATES WITH OPEN COLLECTOR OUTPUTS
logo
Motorola, Inc
SN54LS221 MOTOROLA-SN54LS221 Datasheet
193Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Texas Instruments
SN54LS221 TI-SN54LS221 Datasheet
208Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LS221 TI-SN54LS221 Datasheet
761Kb / 25P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
More results

Similar Description - SN54LS222A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS224A TI-SN74LS224A Datasheet
135Kb / 9P
[Old version datasheet]   16 횞 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH 3-STATE OUTPUTS
SN54LS224A TI1-SN54LS224A Datasheet
355Kb / 13P
[Old version datasheet]   16 횞 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES WITH 3-STATE OUTPUTS
SN74S225 TI1-SN74S225_06 Datasheet
308Kb / 13P
[Old version datasheet]   16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH 3-STATE OUTPUTS
SN74S225 TI-SN74S225 Datasheet
145Kb / 10P
[Old version datasheet]   16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH 3-STATE OUTPUTS
SN74ALS232B TI-SN74ALS232B Datasheet
124Kb / 8P
[Old version datasheet]   16 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALVC3651 TI-SN74ALVC3651 Datasheet
383Kb / 26P
[Old version datasheet]   2048 횞 36 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74LS228 TI-SN74LS228 Datasheet
149Kb / 10P
[Old version datasheet]   16 x 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH OPEN-COLLECTOR OUTPUTS
SN74ALS236 TI-SN74ALS236 Datasheet
174Kb / 11P
[Old version datasheet]   64 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS233B TI-SN74ALS233B Datasheet
112Kb / 8P
[Old version datasheet]   16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS229B TI-SN74ALS229B Datasheet
287Kb / 12P
[Old version datasheet]   16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com