Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VLMS1500 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VLMS1500
Description  Ultrabright 0402 ChipLED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMS1500 Datasheet(HTML) 3 Page - Vishay Siliconix

  VLMS1500 Datasheet HTML 1Page - Vishay Siliconix VLMS1500 Datasheet HTML 2Page - Vishay Siliconix VLMS1500 Datasheet HTML 3Page - Vishay Siliconix VLMS1500 Datasheet HTML 4Page - Vishay Siliconix VLMS1500 Datasheet HTML 5Page - Vishay Siliconix VLMS1500 Datasheet HTML 6Page - Vishay Siliconix VLMS1500 Datasheet HTML 7Page - Vishay Siliconix VLMS1500 Datasheet HTML 8Page - Vishay Siliconix VLMS1500 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
VLMS1500, VLMO1500, VLMY1500, VLMG1500, VLMB1500
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 21-May-12
3
Document Number: 82554
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Luminous intensity is tested at a current pulse duration of 25 ms
and an accuracy of ± 15 %.
The above type numbers represent the order groups which
include only a few brightness groups. Only one group will be
shipped on each reel (there will be no mixing of two groups on
each reel).In order to ensure availability, single brightness
groups will not be orderable.
In a similar manner for colors where wavelength groups are
measured and binned, single wavelength groups will be shipped
in any one reel.
In order to ensure availability, single wavelength groups will not
be orderable.
Note
• Wavelengths are tested at a current pulse duration of 25 ms and
an accuracy of ± 1 nm.
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMG1500, YELLOW GREEN
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 20 mA
IV
18
35
-
mcd
Dominant wavelength
IF = 20 mA
λd
-
571
-
nm
Peak wavelength
IF = 20 mA
λp
-
574
-
nm
Angle of half intensity
IF = 20 mA
ϕ
-± 65
-
deg
Spectral line half width
IF = 20 mA
Δλ
-15-
nm
Forward voltage
IF = 20 mA
VF
-2.0
2.4
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-40-
pF
Reverse current
VR = 5 V
IR
-
-
10
μA
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMB1500, BLUE
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 5 mA
IV
11.2
-
45
mcd
Dominant wavelength
IF = 5 mA
λd
470
-
475
nm
Peak wavelength
IF = 5 mA
λp
-
468
-
nm
Angle of half intensity
IF = 5 mA
ϕ
-± 65
-
deg
Spectral line half width
IF = 5 mA
Δλ
-25-
nm
Forward voltage
IF = 5 mA
VF
2.65
-
3.15
V
Reverse current
VR = 5 V
IR
-
-
10
μA
LUMINOUS INTENSITY CLASSIFICATION
GROUP
LUMINOUS INTENSITY (mcd)
MIN.
MAX.
L11.2
18
M18
28
N28
45
P45
71
Q
71
112
R
112
180
S
180
280
T
280
450
COLOR CLASSIFICATION
COLOR
GROUP
DOMINANT WAVELENGTH
(nm)
MIN.
MAX.
Yellow
J
587
589.5
K
589.5
592
L
592
594.5
M
594.5
597
Yellow green
C
567.5
570.5
D
570.5
573.5
E
573.5
576.5
Blue
AD
470
475


Similar Part No. - VLMS1500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMS1500-GS08 VISHAY-VLMS1500-GS08 Datasheet
266Kb / 12P
   Ultrabright 0402 ChipLED
Rev. 1.4, 05-Sep-17
logo
HK TO-GRACE TECHNOLOGY ...
VLMS1500-GS08 TO-GRACE-VLMS1500-GS08 Datasheet
743Kb / 12P
   Ultrabright 0402 ChipLED
logo
Vishay Siliconix
VLMS1500-GS08 VISHAY-VLMS1500-GS08 Datasheet
234Kb / 12P
   Ultrabright 0402 ChipLED
01-Jan-2023
More results

Similar Description - VLMS1500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMW15 VISHAY-VLMW15_V01 Datasheet
264Kb / 8P
   Ultrabright 0402 ChipLED
01-Jan-2022
VLMB150 VISHAY-VLMB150_V02 Datasheet
234Kb / 12P
   Ultrabright 0402 ChipLED
01-Jan-2023
VLMW15 VISHAY-VLMW15 Datasheet
185Kb / 8P
   Ultrabright 0402 ChipLED
Rev. 1.4, 10-Jul-14
VLMS150X VISHAY-VLMS150X Datasheet
266Kb / 12P
   Ultrabright 0402 ChipLED
Rev. 1.4, 05-Sep-17
logo
HK TO-GRACE TECHNOLOGY ...
VLMW1500-GS08 TO-GRACE-VLMW1500-GS08 Datasheet
528Kb / 8P
   Ultrabright 0402 ChipLED
logo
Vishay Siliconix
VLMW15 VISHAY-VLMW15_V02 Datasheet
263Kb / 8P
   Ultrabright 0402 ChipLED
01-Jan-2023
VLMW1500 VISHAY-VLMW1500 Datasheet
188Kb / 8P
   Ultrabright 0402 ChipLED
Rev. 1.0, 21-May-12
logo
HK TO-GRACE TECHNOLOGY ...
VLMS1500-GS08 TO-GRACE-VLMS1500-GS08 Datasheet
743Kb / 12P
   Ultrabright 0402 ChipLED
logo
Vishay Siliconix
VLMS150 VISHAY-VLMS150_V01 Datasheet
235Kb / 12P
   Ultrabright 0402 ChipLED
01-Jan-2022
logo
List of Unclassifed Man...
L03R3000F1 ETC2-L03R3000F1 Datasheet
211Kb / 3P
   ULTRABRIGHT YELLOW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com