Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL420-X017T Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IL420-X017T
Description  Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL420-X017T Datasheet(HTML) 1 Page - Vishay Siliconix

  IL420-X017T Datasheet HTML 1Page - Vishay Siliconix IL420-X017T Datasheet HTML 2Page - Vishay Siliconix IL420-X017T Datasheet HTML 3Page - Vishay Siliconix IL420-X017T Datasheet HTML 4Page - Vishay Siliconix IL420-X017T Datasheet HTML 5Page - Vishay Siliconix IL420-X017T Datasheet HTML 6Page - Vishay Siliconix IL420-X017T Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 83629
For technical questions, contact: optocoupleranswers@vishay.com
www.vishay.com
Rev. 2.0, 29-Mar-11
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
IL420, IL4208
Vishay Semiconductors
DESCRIPTION
The IL420 and IL4208 consists of a GaAs IRLED optically
coupled to a photosensitive non-zero crossing TRIAC
network. The TRIAC consists of two inverse parallel
connected monolithic SCRs. These three semiconductors
are assembled in a six pin dual in-line package.
High input sensitivity is achieved by using an emitter
follower phototransistor and a cascaded SCR predriver
resulting in an LED trigger current of less than 2 mA (DC).
The use of a proprietary dV/dt clam results in a static dV/dt
of greater than 10 kV/μs. This clamp circuit has a MOSFET
that is enhanced when high dV/dt spikes occur between
MT1 and MT2 of the TRIAC. When conducting, the FET
clamps the base of the phototransistors, disabling the first
stage SCR predriver.
The 600 V, 800 V blocking voltage permits control of offline
voltages up to 240 VAC, with a safety factor of more than
two, and is sufficient for as much as 380 VAC.
The IL420, IL4208 isolates low-voltage logic from 120 VAC,
240 VAC, and 380 VAC lines to control resistive, inductive, or
capacitive loads including motors, solenoids, high current
thyristors or TRIAC and relays.
FEATURES
• High input sensitivity IFT = 2 mA
• 600 V, 800 V blocking voltage
• 300 mA on-state current
• High static dV/dt 10 kV/μs
• Very low leakage < 10 μA
• Isolation test voltage 5300 VRMS
• Small 6-pin DIP package
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
APPLICATIONS
• Solid state relays
• Industrial controls
• Office equipment
• Consumer appliances
AGENCY APPROVALS
• UL1577, file no. E52744 system code H, double protection
• CSA 93751
• DIN EN 60747-5-2 (VDE 0884)/DIN EN 60747-5-5
(pending), available with option 1
Note
(1) Also available in tubes, do not put T on the end.
1
2
3
6
5
4
MT2
MT1
NC
A
C
NC
i179035_2
V
DE
21842-1
ORDERING INFORMATION
I
L
42
0#
-
X
0
#
#
T
PART NUMBER
PACKAGE OPTION
TAPE AND
REEL
AGENCY CERTIFIED/PACKAGE
BLOCKING VOLTAGE VDRM (V)
UL, cUL
600
800
DIP-6
IL420
IL4208
DIP-6, 400 mil, option 6
IL420-X006
-
SMD-6, option 7
IL420-X007T (1)
IL4208-X007T (1)
SMD-6, option 8
IL420-X008T
-
SMD-6, option 9
IL420-X009T (1)
IL4208-X009T (1)
VDE, UL, cUL
600
800
DIP-6
IL420-X001
-
DIP-6, 400 mil, option 6
IL420-X016
-
SMD-6, option 7
IL420-X017T (1)
-
> 0.1 mm
10.16 mm
> 0.7 mm
7.62 mm
DIP-#
Option 7
Option 6
Option 9
9.27 mm
Option 8


Similar Part No. - IL420-X017T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL420-X017T VISHAY-IL420-X017T Datasheet
168Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 2.1, 11-Jun-13
IL420-X017T VISHAY-IL420-X017T Datasheet
197Kb / 9P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
01-Jan-2022
More results

Similar Description - IL420-X017T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO4258H VISHAY-VO4258H Datasheet
129Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.6, 29-Feb-12
IL4216-X001 VISHAY-IL4216-X001 Datasheet
125Kb / 6P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.6, 20-Oct-10
IL420 VISHAY-IL420_13 Datasheet
168Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 2.1, 11-Jun-13
VO4257 VISHAY-VO4257 Datasheet
107Kb / 8P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.4, 03-Nov-08
VO4254 VISHAY-VO4254_12 Datasheet
137Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.7, 13-Apr-12
VO4258 VISHAY-VO4258_V01 Datasheet
181Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
01-Jan-2022
VO4254 VISHAY-VO4254 Datasheet
125Kb / 9P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.4, 30-Aug-06
IL420 VISHAY-IL420 Datasheet
271Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.4, 26-Apr-04
VO4256 VISHAY-VO4256_V01 Datasheet
230Kb / 11P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
01-Jan-2022
IL420 VISHAY-IL420_V01 Datasheet
197Kb / 9P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com