Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F2001IRSAR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2001IRSAR
Description  MIXED SIGNAL MICROCONTROLLER
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F2001IRSAR Datasheet(HTML) 7 Page - Texas Instruments

Back Button MSP430F2001IRSAR Datasheet HTML 3Page - Texas Instruments MSP430F2001IRSAR Datasheet HTML 4Page - Texas Instruments MSP430F2001IRSAR Datasheet HTML 5Page - Texas Instruments MSP430F2001IRSAR Datasheet HTML 6Page - Texas Instruments MSP430F2001IRSAR Datasheet HTML 7Page - Texas Instruments MSP430F2001IRSAR Datasheet HTML 8Page - Texas Instruments MSP430F2001IRSAR Datasheet HTML 9Page - Texas Instruments MSP430F2001IRSAR Datasheet HTML 10Page - Texas Instruments MSP430F2001IRSAR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 92 page
background image
Basic Clock
System+
RAM
128B
128B
Brownout
Protection
RST/NMI
VCC
VSS
MCLK
SMCLK
Watchdog
WDT+
15/16−Bit
Timer_A2
2 CC
Registers
16MHz
CPU
incl. 16
Registers
Emulation
(2BP)
XOUT
JTAG
Interface
Flash
2kB
1kB
ACLK
XIN
Port P1
8 I/O
Interrupt
capability,
pull−up/down
resistors
SD16_A
16−bit
Sigma−
Delta A/D
Converter
P1.x & JTAG
8
2
Port P2
2 I/O
Interrupt
capability,
pull−up/down
resistors
MDB
MAB
USI
Universal
Serial
Interface
SPI, I2C
Spy−Bi Wire
P2.x &
XIN/XOUT
MSP430F20x3
MSP430F20x2
MSP430F20x1
www.ti.com
SLAS491H
– AUGUST 2005 – REVISED AUGUST 2011
Functional Block Diagram, MSP430F20x3
NOTE: See port schematics section for detailed I/O information.
Copyright
© 2005–2011, Texas Instruments Incorporated
7


Similar Part No. - MSP430F2001IRSAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F2001IRSAR TI-MSP430F2001IRSAR Datasheet
2Mb / 88P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2001IRSAR TI-MSP430F2001IRSAR Datasheet
1Mb / 91P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2001IRSAR TI-MSP430F2001IRSAR Datasheet
1Mb / 92P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F2001IRSAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com