Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL410-X016 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # IL410-X016
Description  Optocoupler, Phototriac Output, Zero Crossing
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL410-X016 Datasheet(HTML) 8 Page - Vishay Siliconix

  IL410-X016 Datasheet HTML 1Page - Vishay Siliconix IL410-X016 Datasheet HTML 2Page - Vishay Siliconix IL410-X016 Datasheet HTML 3Page - Vishay Siliconix IL410-X016 Datasheet HTML 4Page - Vishay Siliconix IL410-X016 Datasheet HTML 5Page - Vishay Siliconix IL410-X016 Datasheet HTML 6Page - Vishay Siliconix IL410-X016 Datasheet HTML 7Page - Vishay Siliconix IL410-X016 Datasheet HTML 8Page - Vishay Siliconix IL410-X016 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.vishay.com
For technical questions, contact: optocoupleranswers@vishay.com
Document Number: 83627
8
Rev. 2.0, 29-Mar-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IL410, IL4108
Vishay Semiconductors Optocoupler, Phototriac Output, Zero Crossing,
High dV/dt, Low Input Current
PACKAGE MARKING (example)
Notes
• Only options 1, 7, and 8 are reflected in the package marking.
• The VDE Logo is only marked on option 1 parts.
• Tape and reel suffix (T) is not part of the package marking.
Option 6
Option 7
20802-25
Option 8
Option 9
10.16 typ.
7.62 typ.
8 min.
7.62 typ.
4.3 ± 0.3
0.6 min.
10.3 max.
0.7 min.
7.62 typ.
12.1 max.
9.27 min.
10.3 max.
7.62 typ.
8 min.
0.6 min.
0.1 ± 0.1
3.6 ± 0.3
3.5 ± 0.3
2.55 ± 0.25
0.1 min.
0.25 ± 0.1
3.5 ± 0.3
2.54
R 0.25
1.78
0.76
1.52
8 min.
11.05
2.54
R 0.25
1.78
0.76
1.52
8 min.
11.05
2.54
R 0.25
1.78
0.76
1.52
8 min.
11.05
IL4108
V YWW H 68


Similar Part No. - IL410-X016

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL410-X016 VISHAY-IL410-X016 Datasheet
174Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing, High dV/dt, Low Input Current
01-Jan-2022
More results

Similar Description - IL410-X016

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO3062 VISHAY-VO3062_18 Datasheet
192Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 2.2, 17-Apr-18
VO4154 VISHAY-VO4154_12 Datasheet
135Kb / 7P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.6, 23-Feb-12
BRT21 VISHAY-BRT21_08 Datasheet
147Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.5, 07-May-08
BRT21 VISHAY-BRT21 Datasheet
499Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.4, 10-Jan-05
BRT21 VISHAY-BRT21_V01 Datasheet
223Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
01-Jan-2022
K3010P VISHAY-K3010P_12 Datasheet
147Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing
Rev. 2.2, 01-Jun-12
BRT11 VISHAY-BRT11_V01 Datasheet
255Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing
01-Jan-2022
K3020P VISHAY-K3020P_16 Datasheet
152Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 400 VDRM
Rev. 2.4, 30-Aug-16
K301XP VISHAY-K301XP Datasheet
167Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 250 VDRM
Rev. 2.3, 04-Nov-2020
IL4118 VISHAY-IL4118_V01 Datasheet
207Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, Very Low Input Current
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com