Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBPC3506-E4-51 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # GBPC3506-E4-51
Description  Glass Passivated Single-Phase Bridge Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GBPC3506-E4-51 Datasheet(HTML) 3 Page - Vishay Siliconix

  GBPC3506-E4-51 Datasheet HTML 1Page - Vishay Siliconix GBPC3506-E4-51 Datasheet HTML 2Page - Vishay Siliconix GBPC3506-E4-51 Datasheet HTML 3Page - Vishay Siliconix GBPC3506-E4-51 Datasheet HTML 4Page - Vishay Siliconix GBPC3506-E4-51 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 88612
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 28-Mar-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
GBPC12, GBPC15, GBPC25, GBPC35
Vishay General Semiconductor
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Output Rectified Current
Fig. 2 - Maximum Output Rectified Current
Fig. 3 - Maximum Power Dissipation
Fig. 4 - Maximum Non-Repetitive Peak Forward Surge
Current Per Diode
Fig. 5 - Typical Instantaneous Forward Characteristics Per Diode
Fig. 6 - Typical Reverse Leakage Characteristics Per Diode
0
25
50
75
100
125
150
175
200
0
5
20
15
25
10
30
35
40
Bridges Mounted on
9.5 x 3.5 x 4.6"
(22.9 x 8.9 x 11.7 cm)
AL, Finned Plate
5 x 6 x 4.9"
AL, Finned Plate
5 x 4 x 3"
AL, Finned Plate
6 x 2.2 x 2.2"
AL, Finned Plate
60 Hz
Resistive or
Inductive Load
Case Temperature (°C)
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
60 Hz
Resistive or
Inductive Load
GBPC35
R
thSA = 0.5 °C/W
GBPC15
R
thSA = 1.0 °C/W
GBPC12
R
thSA = 1.0 °C/W
GBPC25
R
thSA = 0.5 °C/W
Ambient Temperature (°C)
Average Output Current (A)
0
10
20
30
40
0
10
20
30
40
50
60
70
80
Capacitive Load
T
J = TJ Max.
Resistive or
Inductive Load
Number of Cycles at 60 Hz
1
10
10
1000
GBPC35
GBPC15
GBPC25
GBPC12
T
J = TJ Max.
0.5 ms Single Sine-Wave
100
100
1.0 Cycle
Instantaneous Forward Voltage (V)
0.4
0.5
0.6
0.7
0.9
1.0
1.1
0.1
1
10
100
0.8
T
A = 100 °C
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
0
20
40
60
80
100
0.1
1
10
100
Percent of Rated Peak Reverse Voltage (%)
30
50
70
90
1000
T
A = 100 °C
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
10


Similar Part No. - GBPC3506-E4-51

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GBPC3506-E4-51 VISHAY-GBPC3506-E4-51 Datasheet
98Kb / 5P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 28-Mar-11
More results

Similar Description - GBPC3506-E4-51

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com