Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-8762402VDA Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-8762402VDA
Description  RAD-TOLERANT CLASS V, HEX SCHMITT-TRIGGER INVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-8762402VDA Datasheet(HTML) 2 Page - Texas Instruments

  5962-8762402VDA Datasheet HTML 1Page - Texas Instruments 5962-8762402VDA Datasheet HTML 2Page - Texas Instruments 5962-8762402VDA Datasheet HTML 3Page - Texas Instruments 5962-8762402VDA Datasheet HTML 4Page - Texas Instruments 5962-8762402VDA Datasheet HTML 5Page - Texas Instruments 5962-8762402VDA Datasheet HTML 6Page - Texas Instruments 5962-8762402VDA Datasheet HTML 7Page - Texas Instruments 5962-8762402VDA Datasheet HTML 8Page - Texas Instruments 5962-8762402VDA Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SN54AC14-SP
SCAS860B – OCTOBER 2008 – REVISED MARCH 2012
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
7
V
VI
Input voltage range(2)
–0.5
VCC + 0.5
V
VO
Output voltage range(2)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0 or VI > VCC
±20
mA
IOK
Output clamp current
VO < 0
±20
mA
IO
Continuous output current
VO = 0 to VCC
±50
mA
Continuous current through VCC or GND
±200
mA
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output voltage ratings may be exceeded provided the input and output current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
(1)
MIN
MAX
UNIT
VCC
Supply voltage
2
6
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
VCC = 3 V
–12
IOH
High-level output current
VCC = 4.5 V
–24
mA
VCC = 5.5 V
–24
VCC = 3 V
12
IOL
Low-level output current
VCC = 4.5 V
24
mA
VCC = 5.5 V
24
TA
Operating free-air temperature
–55
125
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
2
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated
Product Folder Link(s): SN54AC14-SP


Similar Part No. - 5962-8762402VDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-87624012A TI-5962-87624012A Datasheet
666Kb / 17P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
5962-8762401CA TI-5962-8762401CA Datasheet
666Kb / 17P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
5962-8762401CX TI-5962-8762401CX Datasheet
87Kb / 6P
[Old version datasheet]   54AC14 Hex Inverter with Schmitt Trigger Input
5962-8762401DA TI-5962-8762401DA Datasheet
666Kb / 17P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
5962-8762401VCA TI-5962-8762401VCA Datasheet
666Kb / 17P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
More results

Similar Description - 5962-8762402VDA

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Nexperia B.V. All right...
74LVT14 NEXPERIA-74LVT14 Datasheet
235Kb / 13P
   3.3 V hex inverter Schmitt trigger
Rev. 4 - 28 July 2021
logo
NXP Semiconductors
74LVT14 NXP-74LVT14 Datasheet
97Kb / 13P
   3.3 V hex inverter Schmitt trigger
Rev. 02-25 April 2008
logo
System Logic Semiconduc...
SL74HC14 SLS-SL74HC14 Datasheet
33Kb / 4P
   Hex Schmitt-Trigger Inverter
logo
Hitachi Semiconductor
HD74AC14 HITACHI-HD74AC14 Datasheet
44Kb / 8P
   Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AUC14 TI-SN74AUC14 Datasheet
185Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
MC74AC14 ONSEMI-MC74AC14 Datasheet
91Kb / 8P
   Hex Inverter Schmitt Trigger
May, 2001 ??Rev. 5
logo
Texas Instruments
SN74ALVC14 TI-SN74ALVC14_06 Datasheet
261Kb / 11P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
SN74AHC14-EP TI1-SN74AHC14-EP Datasheet
555Kb / 12P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
Fairchild Semiconductor
74F14SCX FAIRCHILD-74F14SCX Datasheet
68Kb / 5P
   Hex Inverter Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com