Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SWRU301A Datasheet(PDF) 8 Page - Texas Instruments

Part # SWRU301A
Description  Bluetooth짰 Low Energy CC2540 Development Kit
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWRU301A Datasheet(HTML) 8 Page - Texas Instruments

Back Button SWRU301A Datasheet HTML 4Page - Texas Instruments SWRU301A Datasheet HTML 5Page - Texas Instruments SWRU301A Datasheet HTML 6Page - Texas Instruments SWRU301A Datasheet HTML 7Page - Texas Instruments SWRU301A Datasheet HTML 8Page - Texas Instruments SWRU301A Datasheet HTML 9Page - Texas Instruments SWRU301A Datasheet HTML 10Page - Texas Instruments SWRU301A Datasheet HTML 11Page - Texas Instruments SWRU301A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
SWRU301
Page 8 of 32
3.6 Device Discovery
Before the two devices can connect, the central device must first discover the
peripheral device. To perform device discovery, press up on joystick U1 once. The
LCD on the central device should display “Discovering…”.
After a few seconds, it should display “Devices Found 1 / <- To Select”. This means
that the central device successfully discovered the peripheral. Press left on joystick
U1 to view the address of the peripheral device. This address should match the
address seen on the peripheral’s LCD.
3.7 Establish Connection
To establish a connection with the peripheral, press joystick U1 in towards the
board (push it inwards, like it is a button). Once the connection is established,
the central device will automatically perform service discovery on the peripheral
using the BLE GATT protocol. This should complete within a few seconds.
The two LCD screens should appear as in the images below, with the central still
displaying the peripheral’s address and the peripheral having changed from
“Advertising” to “Connected”:
Be careful that you don’t “double tap” U1 which would terminate the connection immediately, giving
Disconnected Reason: 22.
3.8 Connected Operations
Once the connection has been established and service discovery is complete, you can perform the
following operations using joystick U1 on the central device:
UP:
Read / Write Data
RIGHT: Connection Parameter Update
DOWN: RSSI Monitoring
IN:
Terminate Link
3.9 Read / Write Data
Pressing up on U1 will send a read request to the peripheral device. One byte of data will be read, and the
value will be displayed. Pressing up again will send a write request, and one byte of data will be written to
the peripheral. The peripheral’s LCD should display the written value each time this is done.
Bluetooth low energy is an ideal technology for transmission of small amounts of data between two
devices while consuming very little power, as is demonstrated here.
Continuing to press up on the joystick will alternate between reads and writes, with the value
incrementing each time.


Similar Part No. - SWRU301A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SWRU311 TI1-SWRU311 Datasheet
1Mb / 8P
[Old version datasheet]   Opening the Box and Running the Bluetooth짰 Low Energy SimpleBLE Demo Application
SWRU312B TI1-SWRU312B Datasheet
1Mb / 9P
[Old version datasheet]   AIR BoosterPack Quick Start Guide
SWRU318 TI1-SWRU318 Datasheet
1Mb / 36P
[Old version datasheet]   CC2543-CC2544 Development Kit User?셲 Guide
SWRU348 TI1-SWRU348 Datasheet
1Mb / 7P
[Old version datasheet]   CC2538 Evaluation Module Kit Quick Start Guide
More results

Similar Description - SWRU301A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CKIT-042-BLE CYPRESS-CY8CKIT-042-BLE Datasheet
9Mb / 162P
   Bluetooth짰 Low Energy (BLE) Pioneer Kit Guide
logo
Pepperl+Fuchs Inc.
LOC01SC PF-LOC01SC Datasheet
1Mb / 2P
   Bluetooth짰 Low Energy Beacon
2021-12-07
LOC-EX01 PF-LOC-EX01 Datasheet
959Kb / 2P
   Bluetooth짰 Low Energy Beacon
2021-06-28
logo
Mitsumi Electronics, Co...
WML-C75 MITSUMI-WML-C75 Datasheet
86Kb / 2P
   Bluetooth짰 Low Energy Module
logo
Pepperl+Fuchs Inc.
LOC01HC PF-LOC01HC Datasheet
1Mb / 2P
   Bluetooth짰 Low Energy Beacon
2021-12-07
logo
Panasonic Semiconductor
PAN1326 PANASONIC-PAN1326 Datasheet
947Kb / 2P
   BLUETOOTH짰 LOW ENERGY RF MODULES
logo
Microchip Technology
RN4870 MICROCHIP-RN4870_17 Datasheet
2Mb / 48P
   Bluetooth짰 4.2 Low Energy Module
10/25/17
BM70 MICROCHIP-BM70 Datasheet
3Mb / 64P
   Bluetooth짰 Low Energy (BLE) Module
07/14/15
IS1870 MICROCHIP-IS1870 Datasheet
2Mb / 44P
   Bluetooth짰 Low Energy (BLE) SoC
07/14/15
logo
List of Unclassifed Man...
NRF8001 ETC1-NRF8001 Datasheet
1Mb / 161P
   Single-chip Bluetooth짰 low energy solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com