Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SWRU301A Datasheet(PDF) 5 Page - Texas Instruments

Part # SWRU301A
Description  Bluetooth짰 Low Energy CC2540 Development Kit
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWRU301A Datasheet(HTML) 5 Page - Texas Instruments

  SWRU301A Datasheet HTML 1Page - Texas Instruments SWRU301A Datasheet HTML 2Page - Texas Instruments SWRU301A Datasheet HTML 3Page - Texas Instruments SWRU301A Datasheet HTML 4Page - Texas Instruments SWRU301A Datasheet HTML 5Page - Texas Instruments SWRU301A Datasheet HTML 6Page - Texas Instruments SWRU301A Datasheet HTML 7Page - Texas Instruments SWRU301A Datasheet HTML 8Page - Texas Instruments SWRU301A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
SWRU301
Page 5 of 32
2. Introduction
Thank you for purchasing a Texas Instruments (TI) Bluetooth® low energy (BLE) Kit. The purpose of this
document is to give an overview of the hardware and software included in the CC2540 Development Kit
(CC2540DK) and the add-on CC2541 Evaluation Module Kit (CC2541EMK).
The information in this guide will get you up and running with the kit; however for more detailed
information on BLE technology and the TI BLE protocol stack, please consult the Texas Instruments
Bluetooth® Low Energy Software Developer’s Guide [3].
2.1 CC2540DK Contents Overview
The CC2540DK contains the following hardware components:
2 x SmartRF05 Evaluation Boards (SmartRF05EB)
2 x CC2540 Evaluation Modules (CC2540EM)
2 x Pulse Antennas
1 x CC2540 USB Dongle
Cables
Figure 1 – CC2540DK
2.2 CC2541EMK Contents Overview
The CC2541EMK contains the following hardware components:
2 x CC2541 Evaluation Modules (CC2541EM)
2 x Pulse W1010 Antennas
Cables
The kit is FCC and IC certified and tested/complies with
ETSI/R&TTE over temperature from 0 to +35°C. The antenna,
W1010 from Pulse, is a ¼ wave dipole antenna with 2 dBi gain.
Figure 2 - CC2541EMK
Caution! The kit contains ESD sensitive components. Handle with care to prevent
permanent damage. To minimize risk of injury, avoid touching components during
operation if symbolized as hot.


Similar Part No. - SWRU301A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SWRU311 TI1-SWRU311 Datasheet
1Mb / 8P
[Old version datasheet]   Opening the Box and Running the Bluetooth짰 Low Energy SimpleBLE Demo Application
SWRU312B TI1-SWRU312B Datasheet
1Mb / 9P
[Old version datasheet]   AIR BoosterPack Quick Start Guide
SWRU318 TI1-SWRU318 Datasheet
1Mb / 36P
[Old version datasheet]   CC2543-CC2544 Development Kit User?셲 Guide
SWRU348 TI1-SWRU348 Datasheet
1Mb / 7P
[Old version datasheet]   CC2538 Evaluation Module Kit Quick Start Guide
More results

Similar Description - SWRU301A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CKIT-042-BLE CYPRESS-CY8CKIT-042-BLE Datasheet
9Mb / 162P
   Bluetooth짰 Low Energy (BLE) Pioneer Kit Guide
logo
Pepperl+Fuchs Inc.
LOC01SC PF-LOC01SC Datasheet
1Mb / 2P
   Bluetooth짰 Low Energy Beacon
2021-12-07
LOC-EX01 PF-LOC-EX01 Datasheet
959Kb / 2P
   Bluetooth짰 Low Energy Beacon
2021-06-28
logo
Mitsumi Electronics, Co...
WML-C75 MITSUMI-WML-C75 Datasheet
86Kb / 2P
   Bluetooth짰 Low Energy Module
logo
Pepperl+Fuchs Inc.
LOC01HC PF-LOC01HC Datasheet
1Mb / 2P
   Bluetooth짰 Low Energy Beacon
2021-12-07
logo
Panasonic Semiconductor
PAN1326 PANASONIC-PAN1326 Datasheet
947Kb / 2P
   BLUETOOTH짰 LOW ENERGY RF MODULES
logo
Microchip Technology
RN4870 MICROCHIP-RN4870_17 Datasheet
2Mb / 48P
   Bluetooth짰 4.2 Low Energy Module
10/25/17
BM70 MICROCHIP-BM70 Datasheet
3Mb / 64P
   Bluetooth짰 Low Energy (BLE) Module
07/14/15
IS1870 MICROCHIP-IS1870 Datasheet
2Mb / 44P
   Bluetooth짰 Low Energy (BLE) SoC
07/14/15
logo
List of Unclassifed Man...
NRF8001 ETC1-NRF8001 Datasheet
1Mb / 161P
   Single-chip Bluetooth짰 low energy solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com