Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F5529IPNR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5529IPNR
Description  MSP-EXP430F5529 Experimenter Board
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5529IPNR Datasheet(HTML) 10 Page - Texas Instruments

Back Button MSP430F5529IPNR Datasheet HTML 6Page - Texas Instruments MSP430F5529IPNR Datasheet HTML 7Page - Texas Instruments MSP430F5529IPNR Datasheet HTML 8Page - Texas Instruments MSP430F5529IPNR Datasheet HTML 9Page - Texas Instruments MSP430F5529IPNR Datasheet HTML 10Page - Texas Instruments MSP430F5529IPNR Datasheet HTML 11Page - Texas Instruments MSP430F5529IPNR Datasheet HTML 12Page - Texas Instruments MSP430F5529IPNR Datasheet HTML 13Page - Texas Instruments MSP430F5529IPNR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
User Experience Software
www.ti.com
2.3
Clock
Select this option from the main menu to bring up the Clock sub-menu. Press S2 to return to the previous
menu.
NOTE:
The User Experience software initializes the real-time clock to 04:30:00 - 01/01/2011 when
powered is applied to the MSP430.
Digital Clock: Displays an image of a digital watch with the current time and date.
Analog Clock: Displays an image of an analog clock with the current time.
Set Time: Allows the user to set the current time. Use the scroll wheel to change the value of the current
selection. Press push-button S1 is used to advance to the next field. The clock changes take affect after
the last field is updated.
2.4
Games
Select this option from the main menu to bring up the Games sub-menu. Press S2 to return to the
previous menu.
Defender: The player controls a small spaceship. The object of the game is to fly through a tunnel without
hitting the walls and to successfully navigate around mines scattered throughout the tunnel.
Press S1 or S2 to begin the game. Use the wheel to move the ship up and down and press S1 or S2 to
shoot a missile. As the game progresses, the tunnel gets narrower and the game speeds up. After the
player's ship crashes, the score is displayed.
Simon: A version of the famous memory game. The objective of the game is to match a randomly
generated sequence of LEDs displayed on the touch pads. After the sequence is displayed, the user must
touch the correct pads in the same sequence.
The game begins with a single-symbol sequence and adds an additional symbol to the sequence after
each successful response by the user. The game ends when the user incorrectly enters a sequence. The
number of turns obtained in the sequence is then displayed.
Tilt Puzzle: A version of the famous "8-puzzle" game. The game consists of a 3 by 3 grid with eight
numbers and one empty space. The game utilizes the on-board accelerometer to shift numbers up-down
and left-right. The objective of the game is to have the sum of the numbers in each row and column equal
to twelve. Press S1 to begin a new game if the current game is unsolvable. The nature of the game is that
there is a 50% probability the game is not solvable.
2.5
Power Tests
Select this option from the main menu to bring up the Power Test sub-menu. Press S2 to return to the
previous menu.
The Power Test menu contains two demonstrations that allow the user to externally measure the current
consumption of the MSP430 in both active mode and low-power mode. Current consumption can be
measured using a multi-meter with current measuring capabilities (ammeter). Remove the jumper on "430
PWR" (JP6) and connect a multi-meter in series with the MSP430 V
CC supply. This connection can be
made using the two large vias near the "430 PWR" text on the PCB. See Section 4 for more details on this
connection.
Active Mode: Demo for measuring active mode current of the MSP430. Instructions are presented on
screen. Press S1 to continue to the application.
Press S2 to return to the Power Tests sub-menu.
The Active Mode menu consists of two columns. The left column controls the core voltage (V
CORE) of the
MSP430F5529, and the right column controls MCLK. The right column displays only those MCLK
frequencies that are valid for the current V
CORE setting. The capacitive touch pads at the bottom of the
board control which column is currently active. The wheel scrolls through the options in the active column.
10
MSP-EXP430F5529 Experimenter Board
SLAU330A
– May 2011 – Revised June 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - MSP430F5529IPNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5529IPNR TI-MSP430F5529IPNR Datasheet
1Mb / 115P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5529IPNR TI-MSP430F5529IPNR Datasheet
1Mb / 115P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5529IPNR TI-MSP430F5529IPNR Datasheet
1Mb / 119P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5529IPNR TI1-MSP430F5529IPNR Datasheet
2Mb / 128P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5529IPNR TI1-MSP430F5529IPNR Datasheet
2Mb / 128P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430F5529IPNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP-EXP430FR5739 TI1-MSP-EXP430FR5739 Datasheet
1Mb / 23P
[Old version datasheet]   MSP-EXP430FR5739 FRAM Experimenter Board
MSP-EXP430F5529 TI1-MSP-EXP430F5529 Datasheet
1Mb / 3P
[Old version datasheet]   Experimenter Board Quick Start
SLAU213A TI-SLAU213A Datasheet
750Kb / 19P
[Old version datasheet]   MSP430FG4618/F2013 Experimenter?셲 Board
logo
3M Electronics
08369 3M-08369 Datasheet
98Kb / 4P
   MSP SeamSealer
logo
Bourns Electronic Solut...
2377-45-HS BOURNS-2377-45-HS Datasheet
228Kb / 2P
   MSP Maximum Duty Station Protector
2378-35-HS BOURNS-2378-35-HS Datasheet
161Kb / 2P
   MSP Heavy Duty Station Protector
logo
3M Electronics
08374 3M-08374 Datasheet
151Kb / 5P
   3M??Ultrapro??MSP Sprayable Seam Sealer
logo
Bourns Electronic Solut...
2410 BOURNS-2410 Datasheet
158Kb / 2P
   5-Pin Multi-Stage Protector (MSP)
logo
Texas Instruments
MSP-EXP432P401R TI-MSP-EXP432P401R Datasheet
7Mb / 39P
[Old version datasheet]   MSP‑EXP432P401R LaunchPad™ Evaluation Kit
March 2015
logo
List of Unclassifed Man...
MSP34X5G ETC-MSP34X5G Datasheet
1Mb / 98P
   MSP 34x5G Multistandard Sound Processor Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com