Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX9500 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SX9500
Description  Ultra Low Power, Capacitive Four (4) - Channel Proximity/Button
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX9500 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SX9500 Datasheet HTML 3Page - Semtech Corporation SX9500 Datasheet HTML 4Page - Semtech Corporation SX9500 Datasheet HTML 5Page - Semtech Corporation SX9500 Datasheet HTML 6Page - Semtech Corporation SX9500 Datasheet HTML 7Page - Semtech Corporation SX9500 Datasheet HTML 8Page - Semtech Corporation SX9500 Datasheet HTML 9Page - Semtech Corporation SX9500 Datasheet HTML 10Page - Semtech Corporation SX9500 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
WIRELESS & SENSING
DATASHEET
Revision 1.6
June 27, 2012
© 2012 Semtech Corporation
www.semtech.com
7
SX9500
Ultra Low Power, Capacitive
Four (4) - Channel Proximity/Button
Controller
2
ELECTRICAL CHARACTERISTICS
2.1
Absolute Maximum Ratings
Stresses above the values listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these, or any other conditions beyond the “Recommended Operating Conditions”, is not implied.
Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability and proper functionality.
Parameter
Symbol
MIN
MAX
UNIT
Supply Voltage
VDD
-0.5
6.0
V
SVDD
-0.5
6.0
Input voltage (non-supply pins)
VIN
-0.5
VDD+0.3
Input current (non-supply pins)
IIN
-10
10
mA
Operating Junction Temperature
TJCT
-40
125
°C
Reflow temperature
TRE
260
Storage temperature
TSTOR
-50
150
ESD HBM (Human Body model, to JESD22-A114)
ESDHBM
8
kV
Table 2: Absolute Maximum Ratings
2.2
Recommended Operating Conditions
Parameter
Symbol
MIN
MAX
UNIT
Supply Voltage
VDD
2.7
5.5
V
SVDD
1.65
VDD
Ambient Temperature Range
TA
-40
85
°C
Table 3: Recommended Operating Conditions
NOTE: During power-up or power-down, SVDD must be less than or equal to VDD
2.3
Thermal Characteristics
Parameter
Symbol
MIN
Typical
MAX
UNIT
Thermal Resistance – Junction to Air (Static Airflow)
θ
JA
34
°C/W
Table 4: Thermal Characteristics
NOTE: Theta JA is calculated from a package in still air, mounted to 3" x 4.5", 4 layer FR4 PCB with thermal vias
under exposed pad per JESD51 standards.


Similar Part No. - SX9500

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX9500EVKA SEMTECH-SX9500EVKA Datasheet
775Kb / 21P
   Ultra Low Power, Four Channels Capacitive Proximity/Button Solution with Dedicated Outputs
More results

Similar Description - SX9500

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX9501 SEMTECH-SX9501 Datasheet
775Kb / 21P
   Ultra Low Power, Four Channels Capacitive Proximity/Button Solution with Dedicated Outputs
SX8661 SEMTECH-SX8661 Datasheet
1Mb / 88P
   Low Power, Capacitive Button Touch and Proximity Controller
logo
Texas Instruments
ISO7041 TI1-ISO7041 Datasheet
490Kb / 25P
[Old version datasheet]   Ultra-Low Power Four-Channel Digital Isolator
logo
Semtech Corporation
SX8661Z SEMTECH-SX8661Z Datasheet
1Mb / 87P
   Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
SX8639 SEMTECH-SX8639 Datasheet
1Mb / 81P
   Low Power, Capacitive Button and Wheel Touch Controller
SX8646 SEMTECH-SX8646 Datasheet
605Kb / 67P
   Ultra Low Power, Capacitive Button Touch Controller (8 sensors) with Enhanced LED Drivers
SX8643 SEMTECH-SX8643 Datasheet
612Kb / 68P
   Ultra Low Power, Capacitive Button Touch Controller (12 sensors) with Enhanced LED Drivers
logo
Baumer IVO GmbH & Co. K...
12N3140KS35L IVO-12N3140KS35L Datasheet
109Kb / 1P
   Capacitive proximity sensors
18N1100 IVO-18N1100 Datasheet
96Kb / 1P
   Capacitive proximity sensors
18N1200 IVO-18N1200 Datasheet
96Kb / 1P
   Capacitive proximity sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com