Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX9300IULTRT Datasheet(PDF) 9 Page - Semtech Corporation

Part # SX9300IULTRT
Description  Ultra Low Power, Dual Channel Smart Proximity SAR Compliant Solution
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX9300IULTRT Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SX9300IULTRT Datasheet HTML 5Page - Semtech Corporation SX9300IULTRT Datasheet HTML 6Page - Semtech Corporation SX9300IULTRT Datasheet HTML 7Page - Semtech Corporation SX9300IULTRT Datasheet HTML 8Page - Semtech Corporation SX9300IULTRT Datasheet HTML 9Page - Semtech Corporation SX9300IULTRT Datasheet HTML 10Page - Semtech Corporation SX9300IULTRT Datasheet HTML 11Page - Semtech Corporation SX9300IULTRT Datasheet HTML 12Page - Semtech Corporation SX9300IULTRT Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
WIRELESS & SENSING PRODUCTS
Datasheet
Revision 1.8
June 27, 2012
© 2012 Semtech Corporation
www.semtech.com
9
SX9300
Ultra Low Power, Dual Channel
Smart Proximity SAR Compliant Solution
Input: NRST
Input logic high
VIH
SVDD> 2V
0.7 x
SVDD
SVDD + 0.3
V
SVDD ≤ 2V
0.75 x
SVDD
Input logic low
VIL
SVDD> 2V
0.6
SVDD ≤ 2V
0.3 x SVDD
Start-up
Power-up time
TPOR
1
mS
NRST
NRST minimum pulse width
TRESETPW
20
nS
Table 5: Electrical Characteristics


Similar Part No. - SX9300IULTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX9306 SEMTECH-SX9306 Datasheet
263Kb / 2P
   Ultra Low Power, Smart Proximity Sensor for SAR
SX9306EVKA SEMTECH-SX9306EVKA Datasheet
263Kb / 2P
   Ultra Low Power, Smart Proximity Sensor for SAR
SX9306ICBTR SEMTECH-SX9306ICBTR Datasheet
263Kb / 2P
   Ultra Low Power, Smart Proximity Sensor for SAR
SX9306ICSTRT SEMTECH-SX9306ICSTRT Datasheet
263Kb / 2P
   Ultra Low Power, Smart Proximity Sensor for SAR
SX9306IULTRT SEMTECH-SX9306IULTRT Datasheet
263Kb / 2P
   Ultra Low Power, Smart Proximity Sensor for SAR
More results

Similar Description - SX9300IULTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX9310 SEMTECH-SX9310 Datasheet
210Kb / 2P
   Ultra-Low Power Smart Proximity Sensor for SAR
SX9306 SEMTECH-SX9306 Datasheet
263Kb / 2P
   Ultra Low Power, Smart Proximity Sensor for SAR
logo
Silergy Corp.
SY6827 SILERGY-SY6827 Datasheet
118Kb / 5P
   Dual Channel 6A, Ultra Low Loss Smart Bridge
logo
Semtech Corporation
SX9501 SEMTECH-SX9501 Datasheet
775Kb / 21P
   Ultra Low Power, Four Channels Capacitive Proximity/Button Solution with Dedicated Outputs
SX9500 SEMTECH-SX9500 Datasheet
859Kb / 31P
   Ultra Low Power, Capacitive Four (4) - Channel Proximity/Button
logo
Texas Instruments
TPD2S017 TI1-TPD2S017_15 Datasheet
929Kb / 16P
[Old version datasheet]   2-Channel Ultra-Low Clamp Voltage ESD Solution
logo
Analog Devices
AD7150 AD-AD7150_15 Datasheet
986Kb / 28P
   Ultra-Low Power, 2-Channel, Capacitance Converter for Proximity Sensing
REV. 0
AD7151 AD-AD7151 Datasheet
518Kb / 28P
   Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
REV. 0
AD7150 AD-AD7150 Datasheet
986Kb / 28P
   Ultra-Low Power, 2-Channel, Capacitance Converter for Proximity Sensing
REV. 0
AD7151 AD-AD7151_15 Datasheet
1,022Kb / 28P
   Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com