Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC441DTETRT Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC441DTETRT
Description  High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC441DTETRT Datasheet(HTML) 2 Page - Semtech Corporation

  SC441DTETRT Datasheet HTML 1Page - Semtech Corporation SC441DTETRT Datasheet HTML 2Page - Semtech Corporation SC441DTETRT Datasheet HTML 3Page - Semtech Corporation SC441DTETRT Datasheet HTML 4Page - Semtech Corporation SC441DTETRT Datasheet HTML 5Page - Semtech Corporation SC441DTETRT Datasheet HTML 6Page - Semtech Corporation SC441DTETRT Datasheet HTML 7Page - Semtech Corporation SC441DTETRT Datasheet HTML 8Page - Semtech Corporation SC441DTETRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
SC441D
2
Pin Configuration
Ordering Information
Marking Information
Notes:
() Available in tape and reel only. A reel contains 2,500 devices.
(2) Available in lead-free package only. Device is WEEE/RoHS
compliant and halogen-free.
(TSSOP-20 EDP)
θ
JA = 39º C/W
Device
Package
SC44DTETRT (1,2)
TSSOP-20 EDP
SC44DEVB
Evaluation Board
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
VOUT
IO2
VIN
10
FFLAG
20
IOGND
11
COMP
AGND
1
SS
SW
EN
OVPIN
IO3
SW
IO1
PGND
PGND
SCP_EN
IO4
PWM
IOSET
SC44D : Part Number
yyww = Date (Example: 252)
xxxxxx = Semtech Lot# (Example: A94A0)


Similar Part No. - SC441DTETRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC441 SEMTECH-SC441 Datasheet
70Kb / 1P
   High Effi ciency Integrated Driver for 4-Strings of 150mA LEDs
SC441 SEMTECH-SC441 Datasheet
88Kb / 1P
   High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
SC441A SEMTECH-SC441A Datasheet
981Kb / 20P
   High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
SC441A SEMTECH-SC441A Datasheet
241Kb / 1P
   High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
SC441AEVB SEMTECH-SC441AEVB Datasheet
981Kb / 20P
   High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
More results

Similar Description - SC441DTETRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC445 SEMTECH-SC445 Datasheet
320Kb / 1P
   High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
SC441TETRT SEMTECH-SC441TETRT Datasheet
88Kb / 1P
   High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
SC441A SEMTECH-SC441A Datasheet
981Kb / 20P
   High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
SC441C SEMTECH-SC441C Datasheet
51Kb / 1P
   High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
SC441A SEMTECH-SC441A_10 Datasheet
241Kb / 1P
   High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
SC441 SEMTECH-SC441 Datasheet
70Kb / 1P
   High Effi ciency Integrated Driver for 4-Strings of 150mA LEDs
SC440A SEMTECH-SC440A_10 Datasheet
397Kb / 21P
   High Efficiency Integrated Driver for 6-Strings of 30mA LEDs
SC446 SEMTECH-SC446 Datasheet
48Kb / 1P
   High Efficiency Integrated Driver for 3-Strings of 100mA LEDs
logo
Samtec, Inc
SC446TETRT SAMTEC-SC446TETRT Datasheet
956Kb / 19P
   High Efficiency Integrated Driver for 3-Strings of 100mA LEDs
logo
Semtech Corporation
SC443 SEMTECH-SC443 Datasheet
224Kb / 1P
   High Efficiency Integrated Boost Driver for 3-Strings of 30mA LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com