Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC5341 Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC5341
Description  IrDA 115.2kbps Receiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC5341 Datasheet(HTML) 2 Page - Texas Instruments

  UCC5341 Datasheet HTML 1Page - Texas Instruments UCC5341 Datasheet HTML 2Page - Texas Instruments UCC5341 Datasheet HTML 3Page - Texas Instruments UCC5341 Datasheet HTML 4Page - Texas Instruments UCC5341 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
UCC5341
ELECTRICAL CHARACTERISTICS: Unless otherwise specified, TA = 0°C to 70°C, AVDD = 3.0V to 5.5V, CAVDD = 100nF,
CDVDD = 100nF, CCAT = 4.7
µF + 100nF, CRXX = 40pF, CDET < 56pF. All currents are positive into a specified pin. TA =TJ
PARAMETER
TEST CONDITION
MI N
TYP
MAX
UNITS
Supply Current Section
IDD
No Output Load, SLEEP
≤ 0.5V
250
350
µA
IDD
SLEEP
≥ AVDD – 0.5V
0.5
3
µA
RDVDD
AVDD to DVDD
1.0
2
3.0
k
RCAT
AVDD to CAT
10
20
32
Receiver Section
Input Refered Noise
(Note 1)
10
pA
Hz
Detection Threshold
1.6
µs Input Pulse, 1µs ≤ RXX ≤ 8µs
200
400
nA
Signal to Noise Ratio
IDET = 200nA, (Note 1)
11.8
nA
Lower Band Limit
(Note 1)
50
kHz
Upper Band Limit
(Note 1)
1
MHz
Output Pulse Width
IDET = 400nApk to 20mApk, 0 to 200
µADC, 1.6
µs Input Pulse
1.0
8.0
µs
RXX Output (VOL)IRXX = 800
µA
200
400
mV
RXX Output (VOH)IRXX = –100
µA, DVDD –RXX
200
400
mV
RXX Rise Time
From 10% to 90% of DVDD
150
200
ns
RXX Fall Time
From 90% to 10% of DVDD
100
150
ns
ABSOLUTE MAXIMUM RATINGS
AVDD, CAT, DVDD ......................... –0.3V to 7V
CAT, DET, DVDD, SLEEP, .......... –0.3V to AVDD + 0.3V
IRXX ................................. –10mA to 10 mA
IDET ......................................... 250mA
Storage Temperature ................... –65°C to +150°C
Junction Temperature ................... –55°C to +150°C
Lead Temperature (Soldering, 10sec.) ............. +300°C
All voltages are with respect to respect to AGND. DGND must
be connected to AGND. Currents are positive into, negative out
of the specified terminal. Consult Packaging Section of the Da-
tabook for thermal limitations and considerations of packages.
SOIC-8, DIL-8 (Top View)
D, N Package
Note 1: Guaranteed by design. Not 100% tested in production.
PIN DESCRIPTIONS
AGND: Ground reference for analog circuits. Connect to
circuit board ground plane.
AVDD: Supply pin for analog circuits. Bypass to AGND
with a 100nF or 1
µF ceramic capacitor.
CAT: Filtered Supply for PIN diode cathode. Internally
connected to AVDD through a 20
Ω resistor. Bypass to
AGND with a 4.7
µF capacitor plus a 100nF ceramic ca-
pacitor.
DET: Input to receiver amplifier. Connect to PIN diode
anode. Shield with AVDD and/or AGND from all other sig-
nals, especially RXX.
DGND: Ground pin for digital circuits. Connect to circuit
board ground plane.
DVDD: Supply pin for digital circuits. Internally connected
to AVDD through a 2k
Ω resistor. Bypass to DGND with a
100nF or 1
µF ceramic capacitor.
RXX: Output of the detect amplifier and buffer. Connect
to UART. Avoid coupling the RXX signed to DET.
SLEEP: Sleep mode select pin. A logic high on SLEEP
puts the chip into sleep mode, reducing IDD to 0.5
µA
typical.
ABSOLUTE MAXIMUM RATINGS


Similar Part No. - UCC5341

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5340 TI-UCC5340 Datasheet
136Kb / 6P
[Old version datasheet]   IrDA Receiver
UCC5340D TI-UCC5340D Datasheet
136Kb / 6P
[Old version datasheet]   IrDA Receiver
UCC5342 TI1-UCC5342 Datasheet
202Kb / 5P
[Old version datasheet]   IrDA 115.2kbps Transceiver
UCC5342D TI1-UCC5342D Datasheet
202Kb / 5P
[Old version datasheet]   IrDA 115.2kbps Transceiver
UCC5342M TI1-UCC5342M Datasheet
202Kb / 5P
[Old version datasheet]   IrDA 115.2kbps Transceiver
More results

Similar Description - UCC5341

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5342 TI1-UCC5342 Datasheet
202Kb / 5P
[Old version datasheet]   IrDA 115.2kbps Transceiver
UCC5340 TI-UCC5340 Datasheet
136Kb / 6P
[Old version datasheet]   IrDA Receiver
logo
Linear Technology
LT1328 LINER-LT1328 Datasheet
274Kb / 12P
   4Mbps IrDA Infrared Receiver
LT1328 LINER-LT1328_15 Datasheet
258Kb / 12P
   4Mbps IrDA Infrared Receiver
logo
OKI electronic componet...
MSM9405 OKI-MSM9405 Datasheet
147Kb / 30P
   IrDA Communication Controller
logo
Texas Instruments
TSLM1100 TI-TSLM1100 Datasheet
103Kb / 7P
[Old version datasheet]   IrDA COMPLIANT TRANSCEIVER
logo
M-System Co.,Ltd.
COPIRDA MSYSTEM-COPIRDA Datasheet
107Kb / 3P
   IrDA COMMUNICATION ADAPTOR
logo
Sharp Corporation
GP2W0004YP SHARP-GP2W0004YP Datasheet
49Kb / 7P
   IrDA Transceiver Module
logo
M-System Co.,Ltd.
COP-IRDA MSYSTEM-COP-IRDA Datasheet
107Kb / 3P
   IrDA COMMUNICATION ADAPTOR
logo
Rohm
RPM872-H7 ROHM-RPM872-H7 Datasheet
89Kb / 7P
   IrDA infrared communication module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com