Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS321-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TS321-Q1
Description  LOW-POWER SINGLE OPERATIONAL AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS321-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TS321-Q1 Datasheet HTML 1Page - Texas Instruments TS321-Q1 Datasheet HTML 2Page - Texas Instruments TS321-Q1 Datasheet HTML 3Page - Texas Instruments TS321-Q1 Datasheet HTML 4Page - Texas Instruments TS321-Q1 Datasheet HTML 5Page - Texas Instruments TS321-Q1 Datasheet HTML 6Page - Texas Instruments TS321-Q1 Datasheet HTML 7Page - Texas Instruments TS321-Q1 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
FEATURES
DBV(SOT-23-5)PACKAGE
(TOP VIEW)
1
2
5
OUT
V
CC+
3
4
IN+
IN–
V
CC–
DESCRIPTION/ORDERING INFORMATION
TS321-Q1
www.ti.com ................................................................................................................................................................................................ SLOS647 – AUGUST 2009
LOW-POWER SINGLE OPERATIONAL AMPLIFIER
• Qualified for Automotive Applications
• Wide Power-Supply Range
Single Supply: 3 V to 30 V
Dual Supply: ±1.5 V to ±15 V
• Large Output Voltage Swing:
0 V to 3.5 V (Min) (VCC = 5 V)
• Low Supply Current: 500 µA (Typ)
• Low Input Bias Current: 20 nA (Typ)
• Stable With High Capacitive Loads
The TS321 is a bipolar operational amplifier for cost-sensitive applications in which space savings are important.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 125°C
SOT-23-5 – DBV
Reel of 3000
TS321QDBVRQ1
9CNS
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TS321-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS321-Q1 TI-TS321-Q1_15 Datasheet
697Kb / 11P
[Old version datasheet]   LOW-POWER SINGLE OPERATIONAL AMPLIFIER
More results

Similar Description - TS321-Q1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2130 NJRC-NJM2130 Datasheet
143Kb / 3P
   LOW POWER SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
TS321 TI1-TS321 Datasheet
1Mb / 21P
[Old version datasheet]   Low-Power Single Operational Amplifier
logo
BCD Semiconductor Manuf...
AS321 BCDSEMI-AS321 Datasheet
218Kb / 11P
   LOW POWER SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL343IDBVRG4 TI1-TL343IDBVRG4 Datasheet
663Kb / 11P
[Old version datasheet]   SINGLE LOW-POWER OPERATIONAL AMPLIFIER
TS321 TI-TS321_10 Datasheet
368Kb / 11P
[Old version datasheet]   LOW-POWER SINGLE OPERATIONAL AMPLIFIER
TS321 TI-TS321 Datasheet
259Kb / 8P
[Old version datasheet]   LOW-POWER SINGLE OPERATIONAL AMPLIFIER
TL343 TI-TL343_06 Datasheet
124Kb / 8P
[Old version datasheet]   SINGLE LOW-POWER OPERATIONAL AMPLIFIER
TL343 TI-TL343 Datasheet
114Kb / 7P
[Old version datasheet]   SINGLE LOW-POWER OPERATIONAL AMPLIFIER
logo
TECH PUBLIC Electronics...
LM321SN3T1G TECHPUBLIC-LM321SN3T1G Datasheet
1Mb / 6P
   LOW POWER SINGLE OPERATIONAL AMPLIFIER
2021.6.15
logo
STMicroelectronics
TS321 STMICROELECTRONICS-TS321_05 Datasheet
184Kb / 12P
   Low Power Single Operational Amplifier
logo
Taiwan Semiconductor Co...
TS321 TSC-TS321 Datasheet
291Kb / 6P
   Low Power Single Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com