Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS71550TDB2 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS71550TDB2
Description  LOW-DROPOUT LINEAR REGULATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71550TDB2 Datasheet(HTML) 1 Page - Texas Instruments

  TPS71550TDB2 Datasheet HTML 1Page - Texas Instruments TPS71550TDB2 Datasheet HTML 2Page - Texas Instruments TPS71550TDB2 Datasheet HTML 3Page - Texas Instruments TPS71550TDB2 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TPS71550-DIE
www.ti.com
SLVSBG8 – JULY 2012
LOW-DROPOUT LINEAR REGULATOR
Check for Samples: TPS71550-DIE
1
FEATURES
24-V Maximum Input Voltage
APPLICATIONS
Low Quiescent Current
Ultra-Low Power Microcontrollers
Low-Dropout Regulator
Cellular/Cordless Handsets
Available in 5 V
Portable/Battery-Powered Equipment
Minimum/Maximum Specified Current Limit
xxx
DESCRIPTION
The TPS71550 low-dropout (LDO) voltage regulator offers the benefits of high input voltage, low-dropout voltage,
low-power operation, and miniaturized packaging. The TPS71550, which operates over an input range of 5 V to
24 V, is stable with any capacitor (
≥ 0.47 µF). The low-dropout voltage and low quiescent current allow
operations at extremely low power levels. Therefore, the TPS71550 is ideal for powering battery management
ICs. Specifically, since the TPS71550 is enabled as soon as the applied voltage reaches the minimum input
voltage, the output is quickly available to power continuously operating battery charging ICs.
The usual PNP pass transistor has been replaced by a PMOS pass element. Because the PMOS pass element
behaves as a low-value resistor, the low-dropout voltage, typically 415 mV at 50 mA of load current, is directly
proportional to the load current. The low quiescent current is stable over the entire range of output load current.
xxx
ORDERING INFORMATION(1)
PACKAGE
PRODUCT
PACKAGE
ORDERABLE PART NUMBER
PACKAGE QUANTITY
DESIGNATOR
TPS71550TDB1
400
TPS71550
TD(2)
Bare die in waffle pack
TPS71550TDB2
10
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Processing is per the Texas Instruments commercial production baseline and is in compliance with the Texas Instruments Quality
Control System in effect at the time of manufacture. Electrical screening consists of DC parametric and functional testing at room
temperature only. Unless otherwise specified by Texas Instruments AC performance and performance over temperature is not
warranted. Visual Inspection is performed in accordance with MIL-STD-883 Test Method 2010 Condition B at 75X minimum.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS71550TDB2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71550 TI-TPS71550 Datasheet
229Kb / 11P
[Old version datasheet]   50 mA, 24 V, 3.2U Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71550-Q1 TI-TPS71550-Q1 Datasheet
231Kb / 11P
[Old version datasheet]   50-mA, 24-V, 3.2-mA Supply Current Low-Dropout Linear Regulators
TPS71550-Q1 TI1-TPS71550-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   Supply Current Low-Dropout Linear Regulators
TPS71550-Q1 TI-TPS71550-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   TPS715xx-Q1 50-mA, 24-V, 3.2-μA Supply Current Low-Dropout Linear Regulators in SC70 Package
REVISED DECEMBER 2015
logo
TECH PUBLIC Electronics...
TPS71550DCK-TP TECHPUBLIC-TPS71550DCK-TP Datasheet
2Mb / 7P
   24V,50mA, Ultralo-Quiescent-Current LDO
More results

Similar Description - TPS71550TDB2

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
logo
Ceramate Technical
CP1117 CERAMATE-CP1117 Datasheet
444Kb / 12P
   Low Dropout Linear Regulator
logo
Diodes Incorporated
AZ1117C DIODES-AZ1117C Datasheet
839Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
AZ2117 DIODES-AZ2117 Datasheet
355Kb / 9P
   LOW DROPOUT LINEAR REGULATOR
July 2017
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674_11 Datasheet
157Kb / 11P
   Low Dropout Linear Regulator
October, 2011 ??Rev. 3
logo
DONGGUAN YOU FENG WEI E...
AMS1117-X.X YFWDIODE-AMS1117-X.X Datasheet
820Kb / 4P
   Low Dropout Linear Regulator
logo
Guangdong Kexin Industr...
KS1117 KEXIN-KS1117 Datasheet
1,018Kb / 3P
   Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC2951 AIC-AIC2951 Datasheet
153Kb / 10P
   Low Dropout Linear Regulator
logo
Analog Devices
ADP3308 AD-ADP3308_15 Datasheet
128Kb / 8P
   Low Dropout Linear Regulator
REV. B
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com