Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1821 Datasheet(PDF) 1 Page - Sony Corporation

Part # CXA1821
Description  RF Amplifier for CD Players
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1821 Datasheet(HTML) 1 Page - Sony Corporation

  CXA1821 Datasheet HTML 1Page - Sony Corporation CXA1821 Datasheet HTML 2Page - Sony Corporation CXA1821 Datasheet HTML 3Page - Sony Corporation CXA1821 Datasheet HTML 4Page - Sony Corporation CXA1821 Datasheet HTML 5Page - Sony Corporation CXA1821 Datasheet HTML 6Page - Sony Corporation CXA1821 Datasheet HTML 7Page - Sony Corporation CXA1821 Datasheet HTML 8Page - Sony Corporation CXA1821 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RF Amplifier for CD Players
Description
The CXA1821M is an IC developed for compact
disc players. This IC incorporates an APC circuit and
RF, focus error, and tracking error amplifiers for 3-
spot optical pickup output. (The voltage-converted
optical pickup output is supported.)
Features
• Low power consumption (40mW at ±2.5V)
• APC circuit
• Both single power supply (+5V) and dual power
supply (±2.5V) operations possible.
• Compatible with pickup for LC and PD
• Supports the RF amplifier at double speed.
Applications
Compact disc players
Structure
Bipolar silicon monolithic IC
Block Diagram and Pin Configuration
Absolute Maximum Ratings (Ta = 25°C)
• Supply voltage
VCC
12
V
• Operating temperature
Topr
–20 to +75
°C
• Storage temperature
Tstg
–65 to +150
°C
• Allowable power dissipation
PD
600
mW
Operating Conditions
• Supply voltage
VCC – VEE
2.8 to 11.0
V
– 1 –
E94932-TE
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXA1821M
20 pin SOP (Plastic)


Similar Part No. - CXA1821

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
CXA1820-0000-000N00P227F CREE-CXA1820-0000-000N00P227F Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
CXA1820-0000-000N00P227H CREE-CXA1820-0000-000N00P227H Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
CXA1820-0000-000N00P427F CREE-CXA1820-0000-000N00P427F Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
CXA1820-0000-000N00P427H CREE-CXA1820-0000-000N00P427H Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
More results

Similar Description - CXA1821

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2521Q SONY-CXA2521Q Datasheet
742Kb / 17P
   RF Amplifier for CD Players
CXA2596M SONY-CXA2596M Datasheet
278Kb / 17P
   RF Amplifier for CD Players
CXA2550M SONY-CXA2550M Datasheet
214Kb / 15P
   RF Amplifier for CD Players
CXA1791M SONY-CXA1791M Datasheet
245Kb / 12P
   RF AMPLIFIER FOR CD PLAYERS
CXA2568M SONY-CXA2568M Datasheet
262Kb / 17P
   RF Amplifier for CD Players
CXA1782CQ SONY-CXA1782CQ Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
logo
Rohm
BA6387K ROHM-BA6387K Datasheet
153Kb / 13P
   Preservo amplifier for CD players
logo
Sony Corporation
CXA1982Q SONY-CXA1982Q Datasheet
652Kb / 30P
   RF Signal Processing Servo Amplifier for CD players
logo
Rohm
BA6386K ROHM-BA6386K Datasheet
214Kb / 13P
   Preservo amplifier for CD players
logo
Sony Corporation
CXA2581N SONY-CXA2581N Datasheet
297Kb / 22P
   RF Signal Processor for CD Players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com