Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3839E16DQN Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS3839E16DQN
Description  Ultra-Low Power, Supply Voltage Supervisor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3839E16DQN Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS3839E16DQN Datasheet HTML 2Page - Texas Instruments TPS3839E16DQN Datasheet HTML 3Page - Texas Instruments TPS3839E16DQN Datasheet HTML 4Page - Texas Instruments TPS3839E16DQN Datasheet HTML 5Page - Texas Instruments TPS3839E16DQN Datasheet HTML 6Page - Texas Instruments TPS3839E16DQN Datasheet HTML 7Page - Texas Instruments TPS3839E16DQN Datasheet HTML 8Page - Texas Instruments TPS3839E16DQN Datasheet HTML 9Page - Texas Instruments TPS3839E16DQN Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
4.7 PH
10 PF
10 PF
5 k:
L
VIN
VOUT
RI
GND
FB
EN
TPS61261
One Cell
Alkaline
VDD
GND
RESET
TPS3839A09
3.3 V at 40 mA
RESET
GND
TPS3839K33
VDD
RST
PP
3.3 V
VCC
47 k:
TPS3839
SBVS193 – JUNE 2012
www.ti.com
INPUT CAPACITOR
The TPS3839 uses a unique sampling scheme to maintain an extremely low average quiescent current of 150
nA. The TPS3839 typically only consumes approximately 100 nA of dc current. However, this current rises to
approximately 15 µA for about 200 µs while the TPS3839 samples the input voltage. If the source impedance is
high then the additional current during sampling may trigger a false reset because of the apparent voltage drop
at VDD. For high VDD source or trace impedance applications, it is recommended to add a small 0.1-µF bypass
capacitor near the TPS3839 VDD pin. The bypass capacitor effectively keeps the average current at 150 nA and
reduces the effects of a high-impedance voltage source.
BIDIRECTIONAL RESET PINS
Some microcontrollers have bidirectional RESET pins that act both as an input and an output. A series resistor
should be placed between the TPS3839 output and the microcontroller RESET pin to protect against excessive
current flow when both the TPS3839 and the microcontroller attempt to drive the RESET line. Figure 5 shows the
connection of the TPS3839 with a microcontroller using a series resistor to drive a bidirectional RESET line.
Figure 5. Connection to Bidirectional RESET Pin
SINGLE ALKALINE CELL MONITORING
The low operating voltage and threshold options make the TPS3839 well-suited for monitoring single-cell alkaline
battery applications. Figure 6 shows the TPS3839A09 used to disable a boost converter when the cell voltage
reaches 0.9 V, which is the end of the discharge voltage for a single alkaline battery cell. When the cell voltage
reaches 0.9 V, the TPS61261 enable pin is driven low. This setting disables the TPS61261 and places it in a
low-current shutdown state. The combination of the TPS3839 and TPS61261 only consumes 250 nA (typical)
from the discharged battery.
Figure 6. Disabled Boost Converter
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TPS3839


Similar Part No. - TPS3839E16DQN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3839E16DQNR TI-TPS3839E16DQNR Datasheet
906Kb / 24P
[Old version datasheet]   Ultralow Power, Supply Voltage Supervisor
TPS3839E16DQNR TI1-TPS3839E16DQNR Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
TPS3839E16DQNT TI-TPS3839E16DQNT Datasheet
906Kb / 24P
[Old version datasheet]   Ultralow Power, Supply Voltage Supervisor
TPS3839E16DQNT TI1-TPS3839E16DQNT Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
More results

Similar Description - TPS3839E16DQN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3831 TI-TPS3831 Datasheet
906Kb / 24P
[Old version datasheet]   Ultralow Power, Supply Voltage Supervisor
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
   SUPPLY VOLTAGE SUPERVISOR
logo
Texas Instruments
TL7700 TI-TL7700_06 Datasheet
266Kb / 15P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700 Datasheet
144Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7702 TI-TL7702 Datasheet
340Kb / 17P
[Old version datasheet]   Supply voltage Supervisor
1633903 TI-1633903 Datasheet
774Kb / 22P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700_07 Datasheet
400Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
ON Semiconductor
ASM1834 ONSEMI-ASM1834 Datasheet
176Kb / 11P
   Power Supply Supervisor
August, 2011 ??Rev. 3
ASM690A ONSEMI-ASM690A Datasheet
202Kb / 12P
   Power Supply Supervisor
August, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com