Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3839G12DQN Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS3839G12DQN
Description  Ultra-Low Power, Supply Voltage Supervisor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3839G12DQN Datasheet(HTML) 3 Page - Texas Instruments

  TPS3839G12DQN Datasheet HTML 1Page - Texas Instruments TPS3839G12DQN Datasheet HTML 2Page - Texas Instruments TPS3839G12DQN Datasheet HTML 3Page - Texas Instruments TPS3839G12DQN Datasheet HTML 4Page - Texas Instruments TPS3839G12DQN Datasheet HTML 5Page - Texas Instruments TPS3839G12DQN Datasheet HTML 6Page - Texas Instruments TPS3839G12DQN Datasheet HTML 7Page - Texas Instruments TPS3839G12DQN Datasheet HTML 8Page - Texas Instruments TPS3839G12DQN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TPS3839
www.ti.com
SBVS193 – JUNE 2012
ELECTRICAL CHARACTERISTICS
At TA = –40°C to +85°C, 0.9 V < VDD< 6.5 V, and C1 = 0.1 µF, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD
Input supply range
0.9
6.5
V
V(VO)
Minimum VDD voltage for valid output
IOL = 1 µA
0.6
V
IDD
Supply current (into VDD pin)
Output not connected
150
600
mA
VDD = 0.9 V to 1.2 V, IOL = 120 µA
0.4
V
VOL
Low-level output voltage RESET
VDD = 1.2 V to 2.8 V, IOL = 0.5 mA
0.4
V
VDD = 2.8 V to 6.5 V, IOL = 2 mA
0.4
V
VDD = 0.9 V to 1.8 V, IOH = –50 µA
VDD – 0.4
V
VOH
High-level output voltage RESET
VDD = 1.8 V to 3.3 V, IOH = –0.5 mA
VDD – 0.4
V
VDD = 3.3 V to 6.5 V, IOH = –2 mA
VDD – 0.4
V
Negative-going input threshold
V(THA)
–2.0
±1.0
+2.0
%
accuracy
TPS3839A09
0.882
0.900
0.918
V
TPS3839G12
1.098
1.120
1.142
V
TPS3839E16
1.490
1.520
1.550
V
TPS3839G18
1.637
1.670
1.703
V
VIT–
Negative-going threshold voltage
TPS3839L30
2.577
2.630
2.683
V
TPS3839K33
2.871
2.930
2.989
V
TPS3839G33
3.018
3.080
3.142
V
TPS3839K50
4.292
4.380
4.468
V
Vhys
Hysteresis voltage
V(SENSE) falling
10
mV
TIMING REQUIREMENTS
PARAMETER
MIN
TYP
MAX
UNIT
tW
Minimum VDD pulse width to RESET
1
µs
tD
RESET delay time (power-up delay)
120
200
320
ms
tPHL
Propagation delay, VDD falling (power-down delay)
20
µs
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS3839


Similar Part No. - TPS3839G12DQN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3839G12DQNR TI-TPS3839G12DQNR Datasheet
906Kb / 24P
[Old version datasheet]   Ultralow Power, Supply Voltage Supervisor
TPS3839G12DQNR TI1-TPS3839G12DQNR Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
TPS3839G12DQNT TI-TPS3839G12DQNT Datasheet
906Kb / 24P
[Old version datasheet]   Ultralow Power, Supply Voltage Supervisor
TPS3839G12DQNT TI1-TPS3839G12DQNT Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
More results

Similar Description - TPS3839G12DQN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3831 TI-TPS3831 Datasheet
906Kb / 24P
[Old version datasheet]   Ultralow Power, Supply Voltage Supervisor
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
   SUPPLY VOLTAGE SUPERVISOR
logo
Texas Instruments
TL7700 TI-TL7700_06 Datasheet
266Kb / 15P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700 Datasheet
144Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7702 TI-TL7702 Datasheet
340Kb / 17P
[Old version datasheet]   Supply voltage Supervisor
1633903 TI-1633903 Datasheet
774Kb / 22P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700_07 Datasheet
400Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
ON Semiconductor
ASM1834 ONSEMI-ASM1834 Datasheet
176Kb / 11P
   Power Supply Supervisor
August, 2011 ??Rev. 3
ASM690A ONSEMI-ASM690A Datasheet
202Kb / 12P
   Power Supply Supervisor
August, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com