Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US2GA Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # US2GA
Description  Surface Mount Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

US2GA Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  US2GA Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd US2GA Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.4
0.01
0.1
1
0.6
0.8
1.0
1.2
1.4
1.6
US2JA-US2MA
US2AA-US2GA
1.8
0
PULSE WIDTH=300
s1%DUTY CYCLE
TJ=25
0
0
RES I ST I V E OR I NDU CT IVE
LO A D
25
50
75
1 0 0
1 2 5
1 5 0
1 . 0
2 . 0
2 . 4
1 . 4
0 . 8
0 . 4
0 .2X0 . 2 " ( 5 . 0 X5 . 0 m m )
CO PP ER P A D
ARE A S
0
11 0
100
T L= 110
8. 3m s S I N G LE H A LF S I N E - W A V E
( J ED EC M E T H O D )
15
10
30
25
5
20
50
45
40
35
0
0.1
10
20
40
60
80
100
0.01
TJ=125
125
100℃
25℃
1
100
0.1
1
10
0.01
0.1
1
10
100
100
FIG.2 -- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
REVERSE VOLTAGE(V)
T,PULSE DURATION,
PERCENT OF RATED PEAK REVERSE VOLTAGE. (
)
FIG.3 -- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
FIG.5 -- TYPICAL JUNCTION CAPACITANCE
FIG.1 -- FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE
NUMBER OF CYCLES AT 60HZ
INSTANTANEOUS FORWARD VOLTAGE(V)
FIG.6 -- TYPICAL TRANSIENT THERMAL IMPEDANCE
0.1
1
2
     TJ=25
0.2
0.4
1
2
100
4
10
40
20
10
4
6
20
40
60
200
100
US2AA-US2JA
US2KA,US2MA
US2AA-US2MA
Surface Mount Rectifiers
Ratings AND Charactieristic Curves
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - US2GA

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
US2GA SSE-US2GA Datasheet
17Kb / 1P
   SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
PACELEADER INDUSTRIAL
US2GA PACELEADER-US2GA Datasheet
158Kb / 2P
   SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
logo
Shenzhen Taychipst Elec...
US2GA TAYCHIPST-US2GA Datasheet
3Mb / 2P
   Surface Mount Ultrafast Rectifiers
logo
Microdiode Electronics ...
US2GA CHENDA-US2GA Datasheet
394Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Diode Semiconductor Kor...
US2GA DSK-US2GA Datasheet
93Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results

Similar Description - US2GA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
MURS405 LUGUANG-MURS405 Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diode Semiconductor Kor...
US1AB DSK-US1AB Datasheet
86Kb / 2P
   SURFACE MOUNT RECTIFIERS
RS5AC DSK-RS5AC Datasheet
146Kb / 2P
   SURFACE MOUNT RECTIFIERS
US3AB DSK-US3AB Datasheet
108Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com