Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7329 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX7329
Description  I2C Port Expander with Eight Push-Pull Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7329 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX7329 Datasheet HTML 6Page - Maxim Integrated Products MAX7329 Datasheet HTML 7Page - Maxim Integrated Products MAX7329 Datasheet HTML 8Page - Maxim Integrated Products MAX7329 Datasheet HTML 9Page - Maxim Integrated Products MAX7329 Datasheet HTML 10Page - Maxim Integrated Products MAX7329 Datasheet HTML 11Page - Maxim Integrated Products MAX7329 Datasheet HTML 12Page - Maxim Integrated Products MAX7329 Datasheet HTML 13Page - Maxim Integrated Products MAX7329 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
I2C Port Expander with Eight Push-Pull Outputs
______________________________________________________________________________________
11
Applications Information
Hot Insertion
SDA, SCL, AD0, AD2, and RST are overvoltage protect-
ed to +6V independent of V+. This allows the MAX7320
to be operated from a lower supply voltage, such as
+3.3V, while the I2C interface is driven from a higher
logic level, such as +5V.
Each of the output ports, O0–O7, has a protection
diode to V+ and to GND (Figure 8). When a port output
is driven to a voltage higher than V+ or lower than
GND, the appropriate protection diode clamps the out-
put to a diode drop above V+ or below GND. When the
MAX7320 is powered down (V+ = 0V), each output port
appears as a diode connected to GND (Figure 8).
Power-Supply Considerations
The MAX7320 operates with a supply voltage of +1.71V
to +5.5V over the -40°C to +125°C temperature range.
Bypass V+ to GND with a ceramic capacitor of at least
0.047µF as close to the device as possible. For the TQFN
version, additionally connect the exposed pad to GND.
Figure 8. Output Port Structure
V+
V+
PORT
MAX7320
I2C
CONTROL
O0
O3
O2
O1
O4
O5
O6
O7
OUTPUT
PORTS
GND
V+
POWER-
ON RESET
INPUT
FILTER
RST
SDA
SCL
AD2
AD0
MAX7320
Functional Block Diagram


Similar Part No. - MAX7329

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7329 MAXIM-MAX7329 Datasheet
213Kb / 17P
   I2C Port Expander with 4 Push-Pull Outputs
Rev 1; 7/07
MAX7329 MAXIM-MAX7329 Datasheet
726Kb / 11P
   I2C Port Expanders with Eight I/O Ports
19-3829; Rev 1; 4/14
MAX7329AAP MAXIM-MAX7329AAP Datasheet
726Kb / 11P
   I2C Port Expanders with Eight I/O Ports
19-3829; Rev 1; 4/14
MAX7329AUP** MAXIM-MAX7329AUP* Datasheet
726Kb / 11P
   I2C Port Expanders with Eight I/O Ports
19-3829; Rev 1; 4/14
MAX7329AWE MAXIM-MAX7329AWE Datasheet
726Kb / 11P
   I2C Port Expanders with Eight I/O Ports
19-3829; Rev 1; 4/14
More results

Similar Description - MAX7329

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7320 MAXIM-MAX7320_15 Datasheet
845Kb / 14P
   I2C Port Expander with Eight Push-Pull Outputs
Rev 1; 4/15
MAX7324 MAXIM-MAX7324_14 Datasheet
979Kb / 18P
   I2C Port Expander with Eight Push-Pull Outputs and Eight Inputs
Rev 1; 5/14
MAX7324 MAXIM-MAX7324 Datasheet
261Kb / 20P
   I2C Port Expander with Eight Push-Pull Outputs and Eight Inputs
Rev 0; 10/06
MAX7323 MAXIM-MAX7323 Datasheet
213Kb / 17P
   I2C Port Expander with 4 Push-Pull Outputs
Rev 1; 7/07
MAX7322 MAXIM-MAX7322_14 Datasheet
1,020Kb / 16P
   I2C Port Expander with 4 Push-Pull Outputs and 4 Inputs
Rev 2; 5/14
MAX7322 MAXIM-MAX7322 Datasheet
215Kb / 18P
   I2C Port Expander with 4 Push-Pull Outputs and 4 Inputs
Rev 1; 9/06
MAX7327 MAXIM-MAX7327 Datasheet
1Mb / 21P
   I2C Port Expander with 12 Push-Pull Outputs and 4 Open-Drain I/Os
Rev 0; 8/06
MAX7327 MAXIM-MAX7327_V01 Datasheet
971Kb / 17P
   I2C Port Expander with 12 Push-Pull Outputs and 4 Open-Drain I/Os
19-3805; Rev 1; 5/14
MAX7323 MAXIM-MAX7323_V01 Datasheet
1,006Kb / 15P
   I2C Port Expander with 4 Push-Pull Outputs and 4 Open-Drain I/Os
19-3806; Rev 2; 5/14
MAX7326 MAXIM-MAX7326 Datasheet
966Kb / 18P
   I 2C Port Expander with 12 Push-Pull Outputs and 4 Inputs
19-3804; Rev 1; 5/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com