Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPPM0125DBV Datasheet(PDF) 5 Page - Texas Instruments

Part # TPPM0125DBV
Description  150-mA LOW DROPOUT REGULATOR WITH POK
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPPM0125DBV Datasheet(HTML) 5 Page - Texas Instruments

  TPPM0125DBV Datasheet HTML 1Page - Texas Instruments TPPM0125DBV Datasheet HTML 2Page - Texas Instruments TPPM0125DBV Datasheet HTML 3Page - Texas Instruments TPPM0125DBV Datasheet HTML 4Page - Texas Instruments TPPM0125DBV Datasheet HTML 5Page - Texas Instruments TPPM0125DBV Datasheet HTML 6Page - Texas Instruments TPPM0125DBV Datasheet HTML 7Page - Texas Instruments TPPM0125DBV Datasheet HTML 8Page - Texas Instruments TPPM0125DBV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TPPM0125
150mA LOW DROPOUT REGULATOR WITH POK
SLVS388 − JULY 2001
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics (see Note 4),TA = 25°C, VI = 5 V, V(EN) = VI, IO = 100 µA, CL = 1 µF(unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power up overshoot
Maximum voltage overshoot allowed on output during
powerup
1%
t(STEP)
Output transient time limit
Time for output to return within specified regulation range
5
µs
Output transient voltage limit
Voltage that load step can affect the nominal output voltage
1%
I(SR)
Load step current slew rate
IL = 0.1 mA to 150 mA
10
mA/
µs
tr
Power up rise time
50
µs
tf
Power down fall time
Discharge resistance = 500
Ω, VO < 1.08 V
60
µs
td(POK)
Power okay delay time
VI > V(POKTH) until POK↑
2.5
ms
NOTE 4: Assured by design, not tested in production.
thermal resistance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RθJC
Thermal impedance, junction-to-case
145
°C/W
RθJA
Thermal impedance, junction-to-ambient
235
°C/W


Similar Part No. - TPPM0125DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPPM0110 TI-TPPM0110 Datasheet
247Kb / 14P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
TPPM0110DWP TI-TPPM0110DWP Datasheet
247Kb / 14P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
TPPM0110DWPR TI-TPPM0110DWPR Datasheet
247Kb / 14P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
TPPM0111 TI-TPPM0111 Datasheet
234Kb / 10P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
TPPM0111DWP TI-TPPM0111DWP Datasheet
234Kb / 10P
[Old version datasheet]   DUAL LOW-DROPOUT LINEAR REGULATOR
More results

Similar Description - TPPM0125DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN105125 TI1-SN105125_12 Datasheet
533Kb / 15P
[Old version datasheet]   150-mA LOW DROPOUT REGULATOR WITH POK
SN105125 TI-SN105125 Datasheet
201Kb / 13P
[Old version datasheet]   150-mA LOW DROPOUT REGULATOR WITH POK
logo
Diodes Incorporated
AP7165 DIODES-AP7165_10 Datasheet
602Kb / 14P
   600mA LOW DROPOUT REGULATOR WITH POK
DS31270 Rev. 6 - 2
AP7167 DIODES-AP7167 Datasheet
251Kb / 11P
   1.2A LOW DROPOUT REGULATOR WITH POK
AP7167 Rev. 2
AP7165 DIODES-AP7165 Datasheet
306Kb / 11P
   600mA LOW DROPOUT REGULATOR WITH POK
AP7165 Rev. 1
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
logo
Diodes Incorporated
AP7168 DIODES-AP7168_10 Datasheet
467Kb / 11P
   1.2A LOW DROPOUT REGULATOR WITH POK
DS32019 Rev. 2 - 2
AP7167 DIODES-AP7167_10 Datasheet
494Kb / 14P
   1.2A LOW DROPOUT REGULATOR WITH POK
DS31252 Rev. 7 - 2
AP7168 DIODES-AP7168 Datasheet
252Kb / 11P
   1.2A LOW DROPOUT REGULATOR WITH POK
AP7168 Rev. 1
logo
Texas Instruments
TPPM0302 TI-TPPM0302 Datasheet
239Kb / 12P
[Old version datasheet]   400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT AND POK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com