Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC2801 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPIC2801
Description  OCTAL INTELLIGENT-POWER SWITCH WITH SERIAL INPUT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2801 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPIC2801 Datasheet HTML 5Page - Texas Instruments TPIC2801 Datasheet HTML 6Page - Texas Instruments TPIC2801 Datasheet HTML 7Page - Texas Instruments TPIC2801 Datasheet HTML 8Page - Texas Instruments TPIC2801 Datasheet HTML 9Page - Texas Instruments TPIC2801 Datasheet HTML 10Page - Texas Instruments TPIC2801 Datasheet HTML 11Page - Texas Instruments TPIC2801 Datasheet HTML 12Page - Texas Instruments TPIC2801 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TPIC2801
OCTAL INTELLIGENT POWER SWITCH
WITH SERIAL INPUT
SLIS008 − D3282, AUGUST 1989 − REVISED JUNE 1990
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
2−9
PARAMETER MEASUREMENT INFORMATION
GND
SO
Output
CL = 200 pF
(see Note A)
10 ns
10 ns
td1
tr(SO)
5 V
0
VOL
VOL
VOH
SCLK
Input
SO
Output
Waveform 1
(see Note B)
SO
Output
Waveform 2
(see Note B)
SCLK
tv
VOH
td1
tv
tf(SO)
VOLTAGE WAVEFORMS
TEST CIRCUIT FOR VALID DATA
DELAY TIME td1 AND VALID TIME tv
5 V
0.7 VCC
2.5 V
2.5 V
0.2 VCC
0.7 VCC
0.2 VCC
0.2 VCC
0.7 VCC
TPIC2801
Under
Test
VCC
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the low-to-high transition of SCLK causes the SO output to switch from
low to high. Waveform 2 is for an output with internal conditions such that the low-to-high transition of SCLK causes the SO output
to switch from high to low.
Figure 3. Test Circuit and Voltage Waveforms for Delay Times
TPIC2801
Under
Test
GND
Y
SIOE
RL = 5 Ω
Output
CL = 20 pF
(see Note A)
10 ns
90%
10%
10%
10 ns
50%
td2
5 V
0
Von = 5 V
IO(CL) = 1.2 A
0
SIOE
Input
Y-Output Voltage
(see Note B)
Y-Output Current
(see Note B)
11 V
90%
50%
Voff = 11 V
VOLTAGE WAVEFORMS
TEST CIRCUIT FOR UNLATCH DISABLE
DELAY TIME td2
(see Notes C and D)
5 V
2.5 V
2.5 V
VCC
NOTES: A. CL includes probe and jig capacitance.
B. Output voltage and current waveforms are for an output with internal conditions such that the low-to-high transition of SIOE causes
the output to switch from being off to being on.
C. td2 = delay until Y-output current goes off under fault condition.
D. Load voltage VS and load resistance RL are selected such that on-state voltage at the Y output under test, Von is greater than the
maximum out-of-saturation hold voltage, VTOS. Thus VOL = Von > VTOS(max) = 1.98 V.
Figure 4. Test Circuit and Voltage and Current Waveforms for Unlatch Disable Delay


Similar Part No. - TPIC2801

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2801 TI-TPIC2801 Datasheet
174Kb / 13P
[Old version datasheet]   OCTAL INTELLIGENT-POWER SWITCH WITH SERIAL INPUT
TPIC2801KV TI-TPIC2801KV Datasheet
174Kb / 13P
[Old version datasheet]   OCTAL INTELLIGENT-POWER SWITCH WITH SERIAL INPUT
More results

Similar Description - TPIC2801

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2801KV TI-TPIC2801KV Datasheet
174Kb / 13P
[Old version datasheet]   OCTAL INTELLIGENT-POWER SWITCH WITH SERIAL INPUT
TPIC2802 TI-TPIC2802 Datasheet
210Kb / 13P
[Old version datasheet]   OCTAL INTELLIGENT-POWER SWITCH WITH SERIAL INPUT
logo
Motorola, Inc
MC33880 MOTOROLA-MC33880 Datasheet
741Kb / 24P
   CONFIGURABLE OCTAL SERIAL SWITCH WITH SERIAL PERIPHERAL INTERFACE
logo
Freescale Semiconductor...
33880 FREESCALE-33880_09 Datasheet
1Mb / 25P
   Configurable Octal Serial Switch
logo
Siemens Semiconductor G...
SCD5580 SIEMENS-SCD5580 Datasheet
114Kb / 15P
   Serial Input Dot Addressable Intelligent Display
logo
Freescale Semiconductor...
33880 FREESCALE-33880_08 Datasheet
760Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
33880 FREESCALE-33880 Datasheet
601Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
33880 FREESCALE-33880_12 Datasheet
590Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
logo
STMicroelectronics
TDE1707BFP STMICROELECTRONICS-TDE1707BFP Datasheet
1Mb / 6P
   INTELLIGENT POWER SWITCH
TDE1707BFP STMICROELECTRONICS-TDE1707BFP Datasheet
50Kb / 6P
   INTELLIGENT POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com