Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC2202 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPIC2202
Description  2-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2202 Datasheet(HTML) 3 Page - Texas Instruments

  TPIC2202 Datasheet HTML 1Page - Texas Instruments TPIC2202 Datasheet HTML 2Page - Texas Instruments TPIC2202 Datasheet HTML 3Page - Texas Instruments TPIC2202 Datasheet HTML 4Page - Texas Instruments TPIC2202 Datasheet HTML 5Page - Texas Instruments TPIC2202 Datasheet HTML 6Page - Texas Instruments TPIC2202 Datasheet HTML 7Page - Texas Instruments TPIC2202 Datasheet HTML 8Page - Texas Instruments TPIC2202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TPIC2202
2CHANNEL COMMONSOURCE POWER DMOS ARRAY
SLIS017 − SEPTEMBER 1992
2−3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PARAMETER MEASUREMENT INFORMATION
7.5 A
IS
0
IRM
25% of IRM
trr
di/dt = 100 A/
µs
QRR = Shaded Area
(see Note A)
NOTE A: IRM = maximum recovery current
Figure 1. Reverse-Recovery-Current Waveforms of Source-Drain Diode
Pulse Generator
50
Rgen
50
VGS
25 V
DUT
VDS
TEST CIRCUIT
VDD
VDS(on)
td(on)
tf
td(off)
90%
10%
90%
10%
VOLTAGE WAVEFORMS
VGS
VDS
RL
15 V
0
tr
90%
ten
tdis
Figure 2. Test Circuit and Voltage Waveforms, Resistive Switching


Similar Part No. - TPIC2202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2010 TI1-TPIC2010 Datasheet
1Mb / 70P
[Old version datasheet]   Serial I/F Controlled 9-Channel Motor-Driver
TPIC2010RDFDRG4 TI1-TPIC2010RDFDRG4 Datasheet
1Mb / 70P
[Old version datasheet]   Serial I/F Controlled 9-Channel Motor-Driver
TPIC2030 TI1-TPIC2030 Datasheet
1Mb / 61P
[Old version datasheet]   Serial I/F Controlled 7-Channel Motor-Driver
TPIC2030DBTRG4 TI1-TPIC2030DBTRG4 Datasheet
1Mb / 61P
[Old version datasheet]   Serial I/F Controlled 7-Channel Motor-Driver
TPIC2040 TI1-TPIC2040 Datasheet
1Mb / 57P
[Old version datasheet]   Serial I/F Controlled 7-Channel Motor-Driver
More results

Similar Description - TPIC2202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2601 TI-TPIC2601 Datasheet
186Kb / 10P
[Old version datasheet]   6-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2701 TI1-TPIC2701_12 Datasheet
342Kb / 18P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2401 TI1-TPIC2401 Datasheet
214Kb / 10P
[Old version datasheet]   4-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2701 TI-TPIC2701 Datasheet
245Kb / 15P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2301 TI1-TPIC2301 Datasheet
160Kb / 9P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2322L TI-TPIC2322L Datasheet
264Kb / 13P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE LOGIC-LEVEL POWER DMOS ARRAY
TPIC3302 TI1-TPIC3302_11 Datasheet
219Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
TPIC3302 TI-TPIC3302 Datasheet
170Kb / 11P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
TPIC2302 TI-TPIC2302 Datasheet
258Kb / 13P
[Old version datasheet]   3-Channel Constant Current-SOURCE POWER DMOS ARRAY
TPIC3322L TI1-TPIC3322L Datasheet
217Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN LOGIC-LEVEL POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com