Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM497MBK36Q-70 Datasheet(PDF) 5 Page - Texas Instruments

Part # TM497MBK36Q-70
Description  4194304 BY 36-BIT DYNAMIC RAM MODULE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM497MBK36Q-70 Datasheet(HTML) 5 Page - Texas Instruments

  TM497MBK36Q-70 Datasheet HTML 1Page - Texas Instruments TM497MBK36Q-70 Datasheet HTML 2Page - Texas Instruments TM497MBK36Q-70 Datasheet HTML 3Page - Texas Instruments TM497MBK36Q-70 Datasheet HTML 4Page - Texas Instruments TM497MBK36Q-70 Datasheet HTML 5Page - Texas Instruments TM497MBK36Q-70 Datasheet HTML 6Page - Texas Instruments TM497MBK36Q-70 Datasheet HTML 7Page - Texas Instruments TM497MBK36Q-70 Datasheet HTML 8Page - Texas Instruments TM497MBK36Q-70 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TM497MBK36A, TM497MBK36Q
4194304 BY 36-BIT
DYNAMIC RAM MODULE
SMMS446C – DECEMBER 1992 – REVISED JUNE 1995
5
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC (see Note 1)
– 1 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range on any pin (see Note 1)
– 1 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Short-circuit output current
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power dissipation
12 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to VSS.
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2.4
6.5
V
VIL
Low-level input voltage (see Note 2)
– 1
0.8
V
TA
Operating free-air temperature
0
70
°C
NOTE 2: The algebraic convention, where the more negative (less positive) limit is designated as minimum, is used for logic-voltage levels only.
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
’497MBK36A-60
’497MBK36A-70
’497MBK36A-80
UNIT
PARAMETER
TEST CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
VOH
High-level output
voltage
IOH = – 5 mA
2.4
2.4
2.4
V
VOL
Low-level output
voltage
IOL = 4.2 mA
0.4
0.4
0.4
V
II
Input current
(leakage)
VCC = 5.5 V,
VI = 0 V to 6.5 V,
All other pins = 0 V to VCC
± 120
± 120
± 120
µA
IO
Output current
(leakage)
VCC = 5.5 V,
VO = 0 V to VCC,
CAS high
± 10
± 10
± 10
µA
ICC1
Read- or write-cycle
current (see Note 3)
VCC = 5.5 V,
Minimum cycle
1300
1160
1040
mA
ICC2 Standby current
VIH = 2.4 V (TTL),
After 1 memory cycle,
RAS and CAS high
24
24
24
mA
ICC2 Standby current
VIH = VCC – 0.2 V (CMOS),
After 1 memory cycle,
RAS and CAS high
12
12
12
mA
ICC3
Average refresh
current (RAS only
or CBR)
(see Note 3)
VCC = 5.5 V,
Minimum cycle,
RAS cycling,
CAS high (RAS only);
RAS low after CAS low (CBR)
1300
1160
1040
mA
ICC4
Average page
current (see Note 4)
VCC = 5.5 V,
tPC = MIN
RAS low,
CAS cycling
920
800
680
mA
NOTES:
3. Measured with a maximum of one address change while RAS = VIL
4. Measured with a maximum of one address change while CAS = VIH


Similar Part No. - TM497MBK36Q-70

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM497MBK36H TI1-TM497MBK36H Datasheet
138Kb / 9P
[Old version datasheet]   4194304 BY 36-BIT DYNAMIC RAM MODULES
TM497MBK36I TI1-TM497MBK36I Datasheet
138Kb / 9P
[Old version datasheet]   4194304 BY 36-BIT DYNAMIC RAM MODULES
More results

Similar Description - TM497MBK36Q-70

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM497MBK36H TI1-TM497MBK36H Datasheet
138Kb / 9P
[Old version datasheet]   4194304 BY 36-BIT DYNAMIC RAM MODULES
TM497BBK32 TI-TM497BBK32 Datasheet
118Kb / 9P
[Old version datasheet]   4194304 BY 32-BIT DYNAMIC RAM MODULE
TM4100EAD9 TI1-TM4100EAD9 Datasheet
113Kb / 9P
[Old version datasheet]   4194304 BY 9-BIT DYNAMIC RAM MODULE
TM497EU9 TI-TM497EU9 Datasheet
88Kb / 7P
[Old version datasheet]   4194304-WORD BY 9-BIT DYNAMIC RAM MODULE
TM497GU8 TI1-TM497GU8 Datasheet
88Kb / 7P
[Old version datasheet]   4194304-WORD BY 8-BIT DYNAMIC RAM MODULE
logo
Mitsubishi Electric Sem...
MH4M36CJD-5 MITSUBISHI-MH4M36CJD-5 Datasheet
130Kb / 14P
   FAST PAGE MODE ( 4194304-WORD BY 36-BIT ) DYNAMIC RAM
MH4M365CXJ-5 MITSUBISHI-MH4M365CXJ-5 Datasheet
231Kb / 15P
   HYPER PAGE MODE 150994944-BIT ( 4194304-WORD BY 36-BIT ) DYNAMIC RAM
MH4V36AM-6 MITSUBISHI-MH4V36AM-6 Datasheet
190Kb / 18P
   FAST PAGE MODE 150994944-BIT ( 4194304-WORD BY 36-BIT ) DYNAMIC RAM
logo
Texas Instruments
TM248NBK36E TI1-TM248NBK36E Datasheet
175Kb / 12P
[Old version datasheet]   36-BIT DYNAMIC RAM MODULE
logo
Mitsubishi Electric Sem...
M5M44400BJ MITSUBISHI-M5M44400BJ Datasheet
1Mb / 24P
   FAST PAGE MODE 4194304-BIT(1048576-WORD BY 4-BIT)DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com