Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM893GBK32R Datasheet(PDF) 4 Page - Texas Instruments

Part # TM893GBK32R
Description  EXTENDED DATA OUT DYNAMIC RAM MODULES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM893GBK32R Datasheet(HTML) 4 Page - Texas Instruments

  TM893GBK32R Datasheet HTML 1Page - Texas Instruments TM893GBK32R Datasheet HTML 2Page - Texas Instruments TM893GBK32R Datasheet HTML 3Page - Texas Instruments TM893GBK32R Datasheet HTML 4Page - Texas Instruments TM893GBK32R Datasheet HTML 5Page - Texas Instruments TM893GBK32R Datasheet HTML 6Page - Texas Instruments TM893GBK32R Datasheet HTML 7Page - Texas Instruments TM893GBK32R Datasheet HTML 8Page - Texas Instruments TM893GBK32R Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TM497FBK32R, TM497FBK32G 4194304 BY 32-BIT
TM893GBK32R, TM893GBK32G 8388608 BY 32-BIT
EXTENDED DATA OUT DYNAMIC RAM MODULES
SMMS672 – FEBRUARY 1997
4
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
Table 1. TM497FBK32R/G Connection Table
DATA BLOCK
RASx
CASx
DQ0 – DQ7
RAS0
CAS0
DQ8 – DQ15
RAS0
CAS1
DQ16 – DQ23
RAS2
CAS2
DQ24 – DQ31
RAS2
CAS3
Table 2. TM893GBK32R/G Connection Table
DATA BLOCK
RASx
CASx
DATA BLOCK
Side 1
Side 2
CASx
DQ0 – DQ7
RAS0
RAS1
CAS0
DQ8 – DQ15
RAS0
RAS1
CAS1
DQ16 – DQ23
RAS2
RAS3
CAS2
DQ24 – DQ31
RAS2
RAS3
CAS3
single-in-line memory module and components
PC substrate: 1,27
± 0,1 mm (0.05 inch) nominal thickness; 0.005 inch/inch maximum warpage
Bypass capacitors: Multilayer ceramic
Contact area for TM497FBK32G and TM893GBK32G: Nickel plate and gold plate over copper
Contact area for TM497FBK32R and TM893GBK32R: Nickel plate and tin-lead over copper


Similar Part No. - TM893GBK32R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM893GBK32 TI-TM893GBK32 Datasheet
170Kb / 12P
[Old version datasheet]   EXTENDED DATA OUT DYNAMIC RAM MODULES
TM893GBK32H TI1-TM893GBK32H Datasheet
209Kb / 13P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM893GBK32H-60 TI1-TM893GBK32H-60 Datasheet
209Kb / 13P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM893GBK32I TI1-TM893GBK32I Datasheet
209Kb / 13P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM893GBK32I-60 TI1-TM893GBK32I-60 Datasheet
209Kb / 13P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
More results

Similar Description - TM893GBK32R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM4EN64KPU TI1-TM4EN64KPU Datasheet
328Kb / 20P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM2EP64DJN TI1-TM2EP64DJN Datasheet
679Kb / 43P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM497FBK32 TI-TM497FBK32 Datasheet
170Kb / 12P
[Old version datasheet]   EXTENDED DATA OUT DYNAMIC RAM MODULES
TM4EP64BJN TI-TM4EP64BJN Datasheet
354Kb / 22P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM497FBK32H TI1-TM497FBK32H Datasheet
209Kb / 13P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM2EJ64DPN TI1-TM2EJ64DPN Datasheet
312Kb / 20P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES ??SODIMM
TM4EP72BJB TI1-TM4EP72BJB Datasheet
248Kb / 13P
[Old version datasheet]   EXTENDED-DATA-OUT BUFFERED DYNAMIC RAM MODULES
TM4EJ64KPU TI1-TM4EJ64KPU Datasheet
378Kb / 24P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES ??? SODIMM
logo
Samsung semiconductor
K4E660412E SAMSUNG-K4E660412E Datasheet
192Kb / 21P
   16M x 4bit CMOS Dynamic RAM with Extended Data Out
K4E661612C SAMSUNG-K4E661612C Datasheet
884Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com