Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM248NBK36E Datasheet(PDF) 10 Page - Texas Instruments

Part # TM248NBK36E
Description  36-BIT DYNAMIC RAM MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM248NBK36E Datasheet(HTML) 10 Page - Texas Instruments

Back Button TM248NBK36E Datasheet HTML 4Page - Texas Instruments TM248NBK36E Datasheet HTML 5Page - Texas Instruments TM248NBK36E Datasheet HTML 6Page - Texas Instruments TM248NBK36E Datasheet HTML 7Page - Texas Instruments TM248NBK36E Datasheet HTML 8Page - Texas Instruments TM248NBK36E Datasheet HTML 9Page - Texas Instruments TM248NBK36E Datasheet HTML 10Page - Texas Instruments TM248NBK36E Datasheet HTML 11Page - Texas Instruments TM248NBK36E Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TM124MBK36E, TM124MBK36T 1048576 BY 36-BIT DYNAMIC RAM MODULE
TM248NBK36E, TM248NBK36T 2097152 BY 36-BIT DYNAMIC RAM MODULE
SMMS139 – MARCH 1994
10
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (continued)
’124MBK36E - 60
’248NBK36E - 60
’124MBK36E - 70
’248NBK36E - 70
’124MBK36E - 80
’248NBK36E - 80
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
tCAH
Hold time, column address after CAS low
10
15
15
ns
tDHR
Hold time, data after RAS low (see Note 10)
50
55
60
ns
tDH
Hold time, data
10
15
15
ns
tAR
Hold time, column address after RAS low (see Note 10)
50
55
60
ns
tCLCH
Hold time, CAS low to CAS high
5
5
5
ns
tRAH
Hold time, row address after RAS low
10
10
10
ns
tRCH
Hold time, read after CAS high (see Note 11)
0
0
0
ns
tRRH
Hold time, read after RAS high (see Note 11)
0
0
0
ns
tWCH
Hold time, write after CAS low
15
15
15
ns
tWCR
Hold time, write after RAS low (see Note 10)
50
55
60
ns
tWHR
Hold time, W high (see Note 9)
10
10
10
ns
tCHR
Delay time, RAS low to CAS high (see Note 9)
15
15
20
ns
tCRP
Delay time, CAS high to RAS low
0
0
0
ns
tCSH
Delay time, RAS low to CAS high
60
70
80
ns
tCSR
Delay time, CAS low to RAS low (see Note 9)
10
10
10
ns
tRAD
Delay time, RAS low to column address (see Note 12)
15
30
15
35
15
40
ns
tRAL
Delay time, column address to RAS high
30
35
40
ns
tCAL
Delay time, column address to CAS high
30
35
40
ns
tRCD
Delay time, RAS low to CAS low (see Note 12)
20
45
20
52
20
60
ns
tRPC
Delay time, RAS high to CAS low (see Note 9)
0
0
0
ns
tRSH
Delay time, CAS low to RAS high
15
18
20
ns
tREF
Refresh time interval
16
16
16
ms
tT
Transition time
2
50
2
50
2
50
ns
NOTES:
9. CAS-before-RAS refresh only
10. The minimum value is measured when tRCD is set to tRCD min as a reference.
11. Either tRRH or tRCH must be satisfied for a read cycle.
12. The maximum value is specified only to assure access time.


Similar Part No. - TM248NBK36E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM248NBK36B TI-TM248NBK36B Datasheet
156Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM248NBK36B-60 TI-TM248NBK36B-60 Datasheet
156Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM248NBK36B-70 TI-TM248NBK36B-70 Datasheet
156Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM248NBK36B-80 TI-TM248NBK36B-80 Datasheet
156Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM248NBK36C TI1-TM248NBK36C Datasheet
160Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
More results

Similar Description - TM248NBK36E

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM361120 SIEMENS-HYM361120 Datasheet
136Kb / 9P
   1M x 36-Bit Dynamic RAM Module (2M x 18-Bit Dynamic RAM Module)
HYM368020S SIEMENS-HYM368020S Datasheet
102Kb / 10P
   8M x 36-Bit Dynamic RAM Module
logo
Texas Instruments
TM497MBK36Q TI1-TM497MBK36Q Datasheet
125Kb / 9P
[Old version datasheet]   4194304 BY 36-BIT DYNAMIC RAM MODULE
logo
Siemens Semiconductor G...
HYM362140S SIEMENS-HYM362140S Datasheet
161Kb / 9P
   2M x 36-Bit Dynamic RAM Module
HYM364020S SIEMENS-HYM364020S Datasheet
53Kb / 10P
   4M x 36-Bit Dynamic RAM Module
logo
Toshiba Semiconductor
THM361020S-80 TOSHIBA-THM361020S-80 Datasheet
473Kb / 17P
   1,048,576 WORDS x 36 BIT DYNAMIC RAM MODULE
logo
Texas Instruments
TM124BBJ32F TI-TM124BBJ32F Datasheet
143Kb / 10P
[Old version datasheet]   32-BIT DYNAMIC RAM MODULE
TM124BBK32F TI1-TM124BBK32F_09 Datasheet
157Kb / 9P
[Old version datasheet]   32-BIT DYNAMIC RAM MODULE
TM124BBK32F TI-TM124BBK32F Datasheet
137Kb / 9P
[Old version datasheet]   32-BIT DYNAMIC RAM MODULE
TM497MBK36H TI1-TM497MBK36H Datasheet
138Kb / 9P
[Old version datasheet]   4194304 BY 36-BIT DYNAMIC RAM MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com