Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM124MBK36F Datasheet(PDF) 6 Page - Texas Instruments

Part # TM124MBK36F
Description  36-BIT DRAM MODULE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM124MBK36F Datasheet(HTML) 6 Page - Texas Instruments

  TM124MBK36F Datasheet HTML 1Page - Texas Instruments TM124MBK36F Datasheet HTML 2Page - Texas Instruments TM124MBK36F Datasheet HTML 3Page - Texas Instruments TM124MBK36F Datasheet HTML 4Page - Texas Instruments TM124MBK36F Datasheet HTML 5Page - Texas Instruments TM124MBK36F Datasheet HTML 6Page - Texas Instruments TM124MBK36F Datasheet HTML 7Page - Texas Instruments TM124MBK36F Datasheet HTML 8Page - Texas Instruments TM124MBK36F Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TM124MBK36F, TM124MBK36U 1048576 BY 36-BIT DRAM MODULE
TM248NBK36F, TM248NBK36U 2097152 BY 36-BIT DRAM MODULE
SMMS650A – APRIL 1995 – REVISED JUNE 1995
6
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
’248NBK36F - 60
’248NBK36F - 70
’248NBK36F - 80
UNIT
PARAMETER
TEST CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
VOH
High-level output
voltage
IOH = – 5 mA
2.4
2.4
2.4
V
VOL
Low-level output
voltage
IOL = 4.2 mA
0.4
0.4
0.4
V
II
Input current
(leakage)
VCC = 5.5 V,
VI = 0 V to 6.5 V,
All other pins = 0 V to VCC
± 10
± 10
± 10
µA
IO
Output current
(leakage)
VCC = 5.5 V,
VO = 0 V to VCC, CAS high
± 20
± 20
± 20
µA
ICC1
Read- or write-cycle
current (see Note 3)
VCC = 5.5 V,
Minimum cycle
391
256
226
mA
ICC2 Standby current
VIH = 2.4 V (TTL),
After 1 memory cycle,
RAS and CAS high
12
12
12
mA
ICC2 Standby current
VIH = VCC – 0.2 V (CMOS),
After 1 memory cycle,
RAS and CAS high
6
6
6
mA
ICC3
Average refresh
current (RAS only or
CBR) (see Note 3)
VCC = 5.5 V,
Minimum cycle,
RAS cycling,
CAS high (RAS only);
RAS low after CAS low (CBR)
570
500
440
mA
ICC4
Average page current
(see Note 4)
VCC = 5.5 V,
tPC = MIN,
RAS low,
CAS cycling
256
226
196
mA
† For test conditions shown as MIN / MAX, use the appropriate value specified under recommended operating conditions.
NOTES:
3. Measured with a maximum of one address change while RAS = VIL
4. Measured with a maximum of one address change while CAS = VIH
capacitance over recommended ranges of supply voltage and operating free-air temperature,
f = 1 MHz (see Note 5)
PARAMETER
’124MBK36F
’248NBK36F
UNIT
PARAMETER
MIN
MAX
MIN
MAX
UNIT
Ci(A)
Input capacitance, address inputs
15
30
pF
Ci(R)
Input capacitance RAS inputs
RAS2, RAS3
14
14
pF
Ci(R)
Input capacitance, RAS inputs
RAS0, RAS1
7
7
pF
Ci(C)
Input capacitance, CAS inputs
14
28
pF
Ci(W)
Input capacitance, write-enable input
21
42
pF
Co(DQ) Output capacitance on DQ pins
7
14
pF
NOTE 5: Bias on pins under test is 0 V.


Similar Part No. - TM124MBK36F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM124MBK36B TI-TM124MBK36B Datasheet
156Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124MBK36B-60 TI-TM124MBK36B-60 Datasheet
156Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124MBK36B-70 TI-TM124MBK36B-70 Datasheet
156Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124MBK36B-80 TI-TM124MBK36B-80 Datasheet
156Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124MBK36C TI1-TM124MBK36C Datasheet
160Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
More results

Similar Description - TM124MBK36F

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM364035S SIEMENS-HYM364035S Datasheet
476Kb / 10P
   4M x 36-Bit EDO-DRAM Module
HYM368025S SIEMENS-HYM368025S Datasheet
104Kb / 10P
   8M x 36-Bit EDO - DRAM Module
HYM364025S SIEMENS-HYM364025S Datasheet
55Kb / 10P
   4M x 36-Bit EDO - DRAM Module
HYM368035S SIEMENS-HYM368035S Datasheet
557Kb / 10P
   8M x 36-Bit EDO-DRAM Module
logo
OKI electronic componet...
MSC23436A OKI-MSC23436A Datasheet
556Kb / 8P
   4,194,304-Word x 36-Bit DRAM MODULE : FAST PAGE TYPE
MSC23136C OKI-MSC23136C Datasheet
599Kb / 8P
   1,048,576-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23836AA OKI-MSC23836AA Datasheet
610Kb / 8P
   8,388,608-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23236C OKI-MSC23236C Datasheet
626Kb / 8P
   2,097,152-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23837A OKI-MSC23837A Datasheet
72Kb / 8P
   8,388,608-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23B236A OKI-MSC23B236A Datasheet
65Kb / 8P
   2,097,152-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com