Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM124GU8A-70 Datasheet(PDF) 5 Page - Texas Instruments

Part # TM124GU8A-70
Description  1 048 576-WORD BY 8-BIT DYNAMIC RANDOM-ACCESS MEMORY MODULE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM124GU8A-70 Datasheet(HTML) 5 Page - Texas Instruments

  TM124GU8A-70 Datasheet HTML 1Page - Texas Instruments TM124GU8A-70 Datasheet HTML 2Page - Texas Instruments TM124GU8A-70 Datasheet HTML 3Page - Texas Instruments TM124GU8A-70 Datasheet HTML 4Page - Texas Instruments TM124GU8A-70 Datasheet HTML 5Page - Texas Instruments TM124GU8A-70 Datasheet HTML 6Page - Texas Instruments TM124GU8A-70 Datasheet HTML 7Page - Texas Instruments TM124GU8A-70 Datasheet HTML 8Page - Texas Instruments TM124GU8A-70 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TM124GU8A
1 048 576-WORD BY 8-BIT DYNAMIC RANDOM-ACCESS MEMORY MODULE
SMMS181A–JANUARY 1991–REVISED JANUARY 1993
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
5
capacitance over recommended ranges of supply voltage and operating free-air temperature,
f = 1 MHz
PARAMETER
MIN
MAX
UNIT
Ci(A)
Input capacitance, address inputs
10
pF
Ci(DQ)
Input capacitance, data inputs/outputs
7
pF
Ci(RC)
Input capacitance, strobe inputs
14
pF
Ci(W)
Input capacitance, W input
14
pF
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature
PARAMETER
TM124GU8A-60
TM124GU8A-70
TM124GU8A-80
UNIT
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tAA
Access time from column-address
30
35
40
ns
tCAC
Access time from CAS low
15
18
20
ns
tCPA
Access time from column precharge
35
40
45
ns
tRAC
Access time from RAS low
60
70
80
ns
tCLZ
CAS to output in low Z
0
0
0
ns
tOFF
Output disable time after CAS high (see Note 5)
0
15
0
18
0
20
ns
NOTE 5: tOFF is specified when the otuput is no longer driven.


Similar Part No. - TM124GU8A-70

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TM1241 SANKEN-TM1241 Datasheet
64Kb / 2P
   TO-220F 12A Triac
TM1241S-L SANKEN-TM1241S-L Datasheet
61Kb / 2P
   TO-220F 12A Triac
TM1241S-R SANKEN-TM1241S-R Datasheet
64Kb / 2P
   TO-220F 12A Triac
logo
Texas Instruments
TM124BBJ32F TI-TM124BBJ32F Datasheet
143Kb / 10P
[Old version datasheet]   32-BIT DYNAMIC RAM MODULE
TM124BBJ32F-60 TI-TM124BBJ32F-60 Datasheet
143Kb / 10P
[Old version datasheet]   32-BIT DYNAMIC RAM MODULE
More results

Similar Description - TM124GU8A-70

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK5816384S ACCUTEK-AK5816384S Datasheet
85Kb / 2P
   16,777,216 Word by 8 Bit CMOS Dynamic Random Access Memory
AK584096BS ACCUTEK-AK584096BS Datasheet
77Kb / 2P
   4,194,304 Word by 8 Bit CMOS Dynamic Random Access Memory
logo
Texas Instruments
TMS44409 TI-TMS44409 Datasheet
413Kb / 26P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORY
SMJ4C1024 TI-SMJ4C1024 Datasheet
414Kb / 27P
[Old version datasheet]   1048576 BY 1-BIT DYNAMIC RANDOM-ACCESS MEMORY
TMS417800A TI1-TMS417800A Datasheet
343Kb / 24P
[Old version datasheet]   2097152 BY 8-BIT DYNAMIC RANDOM-ACCESS MEMORY
logo
ACCUTEK MICROCIRCUIT CO...
AK594096BS ACCUTEK-AK594096BS Datasheet
79Kb / 2P
   4,194,304 Word by 9 Bit CMOS Dynamic Random Access Memory
AK5321024BW ACCUTEK-AK5321024BW Datasheet
72Kb / 2P
   1,048,576 Word by 32 Bit CMOS Dynamic Random Access Memory
AK5916384S ACCUTEK-AK5916384S Datasheet
88Kb / 2P
   16,777,216 Word by 9 Bit CMOS Dynamic Random Access Memory
AK532256W ACCUTEK-AK532256W Datasheet
69Kb / 2P
   262,144 Word by 32 Bit CMOS Dynamic Random Access Memory
AK536512W ACCUTEK-AK536512W Datasheet
116Kb / 2P
   524,288 Word by 36 Bit CMOS Dynamic Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com