Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM4EP72BPB Datasheet(PDF) 8 Page - Texas Instruments

Part # TM4EP72BPB
Description  EXTENDED-DATA-OUT BUFFERED DYNAMIC RAM MODULES
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM4EP72BPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button TM4EP72BPB Datasheet HTML 4Page - Texas Instruments TM4EP72BPB Datasheet HTML 5Page - Texas Instruments TM4EP72BPB Datasheet HTML 6Page - Texas Instruments TM4EP72BPB Datasheet HTML 7Page - Texas Instruments TM4EP72BPB Datasheet HTML 8Page - Texas Instruments TM4EP72BPB Datasheet HTML 9Page - Texas Instruments TM4EP72BPB Datasheet HTML 10Page - Texas Instruments TM4EP72BPB Datasheet HTML 11Page - Texas Instruments TM4EP72BPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TM4EP72BPB, TM4EP72BJB, 4194304 BY 72BIT
TM4EP72CPB, TM4EP72CJB 4194304 BY 72BIT
EXTENDEDDATAOUT BUFFERED DYNAMIC RAM MODULES
SMMS686A − AUGUST 1997 − REVISED FEBRUARY 1998
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
capacitance
over recommended ranges of supply voltage and ambient temperature,
f = 1 MHz (see Note 2)
PARAMETER
’4EP72xxB
UNIT
PARAMETER
MIN
MAX
UNIT
Ci(A)
Input capacitance, A0 − A10
6
pF
Ci(OE)
Input capacitance, OEx
6
pF
Ci(CAS)
Input capacitance, CASx
6
pF
Ci(RAS)
Input capacitance, RASx
65
pF
Ci(W)
Input capacitance, WEx
6
pF
Co
Output capacitance
9
pF
NOTE 2: VDD= NOM supply voltage ± 10%, and the bias on pins under test is 0 V.
switching characteristics over recommended ranges of supply voltage and ambient temperature
(see Note 3)
PARAMETER
’4EP72xxB-50
’4EP72xxB-60
’4EP72xxB-70
UNIT
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tAA
Access time from column address (see Note 4)
30
35
40
ns
tCAC
Access time from CASx (see Note 4)
18
20
23
ns
tCPA
Access time from CASx precharge (see Note 4)
33
40
45
ns
tRAC
Access time from RASx (see Note 4)
50
60
70
ns
tOEA
Access time from OEx (see Note 4)
18
20
23
ns
tCLZ
Delay time, CASx to output in low impedance
2
2
2
ns
tREZ
Output buffer turn off delay from RASx (see Note 5)
3
13
3
15
3
18
ns
tCEZ
Output buffer turn off delay from CASx (see Note 5)
5
18
5
20
5
23
ns
tOEZ
Output buffer turn off delay from OEx (see Note 5)
5
18
5
20
5
23
ns
tWEZ
Output buffer turn off delay from WEx (see Note 5)
3
13
3
15
3
18
ns
NOTES:
3. With ac parameters, it is assumed that tT = 2 ns.
4. Access times are measured with output reference levels of VOH = 2 V and VOL = 0.8 V.
5. The maximum values of tREZ, tCEZ, tOEZ, and tWEZ are specified when the outputs are no longer driven. Data in must not be driven
until one of the applicable maximum values is satisfied.
EDO timing requirements (see Note 3)
’4EP72xxB-50
’4EP72xxB-60
’4EP72xxB-70
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tHPC
Cycle time, EDO page mode, read-write
20
25
30
ns
tPRWC Cycle time, EDO read-write
55
64
71
ns
tCSH
Delay time, RASx active to CASx precharge
38
46
56
ns
tCHO
Hold time, OEx from CASx
7
10
10
ns
tDOH
Hold time, output from CASx
5
5
5
ns
tCAS
Pulse duration, CASx active
8
10 000
10
10 000
12
10 000
ns
tWPE
Pulse duration, WEx active (output disable only)
7
7
7
ns
tOCH
Setup time, OEx before CASx
8
10
10
ns
tCP
Pulse duration, CASx precharge
8
10
10
ns
tOEP
Precharge time, OEx
5
5
5
ns
NOTE 3: With ac parameters, it is assumed that tT = 2 ns.


Similar Part No. - TM4EP72BPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM4EP72BPN TI-TM4EP72BPN Datasheet
354Kb / 22P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM4EP72BPN-50 TI-TM4EP72BPN-50 Datasheet
354Kb / 22P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM4EP72BPN-60 TI-TM4EP72BPN-60 Datasheet
354Kb / 22P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM4EP72BPN-70 TI-TM4EP72BPN-70 Datasheet
354Kb / 22P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
More results

Similar Description - TM4EP72BPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM4EN64KPU TI1-TM4EN64KPU Datasheet
328Kb / 20P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM497FBK32G TI1-TM497FBK32G Datasheet
174Kb / 12P
[Old version datasheet]   EXTENDED DATA OUT DYNAMIC RAM MODULES
TM2EP64DJN TI1-TM2EP64DJN Datasheet
679Kb / 43P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM497FBK32 TI-TM497FBK32 Datasheet
170Kb / 12P
[Old version datasheet]   EXTENDED DATA OUT DYNAMIC RAM MODULES
TM4EP64BJN TI-TM4EP64BJN Datasheet
354Kb / 22P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM497FBK32H TI1-TM497FBK32H Datasheet
209Kb / 13P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM2EJ64DPN TI1-TM2EJ64DPN Datasheet
312Kb / 20P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES ??SODIMM
TM4EJ64KPU TI1-TM4EJ64KPU Datasheet
378Kb / 24P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES ??? SODIMM
logo
Samsung semiconductor
K4E660412E SAMSUNG-K4E660412E Datasheet
192Kb / 21P
   16M x 4bit CMOS Dynamic RAM with Extended Data Out
K4E661612C SAMSUNG-K4E661612C Datasheet
884Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com