Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REF5025-HT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # REF5025-HT
Description  LOW NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5025-HT Datasheet(HTML) 3 Page - Texas Instruments

  REF5025-HT Datasheet HTML 1Page - Texas Instruments REF5025-HT Datasheet HTML 2Page - Texas Instruments REF5025-HT Datasheet HTML 3Page - Texas Instruments REF5025-HT Datasheet HTML 4Page - Texas Instruments REF5025-HT Datasheet HTML 5Page - Texas Instruments REF5025-HT Datasheet HTML 6Page - Texas Instruments REF5025-HT Datasheet HTML 7Page - Texas Instruments REF5025-HT Datasheet HTML 8Page - Texas Instruments REF5025-HT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REF5025-HT
www.ti.com
SBOS502D – SEPTEMBER 2009 – REVISED APRIL 2012
ABSOLUTE MAXIMUM RATINGS
(1)
UNIT
Input Voltage
18
V
Output Short-Circuit
30
mA
Operating Temperature Range
–55 to 210
°C
Storage Temperature Range
–65 to 210
°C
Junction Temperature (TJ max)
210
°C
Human Body Model (HBM)
3000
V
ESD Rating
Charged Device Model (CDM)
1000
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
THERMAL CHARACTERISTICS FOR HKJ OR HKQ PACKAGE
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
to ceramic side of case
5.7
θJC
Junction-to-case thermal resistance
°C/W
to top of case lid (metal side of case)
13.7
ELECTRICAL CHARACTERISTICS
TA = 25°C, ILOAD = 0, CL = 1 μF, VIN = 3.25 V to 18 V (unless otherwise noted).
TA = –55 to 125°C
TA = 210°C
PARAMETER
CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
OUTPUT VOLTAGE (2.5 V)
Output voltage
VOUT
2.5
2.5
V
Initial accuracy(1)
VIN = 3.25 V
0
0.9
0.14
%
NOISE
Output voltage noise
f = 0.1 Hz to 10 Hz
7.5
μVPP
OUTPUT VOLTAGE
TEMPERATURE DRIFT
Output voltage
Calculated from
dVOUT/dT
40
ppm/°C
temperature drift(2)
–55°C to 210°C
LINE REGULATION
Line regulation
dVOUT/dVIN
From VIN = 3.25 V to VIN = 18 V
1
2.2
63
215
ppm/V
LOAD REGULATION
Load regulation
dVOUT/dILOAD
–7 mA < ILOAD < 10 mA, VIN = 3.25 V
20
50
20
75
ppm/mA
SHORT-CIRCUIT CURRENT
Short-circuit current
ISC
VOUT = 0 V
25
11
mA
TEMP PIN
Voltage output
At TA = 25°C
575
mV
Temperature sensitivity(3)
2.64
mV/°C
TURN-ON SETTLING TIME
Turn-on settling time
To 0.1% with CL = 1 μF
200
μs
POWER SUPPLY
Supply voltage
VS
3.25
18
3.25
18
V
Quiescent current
0.8
1.2
1.5
mA
TEMPERATURE RANGE
Specified range
–55°C to 210°C
Operating range
–55°C to 210°C
(1)
Refer to Figure 5 of the TYPICAL CHARACTERISTICS.
(2)
Refer to Figure 4 of the TYPICAL CHARACTERISTICS.
(3)
Refer to Figure 10 of the TYPICAL CHARACTERISTICS.
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - REF5025-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF5025-HT TI1-REF5025-HT Datasheet
383Kb / 17P
[Old version datasheet]   LOW NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5025-HT TI1-REF5025-HT_14 Datasheet
383Kb / 17P
[Old version datasheet]   LOW NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
More results

Similar Description - REF5025-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF5010 TI-REF5010_15 Datasheet
2Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision Voltage Reference
REF5010 TI-REF5010_13 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5020A-Q1 TI1-REF5020A-Q1 Datasheet
888Kb / 19P
[Old version datasheet]   LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5010 TI-REF5010 Datasheet
614Kb / 20P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5020-EP TI1-REF5020-EP Datasheet
1Mb / 29P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision Voltage Reference
REF5020-EP TI-REF5020-EP_1 Datasheet
541Kb / 18P
[Old version datasheet]   LOW-NOISE,VERY LOW DRIFT,PRECISION VOLTAGE REFERENCE
REF5050AQDRQ1 TI1-REF5050AQDRQ1 Datasheet
1Mb / 21P
[Old version datasheet]   LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5010 TI1-REF5010 Datasheet
3Mb / 38P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision Voltage Reference
REF5025-HT TI1-REF5025-HT_14 Datasheet
383Kb / 17P
[Old version datasheet]   LOW NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5020A-Q1 TI1-REF5020A-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com