Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC320AD90 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLC320AD90
Description  Stereo Audio Codec
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC320AD90 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC320AD90 Datasheet HTML 6Page - Texas Instruments TLC320AD90 Datasheet HTML 7Page - Texas Instruments TLC320AD90 Datasheet HTML 8Page - Texas Instruments TLC320AD90 Datasheet HTML 9Page - Texas Instruments TLC320AD90 Datasheet HTML 10Page - Texas Instruments TLC320AD90 Datasheet HTML 11Page - Texas Instruments TLC320AD90 Datasheet HTML 12Page - Texas Instruments TLC320AD90 Datasheet HTML 13Page - Texas Instruments TLC320AD90 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
1–4
1.5
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AUX_L
20
I
Auxiliary input left channel from internal connector. AUX_L is used for upgrade
synthesizer or other source.
AUX_R
21
I
Auxiliary input right channel from internal connector. AUX_R is used for upgrade
synthesizer or other source.
AVDD1
16
I
Analog 5-V supply voltage
AVDD2
31
I
Analog 5-V supply voltage
AVDD3
50
I
Analog 5-V supply voltage
AVSS1
17
I
Analog ground
AVSS2
32
I
Analog ground
AVSS3
54
I
Analog ground
BIT_CLK
10
O
12.288-MHz serial data clock
CD_GND
25
I
CD audio analog ground (for pseudo-differential inputs) from CDROM.
CD_L
24
I
CD audio left channel from CDROM – pseuso-differential input
CD_R
26
I
CD audio right channel from CDROM – pseuso-differential input
DACIN_L
48
I
DAC input left channel. DACIN_L connects to the programmable gain amplifier
input.
DACIN_R
56
I
DAC input right channel. DACIN_R connects to the programmable gain amplifier
input.
DACOUT_L
47
O
DAC output left channel. DACOUT_L should be connected to DACIN_L through
external dc blocking capacitors.
DACOUT_R
55
O
DAC output right channel. DACOUT_R should be connected to DACIN_R through
external dc blocking capacitors.
DVDD1
5
I
Digital 5-V supply voltage
DVDD2
13
I
Digital 5-V or 3.3-V supply voltage
DVSS1
8
I
Digital ground
DVSS2
11
I
Digital ground
LFILT_M
38
O
Differential anti-aliasing filter for ADC left channel
LFILT_P
37
O
Differential anti-aliasing filter for ADC left channel
LINE_IN_L
29
I
Line in left channel. LINE_IN_L connects to line-in jack. Will drive 600
Ω load.
LINE_IN_R
30
I
Line in right channel. LINE_IN_R connects to line-in jack. Will drive 600
Ω load.
LINE_OUT_L
45
O
Line output left channel to output jack.
LINE_OUT_R
46
O
Line output right channel to output jack.


Similar Part No. - TLC320AD90

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD90C TI1-TLC320AD90C Datasheet
232Kb / 51P
[Old version datasheet]   Stereo Audio Codec
TLC320AD90CFN TI1-TLC320AD90CFN Datasheet
232Kb / 51P
[Old version datasheet]   Stereo Audio Codec
TLC320AD90CPM TI1-TLC320AD90CPM Datasheet
232Kb / 51P
[Old version datasheet]   Stereo Audio Codec
More results

Similar Description - TLC320AD90

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC27 TI1-TLV320AIC27_05 Datasheet
738Kb / 10P
[Old version datasheet]   STEREO AUDIO CODEC
TLV320AIC27 TI-TLV320AIC27 Datasheet
684Kb / 52P
[Old version datasheet]   STEREO AUDIO CODEC
PCM3070 TI1-PCM3070_14 Datasheet
1Mb / 49P
[Old version datasheet]   Stereo Audio Codec
TLC320AD90C TI1-TLC320AD90C Datasheet
232Kb / 51P
[Old version datasheet]   Stereo Audio Codec
logo
List of Unclassifed Man...
WM8734 ETC-WM8734 Datasheet
414Kb / 42P
   STEREO AUDIO CODEC
logo
Wolfson Microelectronic...
WM8734 WOLFSON-WM8734_06 Datasheet
529Kb / 46P
   Stereo Audio CODEC
logo
Texas Instruments
TLC320AD91 TI1-TLC320AD91 Datasheet
184Kb / 43P
[Old version datasheet]   Stereo Audio Codec
TLV320AIC3105 TI1-TLV320AIC3105 Datasheet
2Mb / 103P
[Old version datasheet]   Low-Power Stereo Audio Codec
TLV320AIC3104 TI1-TLV320AIC3104_14 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power Stereo Audio Codec
logo
Rohm
BU7807-00KV ROHM-BU7807-00KV Datasheet
302Kb / 5P
   Stereo audio interface with CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com