Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1785AR Datasheet(PDF) 11 Page - Sony Corporation

Part # CXA1785AR
Description  US Audio Multiplexing Decoder
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1785AR Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXA1785AR Datasheet HTML 7Page - Sony Corporation CXA1785AR Datasheet HTML 8Page - Sony Corporation CXA1785AR Datasheet HTML 9Page - Sony Corporation CXA1785AR Datasheet HTML 10Page - Sony Corporation CXA1785AR Datasheet HTML 11Page - Sony Corporation CXA1785AR Datasheet HTML 12Page - Sony Corporation CXA1785AR Datasheet HTML 13Page - Sony Corporation CXA1785AR Datasheet HTML 14Page - Sony Corporation CXA1785AR Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
—11—
CXA1785AR
SW5
→a, SW46→ON
Input SG2 (100 kHz) to (A) and adjust V42
so that the amplitude of the sine wave at
TP22 is 0.5 VP-P. With SG2 at 1.8 MHz,
Gp5 and Gp6 are the amount of change in
the output amplitude at TP22 when V48 = 2
V and 3 V.
Input SG3 (100 kHz/3.58 MHz, 0 dB) to (A)
and measure the output level at TP1 for
3.58 MHz to 100 kHz.
SW13
→a
Input SG3 (100 kHz/4.43 MHz, 0 dB) to (A)
and measure the output level at TP1 for
4.43 MHz to 100 kHz.
Input SG1 (APL = 10%, 0 dB) to (A). V1 is
the output amplitude (black-black) at TP22.
Next, input SG1 (APL = 90%, 0 dB). V2 is
the output amplitude (black-black) at TP22.
K = (V1- |V1 - V2|)
× 100/V1
SW5
→b, SW13→a, V6=3.5 V
Input SG5 (4.43 MHz, burst/chroma phase =
±135°) to (A) and measure the amplitude of
the chroma signal at TP12.
SW13
→a, V6=3.5 V
Input SG5 (4.43 MHz, burst/chroma phase =
±135°) to (B) and measure the amplitude of
the chroma signal at TP12.
SW5
→b
Input SG5 (0 dB, +6 dB, -25 dB), (burst/
chroma phase = 180°) to (A). Measure the
output amplitude at TP12, labeling the
output corresponding to 0 dB, +6 dB and -25
dB as V0, V1 and V2, respectively.
GA1 = 20log(V1/V0)
GA2 = 20log(V2/V0)
SW5
→a
Input SG5 (0 dB, +6 dB, -25 dB), (burst/
chroma phase = 180°) to (B). Measure the
output amplitude at TP12, labeling the
output corresponding to 0 dB, +6 dB and -25
dB as V0, V1 and V2, respectively.
GA3 = 20log(V1/V0)
GA4 = 20log(V2/V0)
Gp5
Gp6
Gtf
(NT)
Gtf
(PAL)
K
Vcmax1
Vcmax2
GA1
GA2
GA3
GA4
Amount of image quality
adjustment variation
(Y/C input, Y/color
difference input)
Trap attenuation
(NTSC)
Trap attenuation (PAL)
DC regeneration ratio
Chroma Block
Maximum chroma out-
put(composite video
input PAL)
Maximum chroma out-
put (Y/C input PAL)
ACC characteristics
(composite video input
NTSC)
ACC characteristics
(Y/C input NTSC)
14.0
17.0
1.0
3.0
dB
- 45
- 30
- 45
- 30
95
%
0.7
0.85
1.2
VP-P
0.7
0.85
1.2
0
2.0
- 10.0 - 5.0
dB
0
2.0
- 9.0
- 4.0
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit


Similar Part No. - CXA1785AR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1782 SONY-CXA1782 Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
CXA1782BQ SONY-CXA1782BQ Datasheet
1Mb / 31P
   RF Signal Processing Servo Amplifier for CD player
CXA1782BR SONY-CXA1782BR Datasheet
1Mb / 31P
   RF Signal Processing Servo Amplifier for CD player
CXA1782CQ SONY-CXA1782CQ Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
CXA1782CR SONY-CXA1782CR Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
More results

Similar Description - CXA1785AR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2149Q SONY-CXA2149Q Datasheet
300Kb / 25P
   US Audio Multiplexing Decoder
CXA2054S SONY-CXA2054S Datasheet
514Kb / 38P
   US Audio Multiplexing Decoder
CXA1734S SONY-CXA1734S Datasheet
471Kb / 30P
   US Audio Multiplexing Decoder
CXA2104S SONY-CXA2104S Datasheet
331Kb / 28P
   US Audio Multiplexing Decoder
CXA2174S SONY-CXA2174S Datasheet
310Kb / 29P
   US Audio Multiplexing Decoder
CXA2074Q SONY-CXA2074Q Datasheet
513Kb / 38P
   US Audio Multiplexing Decoder
CXA2094Q SONY-CXA2094Q Datasheet
386Kb / 31P
   US Audio Multiplexing Decoder
CXA2134Q SONY-CXA2134Q Datasheet
433Kb / 35P
   US Audio Multiplexing Decoder
CXA1784AS SONY-CXA1784AS Datasheet
724Kb / 38P
   US Audio Multiplexing Decoder
CXA2064M SONY-CXA2064M Datasheet
297Kb / 21P
   US Audio Multiplexing Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com