Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1784AS Datasheet(PDF) 4 Page - Sony Corporation

Part # CXA1784AS
Description  US Audio Multiplexing Decoder
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1784AS Datasheet(HTML) 4 Page - Sony Corporation

  CXA1784AS Datasheet HTML 1Page - Sony Corporation CXA1784AS Datasheet HTML 2Page - Sony Corporation CXA1784AS Datasheet HTML 3Page - Sony Corporation CXA1784AS Datasheet HTML 4Page - Sony Corporation CXA1784AS Datasheet HTML 5Page - Sony Corporation CXA1784AS Datasheet HTML 6Page - Sony Corporation CXA1784AS Datasheet HTML 7Page - Sony Corporation CXA1784AS Datasheet HTML 8Page - Sony Corporation CXA1784AS Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
– 4 –
CXA1784AS
Pin
Symbol
Pin
Equivalent circuit
Description
No.
voltage
7
8
9
10
11
SDA
SCL
DGND
SAD
VGR
1.3V
Serial data I/O pin.
VIH > 3.0 V
VIL < 1.5 V
Serial clock input pin.
VIH > 3.0 V
VIL < 1.5 V
Digital block GND.
Slave address control switch.
The slave address is selected
by changing the voltage
applied to this pin.
Band gap reference output
pin. (Connect a 10 µF
capacitor between this pin
and GND.)
7.5k
4.5k
× 5
4k
3k
7.5k
VCC
↓ 35µ
2.1V
× 2
7
7.5k
↓ 35µ
2.1V
19.5k
× 4
4k
3k
VCC
8
9
2V
40k
80k
10k
VCC
10
× 4
11k
9.7k
19.4k
2.06k
3k
147
VCC
11k
11k
11


Similar Part No. - CXA1784AS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1782 SONY-CXA1782 Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
CXA1782BQ SONY-CXA1782BQ Datasheet
1Mb / 31P
   RF Signal Processing Servo Amplifier for CD player
CXA1782BR SONY-CXA1782BR Datasheet
1Mb / 31P
   RF Signal Processing Servo Amplifier for CD player
CXA1782CQ SONY-CXA1782CQ Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
CXA1782CR SONY-CXA1782CR Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
More results

Similar Description - CXA1784AS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2149Q SONY-CXA2149Q Datasheet
300Kb / 25P
   US Audio Multiplexing Decoder
CXA2054S SONY-CXA2054S Datasheet
514Kb / 38P
   US Audio Multiplexing Decoder
CXA1734S SONY-CXA1734S Datasheet
471Kb / 30P
   US Audio Multiplexing Decoder
CXA2104S SONY-CXA2104S Datasheet
331Kb / 28P
   US Audio Multiplexing Decoder
CXA2174S SONY-CXA2174S Datasheet
310Kb / 29P
   US Audio Multiplexing Decoder
CXA2074Q SONY-CXA2074Q Datasheet
513Kb / 38P
   US Audio Multiplexing Decoder
CXA2094Q SONY-CXA2094Q Datasheet
386Kb / 31P
   US Audio Multiplexing Decoder
CXA2134Q SONY-CXA2134Q Datasheet
433Kb / 35P
   US Audio Multiplexing Decoder
CXA1785AR SONY-CXA1785AR Datasheet
556Kb / 29P
   US Audio Multiplexing Decoder
CXA2064M SONY-CXA2064M Datasheet
297Kb / 21P
   US Audio Multiplexing Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com