Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTEA420025 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PTEA420025
Description  20-A, 48-V INPUT, ISOLATED, 1/8th BRICK DC-DC CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTEA420025 Datasheet(HTML) 2 Page - Texas Instruments

  PTEA420025 Datasheet HTML 1Page - Texas Instruments PTEA420025 Datasheet HTML 2Page - Texas Instruments PTEA420025 Datasheet HTML 3Page - Texas Instruments PTEA420025 Datasheet HTML 4Page - Texas Instruments PTEA420025 Datasheet HTML 5Page - Texas Instruments PTEA420025 Datasheet HTML 6Page - Texas Instruments PTEA420025 Datasheet HTML 7Page - Texas Instruments PTEA420025 Datasheet HTML 8Page - Texas Instruments PTEA420025 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
PTEA420025, PTEA420033
SLTS288C – JUNE 2007 – REVISED OCTOBER 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum at the end of this datasheet, or see the TI
website at www.ti.com.
Table 1. PART NUMBERING SCHEME
Input
Output
Output Voltage
Enable
Electrical Options
Pin Style
Voltage
Current
PTEA
4
20
033
N
2
A
D
4 = 48 V
20 = 20 A
025 = 2.5 V
N = Negative
2 = VO Adjust
D = Through-hole, Pb-free
033 = 3.3 V
P = Positive
ABSOLUTE MAXIMUM RATING
UNIT
TA
Operating Temperature
Over VI Range
–40°C to 85°C(1)
Range
VI,
Continuous voltage
80 V
Maximum Input Voltage
MAX
Peak voltage for 100 ms duration
100 V
PTEA420033x2
66 W
PO,
Maximum Output Power
MAX
PTEA420025x2
50 W
TS
Storage Temperature
–55°C to 125°C
Per Mil-STD-883, Method 2002.3 1 ms, 1/2
AD Suffix
250 G
Mechanical Shock
Sine, mounted
Per Mil-STD-883, Method 2007.2 20-2000 Hz,
AD Suffix
15 G
Mechanical Vibrarion
PCB mounted
Weight
18 grams
Flammability
Meets UL 94V-O
(1)
See SOA curves or consult factory for appropriate derating.
2
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): PTEA420025 PTEA420033


Similar Part No. - PTEA420025

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTEA404120 TI-PTEA404120 Datasheet
345Kb / 14P
[Old version datasheet]   50-W, 48-V INPUT, 12-V OUTPUT, ISOLATED DC/DC CONVERTER
PTEA404120N2AD TI-PTEA404120N2AD Datasheet
345Kb / 14P
[Old version datasheet]   50-W, 48-V INPUT, 12-V OUTPUT, ISOLATED DC/DC CONVERTER
PTEA404120N2AS TI-PTEA404120N2AS Datasheet
345Kb / 14P
[Old version datasheet]   50-W, 48-V INPUT, 12-V OUTPUT, ISOLATED DC/DC CONVERTER
PTEA404120N2AZ TI-PTEA404120N2AZ Datasheet
345Kb / 14P
[Old version datasheet]   50-W, 48-V INPUT, 12-V OUTPUT, ISOLATED DC/DC CONVERTER
PTEA404120P2AD TI-PTEA404120P2AD Datasheet
345Kb / 14P
[Old version datasheet]   50-W, 48-V INPUT, 12-V OUTPUT, ISOLATED DC/DC CONVERTER
More results

Similar Description - PTEA420025

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTEA415050 TI1-PTEA415050 Datasheet
314Kb / 14P
[Old version datasheet]   15-A, 48-V INPUT, 5-V OUTPUT, ISOLATED, 1/8th BRICK DC/DC CONVERTER
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PTB48500 TI1-PTB48500_15 Datasheet
518Kb / 17P
[Old version datasheet]   48-V INPUT ISOLATED DC/DC CONVERTER
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4410 TI-PT4410 Datasheet
243Kb / 10P
[Old version datasheet]   100-Watt 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com