Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC06A-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC06A-Q1
Description  HEX INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC06A-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC06A-Q1 Datasheet HTML 1Page - Texas Instruments SN74LVC06A-Q1 Datasheet HTML 2Page - Texas Instruments SN74LVC06A-Q1 Datasheet HTML 3Page - Texas Instruments SN74LVC06A-Q1 Datasheet HTML 4Page - Texas Instruments SN74LVC06A-Q1 Datasheet HTML 5Page - Texas Instruments SN74LVC06A-Q1 Datasheet HTML 6Page - Texas Instruments SN74LVC06A-Q1 Datasheet HTML 7Page - Texas Instruments SN74LVC06A-Q1 Datasheet HTML 8Page - Texas Instruments SN74LVC06A-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Electrical Characteristics
Switching Characteristics
Operating Characteristics, TA = 25°C
SN74LVC06A-Q1
www.ti.com .................................................................................................................................................. SCAS761B – FEBRUARY 2004 – REVISED APRIL 2008
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
IOL = 100 µA
1.65 V to 3.6 V
0.2
IOL = 4 mA
1.65 V
0.45
VOL
IOL = 8 mA
2.3 V
0.7
V
IOL = 12 mA
2.7 V
0.5
IOL = 24 mA
3 V
0.65
II
VI = 5.5 V or GND
3.6 V
±5
µA
ICC
VI = VCC or GND, IO = 0
3.6 V
10
µA
ΔICC
One input at VCC – 0.6 V, Other inputs at VCC or GND
2.7 V to 3.6 V
1
mA
Ci
VI = VCC or GND
3.3 V
5
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 3.3 V
VCC = 2.7 V
FROM
TO
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
tpd
A
Y
3.9
1
3.7
ns
VCC = 3.3 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
Cpd
Power dissipation capacitance per buffer/driver
f = 10 MHz
2.5
pF
Copyright © 2004–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN74LVC06A-Q1


Similar Part No. - SN74LVC06A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC06A-EP TI1-SN74LVC06A-EP Datasheet
287Kb / 9P
[Old version datasheet]   HEX INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
More results

Similar Description - SN74LVC06A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC06 TI-SN74AUC06 Datasheet
543Kb / 11P
[Old version datasheet]   HEX INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC06A-EP TI1-SN74LVC06A-EP Datasheet
287Kb / 9P
[Old version datasheet]   HEX INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC07A-Q1 TI1-SN74LVC07A-Q1_15 Datasheet
744Kb / 15P
[Old version datasheet]   HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07A TI-SN74LVC07A_10 Datasheet
733Kb / 21P
[Old version datasheet]   HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07A-EP TI-SN74LVC07A-EP Datasheet
308Kb / 12P
[Old version datasheet]   HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07A-Q1 TI-SN74LVC07A-Q1 Datasheet
143Kb / 9P
[Old version datasheet]   HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07A_101 TI-SN74LVC07A_101 Datasheet
841Kb / 23P
[Old version datasheet]   HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07A TI1-SN74LVC07A_15 Datasheet
1Mb / 30P
[Old version datasheet]   Hex Buffer/Driver With Open-Drain Outputs
logo
Fairchild Semiconductor
74LCX06 FAIRCHILD-74LCX06 Datasheet
60Kb / 7P
   Low Voltage Hex Inverter/Buffer with Open Drain Outputs
logo
ON Semiconductor
MC74HC05A ONSEMI-MC74HC05A Datasheet
157Kb / 7P
   Hex Inverter with Open Drain Outputs
November, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com