Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTEA415050P2AD Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PTEA415050P2AD
Description  15-A, 48-V INPUT, 5-V OUTPUT, ISOLATED, 1/8th BRICK DC/DC CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTEA415050P2AD Datasheet(HTML) 3 Page - Texas Instruments

  PTEA415050P2AD Datasheet HTML 1Page - Texas Instruments PTEA415050P2AD Datasheet HTML 2Page - Texas Instruments PTEA415050P2AD Datasheet HTML 3Page - Texas Instruments PTEA415050P2AD Datasheet HTML 4Page - Texas Instruments PTEA415050P2AD Datasheet HTML 5Page - Texas Instruments PTEA415050P2AD Datasheet HTML 6Page - Texas Instruments PTEA415050P2AD Datasheet HTML 7Page - Texas Instruments PTEA415050P2AD Datasheet HTML 8Page - Texas Instruments PTEA415050P2AD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PTEA415050
www.ti.com
SLTS291B – JULY 2008 – REVISED NOVEMBER 2010
ELECTRICAL CHARACTERISTICS PTEA415050
(Unless otherwise stated, TA =25°C, VI = 48 V, VO = 5 V, CO = 0 mF, and IO = IOmax)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IO
Output Current
Over VI range
0
15
A
VI
Input Voltage Range
Over IO Range
35
48
75
V
VO tol
±1(1)
%VO
Set Point Voltage Tolerance
4.95
5
5.05
V
Regtemp
Temperature Variation
–40°C >TA > 85°C
±91
%VO
Regline
Line Regulation
Over VI range
±1
mV
Regload
Load Regulation
Over IO range
±1
mV
ΔVotot
Total Output Voltage Variation
Includes set-point, line, load, –40°C >TA > 85°C
±1.5
±3
%VO
ΔVADJ
Output Adjust Range
PO ≤ 75 W
–20
10
%VO
h
Efficiency
IO = IOmax
91%
VR
VO Ripple (pk-pk)
20 MHz bandwidth
40
mVpp
ttr
0.1 A/ms slew rate, 50% to 75% IOmax
100
ms
Transient Response
ΔVtr
VO over/undershoot
200
mV
ITRIP
Overcurrent Threshold
Shutdown, followed by auto-recovery
19
A
OVP
Output Overvoltage Protection
Output shutdown and latch off
120
%VO
OTP
Over Temperature Protection
Temperature Measurement at thermal sensor. Hysteresis
115
° C
= 10°C nominal.
fs
Switching Frequency
Over VI range
290
kHz
VOFF
VI decreasing, IO = 5 A
29.4
UVLO
Undervoltage Lockout
V
VHYS
Hysteresis
3.3
On/Off Input: Negative Enable
VIH
Input High Voltage
2.4
Open(2)
Referenced to –VI
V
VIL
Input Low Voltage
–0.2
0.8
IIL
Input Low Current
–0.2
mA
On/Off Input: Positive Enable
VIH
Input High Voltage
4.5
Open(2)
Referenced to –VI
V
VIL
Input Low Voltage
–0.2
0.8
IIL
Input Low Current
–0.2
mA
IISB
Standby Input Current
Output disabled (pin 2 status set to Off)
0.5
mA
CI
External Input Capacitance
Between +VI and –VI
0
100
mF
Between +VO and –VO
0
1000
mF
CO
External Output Capacitance
Equivalent Series Resistance
10
m
Isolation Voltage
Input-to-output and input-to-case
1500
Vdc
Isolation Capacitance
Input-to-output
1200
pF
Isolation Resistance
Input-to-output
10
M
(1)
If Sense(–) is not used, pin 5 must be connected to pin 4 for optimum output voltage accuracy.
(2)
The Remote On/Off input has an internal pull-up and may be controlled with an open collector (or open drain) interface. An open circuit
correlates to a logic high. Consult the application notes for interface considerations.
Copyright © 2008–2010, Texas Instruments Incorporated
3
Product Folder Link(s): PTEA415050


Similar Part No. - PTEA415050P2AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTEA404120 TI-PTEA404120 Datasheet
345Kb / 14P
[Old version datasheet]   50-W, 48-V INPUT, 12-V OUTPUT, ISOLATED DC/DC CONVERTER
PTEA404120N2AD TI-PTEA404120N2AD Datasheet
345Kb / 14P
[Old version datasheet]   50-W, 48-V INPUT, 12-V OUTPUT, ISOLATED DC/DC CONVERTER
PTEA404120N2AS TI-PTEA404120N2AS Datasheet
345Kb / 14P
[Old version datasheet]   50-W, 48-V INPUT, 12-V OUTPUT, ISOLATED DC/DC CONVERTER
PTEA404120N2AZ TI-PTEA404120N2AZ Datasheet
345Kb / 14P
[Old version datasheet]   50-W, 48-V INPUT, 12-V OUTPUT, ISOLATED DC/DC CONVERTER
PTEA404120P2AD TI-PTEA404120P2AD Datasheet
345Kb / 14P
[Old version datasheet]   50-W, 48-V INPUT, 12-V OUTPUT, ISOLATED DC/DC CONVERTER
More results

Similar Description - PTEA415050P2AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTEA420025 TI1-PTEA420025 Datasheet
338Kb / 16P
[Old version datasheet]   20-A, 48-V INPUT, ISOLATED, 1/8th BRICK DC-DC CONVERTER
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T Datasheet
433Kb / 12P
   ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 3.3 V/15 A, 5 V/12 A, 12 V/5 A Output, 1/8 Brick
logo
Texas Instruments
PTB48500 TI1-PTB48500_15 Datasheet
518Kb / 17P
[Old version datasheet]   48-V INPUT ISOLATED DC/DC CONVERTER
PTEA404120 TI-PTEA404120 Datasheet
345Kb / 14P
[Old version datasheet]   50-W, 48-V INPUT, 12-V OUTPUT, ISOLATED DC/DC CONVERTER
logo
Bel Fuse Inc.
VRPF-15A1AC BEL-VRPF-15A1AC Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTER 12 V Input 1.2 V-5.0 V/15 A Output
logo
Texas Instruments
PTB48500 TI1-PTB48500_14 Datasheet
580Kb / 18P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
PTB48500 TI-PTB48500_06 Datasheet
400Kb / 17P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
PTB48500 TI-PTB48500 Datasheet
411Kb / 14P
[Old version datasheet]   Dual-Output, 48-V Input Isolated DC/DC Converter for xDSL
PTB48500A TI1-PTB48500A Datasheet
581Kb / 17P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
logo
Bel Fuse Inc.
XRAH-05BT50 BEL-XRAH-05BT50 Datasheet
134Kb / 6P
   NON-ISOLATED DC/DC CONVERTER 5 V Input Vref/2 / 5 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com