Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV595A-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV595A-Q1
Description  8-BIT SHIFT REGISTER WITH 3-STATE OUTPUT REGISTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV595A-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LV595A-Q1 Datasheet HTML 2Page - Texas Instruments SN74LV595A-Q1 Datasheet HTML 3Page - Texas Instruments SN74LV595A-Q1 Datasheet HTML 4Page - Texas Instruments SN74LV595A-Q1 Datasheet HTML 5Page - Texas Instruments SN74LV595A-Q1 Datasheet HTML 6Page - Texas Instruments SN74LV595A-Q1 Datasheet HTML 7Page - Texas Instruments SN74LV595A-Q1 Datasheet HTML 8Page - Texas Instruments SN74LV595A-Q1 Datasheet HTML 9Page - Texas Instruments SN74LV595A-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
SN74LV595A-Q1
SCLS539D – AUGUST 2003 – REVISED OCTOBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS
over recommended operating free-air temperature range (unless otherwise noted)
TA = −40°C TO 85°C
TA = −40°C TO 125°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
IOH = −50 μA
2 V to 5.5 V
VCC – 0.1
VCC – 0.1
IOH = −2 mA
2.3 V
2
2
QH′
IOH = −6 mA
2.48
2.45
VOH
3 V
V
QA−QH
IOH = −8 mA
2.48
2.45
QH′
IOH = −12 mA
3.8
3.7
4.5 V
QA−QH
IOH = −16 mA
3.8
3.7
IOL = 50 μA
2 V to 5.5 V
0.1
0.1
IOH = 2 mA
2.3 V
0.4
0.45
QH′
IOH = 6 mA
0.44
0.5
VOL
3 V
V
QA−QH
IOH = 8 mA
0.44
0.5
QH′
IOH = 12 mA
0.55
0.65
4.5 V
QA−QH
IOH = 16 mA
0.55
0.65
II
VI = 5.5 V or GND
0 V to 5.5 V
±1
±1
nA
IOZ
QA−QH
VO = VCC or GND
5.5 V
±5
±10
µA
ICC
VI = VCC or GND, IO = 0
5.5 V
20
40
µA
Ioff
VI or VO = 0 to 5.5 V
0
5(1)
10
µA
Ci
VI = VCC or GND
3.3 V
3.5
3.5
pF
(1)
Ioff does not apply to pin 9.
6
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): SN74LV595A-Q1


Similar Part No. - SN74LV595A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV595A-Q1 TI1-SN74LV595A-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   8-Bit Shift Registers With 3-State Output Registers
SN74LV595A-Q1 TI-SN74LV595A-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   SN74LV595A 8-Bit Shift Registers With 3-State Output Registers
REVISED JUNE 2022
SN74LV595A-Q1 TI-SN74LV595A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   SN74LV595A-Q1 8-Bit Shift Registers With 3-State Output Registers
REVISED JUNE 2022
SN74LV595A-Q1 TI-SN74LV595A-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   SN74LV595A-Q1 8-Bit Shift Registers With 3-State Output Registers
REVISED NOVEMBER 2022
SN74LV595A-Q1 TI-SN74LV595A-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   SN74LV595A 8-Bit Shift Registers With 3-State Output Registers
REVISED NOVEMBER 2022
More results

Similar Description - SN74LV595A-Q1

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC595 UTC-U74AHC595 Datasheet
268Kb / 7P
   8-BIT SHIFT REGISTER WITH 3-STATE OUTPUT REGISTERS
logo
Texas Instruments
SN74LV595A-EP TI1-SN74LV595A-EP Datasheet
588Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTER WITH 3-STATE OUTPUT REGISTERS
SN74AHC595-Q1 TI1-SN74AHC595-Q1 Datasheet
210Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTER WITH 3-STATE OUTPUT REGISTERS
SN54AHCT595 TI-SN54AHCT595 Datasheet
415Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54LV595A TI-SN54LV595A Datasheet
492Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI-SN54HC595_09 Datasheet
847Kb / 25P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595 TI-SN74HC595_10 Datasheet
809Kb / 26P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595B TI1-SN74HC595B Datasheet
238Kb / 21P
[Old version datasheet]   8-Bit Shift Registers With 3-State Output Registers
SN54HC595 TI-SN54HC595 Datasheet
139Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI1-SN54HC595_15 Datasheet
1Mb / 36P
[Old version datasheet]   8-Bit Shift Registers With 3-State Output Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com