Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV240DBLE Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74LV240DBLE
Description  OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV240DBLE Datasheet(HTML) 4 Page - Texas Instruments

  SN74LV240DBLE Datasheet HTML 1Page - Texas Instruments SN74LV240DBLE Datasheet HTML 2Page - Texas Instruments SN74LV240DBLE Datasheet HTML 3Page - Texas Instruments SN74LV240DBLE Datasheet HTML 4Page - Texas Instruments SN74LV240DBLE Datasheet HTML 5Page - Texas Instruments SN74LV240DBLE Datasheet HTML 6Page - Texas Instruments SN74LV240DBLE Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SN54LV240, SN74LV240
OCTAL BUFFERS/DRIVERS
WITH 3STATE OUTPUTS
SCLS193B − FEBRUARY 1993 − REVISED APRIL 1996
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
FROM
TO
SN54LV240
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V ± 0.5 V
VCC = 3.3 V ± 0.3 V
VCC = 2.7 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
MAX
UNIT
tpd
A
Y
7
13
9
16
18
ns
ten
OE
Y
11
18
14
24
28
ns
tdis
OE
Y
12
23
14
24
25
ns
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
FROM
TO
SN74LV240
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V ± 0.5 V
VCC = 3.3 V ± 0.3 V
VCC = 2.7 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
MAX
UNIT
tpd
A
Y
7
13
9
16
18
ns
ten
OE
Y
11
18
14
24
28
ns
tdis
OE
Y
12
23
14
24
25
ns
operating characteristics, VCC = 3.3 V, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
Outputs enabled
3.3 V
45
Cpd
Power dissipation capacitance per buffer/driver
Outputs disabled
CL = 50 pF,
f = 10 MHz
3.3 V
2.5
pF
Cpd
Power dissipation capacitance per buffer/driver
Outputs enabled
CL = 50 pF,
f = 10 MHz
5 V
78
pF
Outputs disabled
5 V
3
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74LV240DBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV240DBLE TI-SN74LV240DBLE Datasheet
137Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LV240DBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC244 TI-SN54AC244 Datasheet
361Kb / 14P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com