Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV221AQPWRG4Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV221AQPWRG4Q1
Description  DUAL MONOSTABLE MULTIVIBRATOR WITH SCHMITT-TRIGGER INPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV221AQPWRG4Q1 Datasheet(HTML) 5 Page - Texas Instruments

  SN74LV221AQPWRG4Q1 Datasheet HTML 1Page - Texas Instruments SN74LV221AQPWRG4Q1 Datasheet HTML 2Page - Texas Instruments SN74LV221AQPWRG4Q1 Datasheet HTML 3Page - Texas Instruments SN74LV221AQPWRG4Q1 Datasheet HTML 4Page - Texas Instruments SN74LV221AQPWRG4Q1 Datasheet HTML 5Page - Texas Instruments SN74LV221AQPWRG4Q1 Datasheet HTML 6Page - Texas Instruments SN74LV221AQPWRG4Q1 Datasheet HTML 7Page - Texas Instruments SN74LV221AQPWRG4Q1 Datasheet HTML 8Page - Texas Instruments SN74LV221AQPWRG4Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SN74LV221A-Q1
www.ti.com
SCLS692A
– OCTOBER 2005 – REVISED APRIL 2008
Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
–40°C to 125°C
–40°C to 85°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
IOH = –50 μA
2 V to 5.5 V
VCC
VCC – 0.1
0.1
IOH = –2 mA
2.3 V
2
2
VOH
V
IOH = –6 mA
3 V
2.48
2.48
IOH = –12 mA
4.5 V
3.8
3.8
IOL = 50 μA
2 V to 5.5 V
0.1
0.1
IOL = 2 mA
2.3 V
0.4
0.4
VOL
V
IOL = 6 mA
3 V
0.44
0.44
IOL = 12 mA
4.5 V
0.55
0.55
0
±1
±1
A, B,
II
VI = 5.5 V or GND
μA
and CLR
0 to 5.5 V
±1
±1
ICC
Quiescent
VI = VCC or GND,
IO = 0
5.5 V
20
20
μA
Active
3 V
280
280
state
4.5 V
650
650
ICC
VI = VCC or GND,
Rext/Cext = 0.5 VCC
μA
(per
975
975
5.5 V
circuit)
Ioff
VI or VO = 0 to 5.5 V
0
10
5
μA
3.3 V
1.9
1.9
Ci
VI = VCC or GND
pF
5 V
1.9
1.9
Timing Requirements
over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
TA = 25°C
–40°C to 125°C
–40°C to 85°C
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
CLR
5
7
5
tw
Pulse duration
ns
A or B trigger
5
7
5
Timing Requirements
over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
TA = 25°C
–40°C to 125°C
–40°C to 85°C
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
CLR
5
7
5
tw
Pulse duration
ns
A or B trigger
5
7
5
Copyright
© 2005–2008, Texas Instruments Incorporated
5


Similar Part No. - SN74LV221AQPWRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV221A TI-SN74LV221A Datasheet
436Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT TRIGGER INPUTS
SN74LV221A TI-SN74LV221A Datasheet
443Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV221A TI-SN74LV221A Datasheet
577Kb / 22P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV221A TI-SN74LV221A Datasheet
718Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV221AD TI-SN74LV221AD Datasheet
436Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT TRIGGER INPUTS
More results

Similar Description - SN74LV221AQPWRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV123A-Q1 TI-SN74LV123A-Q1 Datasheet
163Kb / 10P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR WITH SCHMITT - TRIGGER INPUTS
SN74LV123A-Q1 TI1-SN74LV123A-Q1_16 Datasheet
897Kb / 24P
[Old version datasheet]   Dual Retriggerable Monostable Multivibrator With Schmitt-Trigger Inputs
SN74LV123A-EP TI1-SN74LV123A-EP Datasheet
475Kb / 12P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR WITH SCHMITT-TRIGGER INPUTS
SN74LVC1G123 TI-SN74LVC1G123 Datasheet
326Kb / 18P
[Old version datasheet]   SINGLE RETRIGGERABLE MONOSTABLE MULTIVIBRATOR WITH SCHMITT TRIGGER INPUTS
logo
Nexperia B.V. All right...
74LVC1G123-Q100 NEXPERIA-74LVC1G123-Q100 Datasheet
286Kb / 21P
   Single retriggerable monostable multivibrator Schmitt trigger inputs
74LVC1G123 NEXPERIA-74LVC1G123 Datasheet
331Kb / 24P
   Single retriggerable monostable multivibrator; Schmitt trigger inputs
Rev. 7 - 20 April 2021
logo
Texas Instruments
SN54LV221A TI-SN54LV221A_08 Datasheet
718Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Motorola, Inc
SN54LS221 MOTOROLA-SN54LS221 Datasheet
193Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Texas Instruments
SN74221J TI-SN74221J Datasheet
963Kb / 27P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54221 TI-SN54221_08 Datasheet
902Kb / 26P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATPORS WITH SCHMITT-TRIGGER INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com