Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV221A-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV221A-Q1
Description  DUAL MONOSTABLE MULTIVIBRATOR WITH SCHMITT-TRIGGER INPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV221A-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LV221A-Q1 Datasheet HTML 6Page - Texas Instruments SN74LV221A-Q1 Datasheet HTML 7Page - Texas Instruments SN74LV221A-Q1 Datasheet HTML 8Page - Texas Instruments SN74LV221A-Q1 Datasheet HTML 9Page - Texas Instruments SN74LV221A-Q1 Datasheet HTML 10Page - Texas Instruments SN74LV221A-Q1 Datasheet HTML 11Page - Texas Instruments SN74LV221A-Q1 Datasheet HTML 12Page - Texas Instruments SN74LV221A-Q1 Datasheet HTML 13Page - Texas Instruments SN74LV221A-Q1 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
1.20
1.15
1.10
1.05
1.00
0.95
0.90
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
RT = 10 kΩ
TA = 25°C
tw = K × CT × RT
VCC − Supply Voltage − V
OUTPUT PULSE DURATION CONSTANT
vs
SUPPLY VOLTAGE
CT = 1000 pF
CT = 0.01 µF
CT = 0.1 µF
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
0.00001
0.0001
0.001
TA = 25°C
VCC = 5 V
For Capacitor Values of
0.001
µF or Greater, K = 1.0
(K is Independent of R)
Multiplier Factor − K
EXTERNAL CAPACITANCE
vs
MULTIPLIER FACTOR
tw − Output Pulse Duration
DISTRIBUTION OF UNITS
vs
OUTPUT PULSE DURATION
Mean = 856 ns
Median = 856 ns
Std. Dev. = 3.5 ns
VCC = 5 V
TA = 25°C
CT = 50 pF
RT = 10 kΩ
−3 Std. Dev.
+3 Std. Dev.
Median
99% of Data Units
SN74LV221A-Q1
SCLS692A
– OCTOBER 2005 – REVISED APRIL 2008
www.ti.com
Figure 6.
Figure 7.
Figure 8.
10
Copyright
© 2005–2008, Texas Instruments Incorporated


Similar Part No. - SN74LV221A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV221A TI-SN74LV221A Datasheet
436Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT TRIGGER INPUTS
SN74LV221A TI-SN74LV221A Datasheet
443Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV221A TI-SN74LV221A Datasheet
577Kb / 22P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV221A TI-SN74LV221A Datasheet
718Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV221AD TI-SN74LV221AD Datasheet
436Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT TRIGGER INPUTS
More results

Similar Description - SN74LV221A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV123A-Q1 TI-SN74LV123A-Q1 Datasheet
163Kb / 10P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR WITH SCHMITT - TRIGGER INPUTS
SN74LV123A-Q1 TI1-SN74LV123A-Q1_16 Datasheet
897Kb / 24P
[Old version datasheet]   Dual Retriggerable Monostable Multivibrator With Schmitt-Trigger Inputs
SN74LV123A-EP TI1-SN74LV123A-EP Datasheet
475Kb / 12P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR WITH SCHMITT-TRIGGER INPUTS
SN74LVC1G123 TI-SN74LVC1G123 Datasheet
326Kb / 18P
[Old version datasheet]   SINGLE RETRIGGERABLE MONOSTABLE MULTIVIBRATOR WITH SCHMITT TRIGGER INPUTS
logo
Nexperia B.V. All right...
74LVC1G123-Q100 NEXPERIA-74LVC1G123-Q100 Datasheet
286Kb / 21P
   Single retriggerable monostable multivibrator Schmitt trigger inputs
74LVC1G123 NEXPERIA-74LVC1G123 Datasheet
331Kb / 24P
   Single retriggerable monostable multivibrator; Schmitt trigger inputs
Rev. 7 - 20 April 2021
logo
Texas Instruments
SN54LV221A TI-SN54LV221A_08 Datasheet
718Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Motorola, Inc
SN54LS221 MOTOROLA-SN54LS221 Datasheet
193Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Texas Instruments
SN74221J TI-SN74221J Datasheet
963Kb / 27P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54221 TI-SN54221_08 Datasheet
902Kb / 26P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATPORS WITH SCHMITT-TRIGGER INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com