Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV32A-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV32A-Q1
Description  QUADRUPLE 2-INPUT POSITIVE-OR GATE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV32A-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  SN74LV32A-Q1 Datasheet HTML 1Page - Texas Instruments SN74LV32A-Q1 Datasheet HTML 2Page - Texas Instruments SN74LV32A-Q1 Datasheet HTML 3Page - Texas Instruments SN74LV32A-Q1 Datasheet HTML 4Page - Texas Instruments SN74LV32A-Q1 Datasheet HTML 5Page - Texas Instruments SN74LV32A-Q1 Datasheet HTML 6Page - Texas Instruments SN74LV32A-Q1 Datasheet HTML 7Page - Texas Instruments SN74LV32A-Q1 Datasheet HTML 8Page - Texas Instruments SN74LV32A-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SN74LV32A-Q1
QUADRUPLE 2-INPUT POSITIVE-OR GATE
SCLS516C − JULY 2003 − REVISED FEBRUARY 2008
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
IOH = −50 µA
2 V to 5.5 V
VCC−0.1
V
IOH = −2 mA
2.3 V
2
V
VOH
IOH = −6 mA
3 V
2.48
V
IOH = −12 mA
4.5 V
3.8
IOL = 50 µA
2 V to 5.5 V
0.1
V
IOL = 2 mA
2.3 V
0.4
V
VOL
IOL = 6 mA
3 V
0.44
V
IOL = 12 mA
4.5 V
0.55
II
VI = 5.5 V or GND
0 to 5.5 V
±1
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
20
µA
Ioff
VI or VO = 0 to 5.5 V
0
5
µA
C
V =V
or GND
3.3 V
3.3
pF
Ci
VI = VCC or GND
5 V
3.3
pF
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
UNIT
tpd
A or B
Y
CL = 50 pF
9.6
16.2
1
20
ns
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
UNIT
tpd
A or B
Y
CL = 50 pF
6.9
11.4
1
13
ns
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
UNIT
tpd
A or B
Y
CL = 50 pF
4.9
7.5
1
8.5
ns


Similar Part No. - SN74LV32A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV32A-Q1 TI1-SN74LV32A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Quadruple 2-Input Positive-Or Gates
More results

Similar Description - SN74LV32A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AC32-EP TI1-SN74AC32-EP Datasheet
274Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74LV32A-EP TI1-SN74LV32A-EP Datasheet
519Kb / 12P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74AUC32 TI-SN74AUC32 Datasheet
403Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74ALVC32 TI-SN74ALVC32 Datasheet
248Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
74AC11032 TI-74AC11032 Datasheet
76Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
REVISED APRIL 1996
SN74LVC32A-EP TI1-SN74LVC32A-EP Datasheet
559Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74AHC32-EP TI1-SN74AHC32-EP Datasheet
433Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74AHCT32-Q1 TI1-SN74AHCT32-Q1 Datasheet
262Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
CD74ACT32-Q1 TI1-CD74ACT32-Q1 Datasheet
200Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74ALVC32 TI-SN74ALVC32_07 Datasheet
404Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com