Electronic Components Datasheet Search |
|
284TCER504A24BT Datasheet(PDF) 2 Page - CTS Corporation |
|
284TCER504A24BT Datasheet(HTML) 2 Page - CTS Corporation |
2 / 2 page Ordering Information 284T Metal Shaft, Bushing Mount, Solder Lug Terminal 02/16/12 Please consult factory for custom or not listed features. A - ± 10% B - ± 20% RESIST TOL Examples: RESISTANCE CODE EXAMPLES SHAFT LENGTH “L” B TERMINAL STYLE T- Solder Lug BUSHING MOUNT ”A” CODE RESISTANCE 102 1K 103 10K 503 50K 104 100K 504 500K Length Examples: LINEARITY 284 mm inch A - 5.0 mm 2 - .250” B - 7.5 mm 3 - .375” C - 10.0 mm 4 - .500” mm inch 1 - .625” 2 - .750” 3 - .875” 4 - 1.000” A - 10 mm B - 15 mm C - 20 mm D - 25 mm T A A R 103 A 2 2 2 - ± 2% Notes: Shaft Diameter: Metric Unit: 6mm, Imperial Unit: .125” Incremental Length : Metric Unit: 5mm, Imperial Unit: .125” IP Rating 4 - IP40 1 ROTATION ANGLE Angle Life A - 220° 2M Cycles B - 60° 3M Cycles LOCATING LUG “G” 1 - Left, 7.3 mm 5 - 1.125” E - 30 mm 2 - 2 CTS Electrocomponents © 2012 CTS Corporation. All rights reserved. Information subject to change. www.ctscorp.com 6.3 0.3 1.1 “L” “A” WIPER CW CCW CLOCKWISE CIRCUIT 1 2 3 1.3 “G” 20.8 2.5 DIMENSION: mm inch .819 .051 .098 .248 .012 .043 5 - IP54 6 - IP67 Shaft Trim F - FLATTED R - ROUND S - SLOTTED “Y” “Z” “X” “Y” X Imperial Shaft Metric Shaft .125” 6.00 X Y Imperial Shaft Metric Shaft .125” 6.00 .076” 4.00 “X” Z .156” 5.00 “Z” “X” X Y Imperial Shaft Metric Shaft .125” 6.00 .039” 1.57 Z .047” 1.00 Note: Angle means Effective Electric Angle Notes: Incremental Length : Metric Unit: 2.5mm, Imperial Unit: .125” Bushing Dia. & Thread: Metric Unit: M7 X .75P Imperial Unit: 1/4-32 UNEF METAL SHAFT TRIM 16.0 9.94 MTG SURFACE K - SLOT & KNURLED 24TEETH “Y” “X” X Y Imperial Shaft Metric Shaft .236” 6.00 .062” 1.57 Z .157” 4.00 “Z” R Round F S Slotted - Flatted - - K Slot & Knurled - Note: Contact CTS for shaft sizes not listed Note: Contact CTS for shaft sizes not listed |
Similar Part No. - 284TCER504A24BT |
|
Similar Description - 284TCER504A24BT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |