Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8121N Datasheet(PDF) 2 Page - Texas Instruments

Part # PT8121N
Description  30-A 12-V Input Programmable Integrated Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT8121N Datasheet(HTML) 2 Page - Texas Instruments

  PT8121N Datasheet HTML 1Page - Texas Instruments PT8121N Datasheet HTML 2Page - Texas Instruments PT8121N Datasheet HTML 3Page - Texas Instruments PT8121N Datasheet HTML 4Page - Texas Instruments PT8121N Datasheet HTML 5Page - Texas Instruments PT8121N Datasheet HTML 6Page - Texas Instruments PT8121N Datasheet HTML 7Page - Texas Instruments PT8121N Datasheet HTML 8Page - Texas Instruments PT8121N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
VID 3
VID 2 VID 1 VID 0
11
11
11
10
11
01
11
00
10
11
10
10
10
01
10
00
01
11
01
10
01
01
01
00
00
11
00
10
00
01
00
00
*For STBY pin:
Open
=Output Enabled
Ground
=Output Disabled
Pin Function
1
VID 0
2
VID 1
3
VID 2
4
VID 3
5
VID 4
6
STBY *
7
Do Not Connect
8
Do Not Connect
9
Do Not Connect
10
Do Not Connect
11
VID Common
Notes:
i) Logic 0 = Connect to VID Common
ii) Logic 1 = Open circuit (no pull-up resistors)
iii) VID3 and VID4 may not be changed while the unit is operating.
iv) See page 4 for PT8124 (VRM 8.5) programming information.
PT8120 Series
Pin Function
12
Vin
13
Vin
14
Vin
15
Vin
16
Vin
17
GND
18
GND
19
GND
20
GND
21
GND
Pin Function
22
GND
23
Vout
24
Vout
25
Vout
26
Vout
27
Vout
28
Vout
29
Vout
30
Vout
31
Remote Sense
Pin-Out Information (Except PT8124 )
30-A 12-V Input Programmable
Integrated Switching Regulator
Output Voltage Programming Information (Except PT8124)
PT8121
(VRM 8.3/8.4)
VID 4=1
VID 4=0
Vout
Vout
2.00V
1.30V
2.10V
1.35V
2.20V
1.40V
2.30V
1.45V
2.40V
1.50V
2.50V
1.55V
2.60V
1.60V
2.70V
1.65V
2.80V
1.70V
2.90V
1.75V
3.00V
1.80V
3.10V
1.85V
3.20V
1.90V
3.30V
1.95V
3.40V
2.00V
3.50V
2.05V
PT8122
(VRM 9.0)
VID 4=1
VID 4=0
Vout
Vout
1.075V
1.475V
1.100V
1.500V
1.125V
1.525V
1.150V
1.550V
1.175V
1.575V
1.200V
1.600V
1.225V
1.625V
1.250V
1.650V
1.275V
1.675V
1.300V
1.700V
1.325V
1.725V
1.350V
1.750V
1.375V
1.775V
1.400V
1.800V
1.425V
1.825V
1.450V
1.850V
PT8123
(Custom Code)
VID 4=1
VID 4=0
Vout
Vout
0.800V
1.200V
0.825V
1.225V
0.850V
1.250V
0.875V
1.275V
0.900V
1.300V
0.925V
1.325V
0.950V
1.350V
0.975V
1.375V
1.000V
1.400V
1.025V
1.425V
1.050V
1.450V
1.075V
1.475V
1.100V
1.500V
1.125V
1.525V
1.150V
1.550V
1.175V
1.575V
PT8125
(Custom Code)
VID 4=1
VID 4=0
Vout
Vout
4.5V
6.1V
4.6V
6.2V
4.7V
6.3V
4.8V
6.4V
4.9V
6.5V
5.0V
6.6V
5.1V
6.7V
5.2V
6.8V
5.3V
6.9V
5.4V
7.0V
5.5V
7.1V
5.6V
7.2V
5.7V
7.3V
5.8V
7.4V
5.9V
7.5V
6.0V
7.6V
† See page 4 for PT8124 pin-out


Similar Part No. - PT8121N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT8121 TI-PT8121 Datasheet
192Kb / 10P
[Old version datasheet]   30-A 12-V Input Programmable Integrated Switching Regulator
More results

Similar Description - PT8121N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT8125 TI-PT8125 Datasheet
192Kb / 10P
[Old version datasheet]   30-A 12-V Input Programmable Integrated Switching Regulator
PT8139 TI1-PT8139 Datasheet
190Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7671 TI1-PT7671 Datasheet
193Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT5820 TI-PT5820 Datasheet
173Kb / 10P
[Old version datasheet]   16-A 12-V Input Adjustable Integrated Switching Regulator
PT6360 TI-PT6360 Datasheet
317Kb / 14P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
PT6364 TI-PT6364 Datasheet
307Kb / 9P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
PT6340 TI1-PT6340 Datasheet
206Kb / 11P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
PT6341 TI-PT6341 Datasheet
174Kb / 9P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
PT8100 TI-PT8100 Datasheet
231Kb / 14P
[Old version datasheet]   40-A 3.3/5-V Input Programmable Integrated Switching Regulator
PT7673 TI1-PT7673 Datasheet
187Kb / 9P
[Old version datasheet]   30-A 5-Bit Programmable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com